Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF3710 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TRF3710
Description  IQ DEMODULATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF3710 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TRF3710 Datasheet HTML 7Page - Texas Instruments TRF3710 Datasheet HTML 8Page - Texas Instruments TRF3710 Datasheet HTML 9Page - Texas Instruments TRF3710 Datasheet HTML 10Page - Texas Instruments TRF3710 Datasheet HTML 11Page - Texas Instruments TRF3710 Datasheet HTML 12Page - Texas Instruments TRF3710 Datasheet HTML 13Page - Texas Instruments TRF3710 Datasheet HTML 14Page - Texas Instruments TRF3710 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
HISTOGRAM PLOTS
0
20
40
60
80
IIP3-dBm
CDMA
WCDMA
18.5
19
19.5
20
20.5
21
21.5
22
22.5
23
0
10
20
30
40
50
60
42.6
42.8
43
43.2
43.4
43.6
43.8
Gain-dB
0
10
20
30
40
IIP2-dBm
CDMA
WCDMA
54
58
62
66
70
74
78
82
0
5
10
15
20
25
30
35
OIP3-dBVrms
CDMA
WCDMA
29
30
31
32
33
34
35
36
0
10
20
30
40
50
60
70
12.75
13
13.25
13.75
14
14.25
NF-dB
13.5
TRF3710
SLWS199 – AUGUST 2007
CONVERSION GAIN DISTRIBUTION
IIP3 DISTRIBUTION
Figure 25.
Figure 26.
IIP2 DISTRIBUTION
OIP3 DISTRIBUTION
Figure 27.
Figure 28.
NF DISTRIBUTION
Figure 29.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TRF3710


Similar Part No. - TRF3710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3710_15 TI-TRF3710_15_15 Datasheet
467Kb / 27P
[Old version datasheet]   IQ DEMODULATOR
More results

Similar Description - TRF3710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3710_15 TI-TRF3710_15_15 Datasheet
467Kb / 27P
[Old version datasheet]   IQ DEMODULATOR
TRF371125 TI-TRF371125 Datasheet
1Mb / 46P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
TRF371135_15 TI-TRF371135_15_15 Datasheet
2Mb / 58P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
TRF371135 TI-TRF371135 Datasheet
2Mb / 54P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
logo
Teledyne Technologies I...
IQM2811 TELEDYNE-IQM2811 Datasheet
268Kb / 2P
   IQ MIXER MODULATOR/DEMODULATOR
logo
NEC
UPC2781GR NEC-UPC2781GR Datasheet
78Kb / 5P
   SI MMIC IQ DEMODULATOR
UPC2766GR NEC-UPC2766GR_00 Datasheet
76Kb / 7P
   WIDEBAND IQ DEMODULATOR FOR DIGITAL RECEIVERS
UPC3205GR NEC-UPC3205GR Datasheet
135Kb / 20P
   IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
logo
Teledyne Technologies I...
IQM4221 TELEDYNE-IQM4221 Datasheet
272Kb / 2P
   1.9 TO 4.2 GHz IQ MIXER MODULATOR/DEMODULATOR
IQM11621 TELEDYNE-IQM11621 Datasheet
241Kb / 2P
   6.0 TO 10.8 GHz IQ MIXER MODULATOR/DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com