Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75C189D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75C189D
Description  QUADRUPLE LOW-POWER LINE RECEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75C189D Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75C189D Datasheet HTML 4Page - Texas Instruments SN75C189D Datasheet HTML 5Page - Texas Instruments SN75C189D Datasheet HTML 6Page - Texas Instruments SN75C189D Datasheet HTML 7Page - Texas Instruments SN75C189D Datasheet HTML 8Page - Texas Instruments SN75C189D Datasheet HTML 9Page - Texas Instruments SN75C189D Datasheet HTML 10Page - Texas Instruments SN75C189D Datasheet HTML 11Page - Texas Instruments SN75C189D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SN75C189, SN75C189A
QUADRUPLE LOW-POWER LINE RECEIVERS
SLLS041G – OCTOBER 1988 – REVISED JANUARY 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
SN75C189
HIGH-LEVEL INPUT CURRENT
vs
FREE-AIR TEMPERATURE
VCC = 4.5 V
VI = 3 V
TA – Free-Air Temperature – °C
0
20
406080
100
0.7
0.65
0.6
0.55
0.5
0.45
0.4
Figure 14
SN75C189A
HIGH-LEVEL INPUT CURRENT
vs
FREE-AIR TEMPERATURE
VCC = 4.5 V
VI = 3 V
TA – Free-Air Temperature – °C
0
204060
80
100
0.35
0.65
0.6
0.55
0.5
0.45
0.4
Figure 15
SN75C189
LOW-LEVEL INPUT CURRENT
vs
FREE-AIR TEMPERATURE
VCC = 4.5 V
VI = 3 V
TA – Free-Air Temperature – °C
0
2040
6080
100
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
Figure 16
SN75C189A
LOW-LEVEL INPUT CURRENT
vs
FREE-AIR TEMPERATURE
VCC = 4.5 V
VI = 3 V
TA – Free-Air Temperature – °C
0
2040
6080
100
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8


Similar Part No. - SN75C189D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C189D TI-SN75C189D Datasheet
150Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C189D TI-SN75C189D Datasheet
397Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C189D TI-SN75C189D Datasheet
594Kb / 20P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C189DB TI-SN75C189DB Datasheet
150Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C189DE4 TI-SN75C189DE4 Datasheet
397Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE RECEIVERS
More results

Similar Description - SN75C189D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C189 TI-SN75C189_06 Datasheet
397Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C189 TI-SN75C189_08 Datasheet
594Kb / 20P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C189 TI-SN75C189 Datasheet
150Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE RECEIVERS
SN65LBC173 TI-SN65LBC173 Datasheet
156Kb / 10P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
SN65LBC175 TI-SN65LBC175 Datasheet
157Kb / 10P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
SN65LBC175DW TI1-SN65LBC175DW Datasheet
639Kb / 16P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
SN65LBC173 TI1-SN65LBC173_08 Datasheet
363Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
MC1489 TI-MC1489 Datasheet
149Kb / 10P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
logo
List of Unclassifed Man...
GD75189A ETC-GD75189A Datasheet
493Kb / 3P
   QUADRUPLE LINE RECEIVERS
logo
Texas Instruments
MC1489 TI-MC1489_08 Datasheet
740Kb / 21P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com