Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC604AIMLTR Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC604AIMLTR
Description  Low Noise, High Efficiency Regulated White LED Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC604AIMLTR Datasheet(HTML) 1 Page - Semtech Corporation

  SC604AIMLTR Datasheet HTML 1Page - Semtech Corporation SC604AIMLTR Datasheet HTML 2Page - Semtech Corporation SC604AIMLTR Datasheet HTML 3Page - Semtech Corporation SC604AIMLTR Datasheet HTML 4Page - Semtech Corporation SC604AIMLTR Datasheet HTML 5Page - Semtech Corporation SC604AIMLTR Datasheet HTML 6Page - Semtech Corporation SC604AIMLTR Datasheet HTML 7Page - Semtech Corporation SC604AIMLTR Datasheet HTML 8Page - Semtech Corporation SC604AIMLTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
United States Patents: 6,504,422, 6,794,926
www.semtech.com
POWER MANAGEMENT
OBJECTIVE -NOVEMBER
9, 2000
SC604A
Low Noise, High Efficiency
Regulated White LED Driver
Features
June 27, 2005
Description
Applications
Typical Application Circuit
The SC604A is a very high efficiency charge pump white
LED driver driver from the mAhXLifeTM family of products,
optimized for Li-Ion battery applications.
The four (4) LED outputs are current matched for consis-
tent LED brightness. Extremely low battery current is
achieved by automatically reconfiguring the charge pump
to match circuit conditions. Using four LEDs, each at
20mA for a total I
OUT= 80mA, the SC604A can use less
than 83mA from the supply for most of the battery life.
Patented low noise mode switching circuitry and constant
output current allow the use of extremely small input and
output capacitors.
Very high efficiency over 90% of battery life
Peak efficiency over 92%
Current regulation for up to 4 LEDs
Digital 3 bit output control logic
Current matching tolerance of ±3% typical
Wide current range per LED [0.5mA - 30mA]
High available total LED current = 4 I
LED = 120mA
Low Shutdown Current: 1µA typical
Soft start / In-rush current limiting
Short circuit protection
MLP-16 [4x4] Package
Fixed frequency 250kHz
1x, 1.5x and 2x charge pump modes of operation
Cellular phones
LED backlighting
PDA power supplies
Portable devices
Electronic books
Wireless web appliances
LCD Modules
Patent Pending
VIN
EN
CTRL0
CTRL1
BATTERY
1
µF
CTRL2
GND
ILED1
ILED2
ILED3
ILED4
VOUT
C1+
C1-
C2+
C2-
SC604A
1
µF
1
µF
1
µF
ISET


Similar Part No. - SC604AIMLTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC604-R ETC1-SC604-R Datasheet
283Kb / 13P
   Speech And Music Processor
SC604-RL1 ETC1-SC604-RL1 Datasheet
283Kb / 13P
   Speech And Music Processor
logo
ABC Taiwan Electronics ...
SC60440001L ABC-SC60440001L Datasheet
2Mb / 10P
   SMD BALUN TRANSFORMER
SC60440002L ABC-SC60440002L Datasheet
2Mb / 10P
   SMD BALUN TRANSFORMER
SC60440003L ABC-SC60440003L Datasheet
2Mb / 10P
   SMD BALUN TRANSFORMER
More results

Similar Description - SC604AIMLTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
   High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
   High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
   High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
[Old version datasheet]   High-Efficiency White-LED Driver
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
   High Efficiency White LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
   High Efficiency White LED Driver
logo
Texas Instruments
LM3699 TI1-LM3699 Datasheet
1Mb / 25P
[Old version datasheet]   High-Efficiency White LED Driver
logo
Monolithic Power System...
MP1521 MPS-MP1521 Datasheet
170Kb / 8P
   High Efficiency White LED Driver
logo
National Semiconductor ...
LM3570 NSC-LM3570 Datasheet
352Kb / 13P
   Low Noise White LED Driver System
logo
Diodes Incorporated
AP3154A DIODES-AP3154A_15 Datasheet
1Mb / 14P
   120mA HIGH EFFICIENCY WHITE LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com