Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1771PWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1771PWR
Description  LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1771PWR Datasheet(HTML) 1 Page - Texas Instruments

  PCM1771PWR Datasheet HTML 1Page - Texas Instruments PCM1771PWR Datasheet HTML 2Page - Texas Instruments PCM1771PWR Datasheet HTML 3Page - Texas Instruments PCM1771PWR Datasheet HTML 4Page - Texas Instruments PCM1771PWR Datasheet HTML 5Page - Texas Instruments PCM1771PWR Datasheet HTML 6Page - Texas Instruments PCM1771PWR Datasheet HTML 7Page - Texas Instruments PCM1771PWR Datasheet HTML 8Page - Texas Instruments PCM1771PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
PCM1770, PCM1771
SLES011E – SEPTEMBER 2001 – REVISED MARCH 2007
LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER
WITH HEADPHONE AMPLIFIER
• Portable Audio Player
• Multilevel DAC Including Headphone Amplifier
• Cellular Phone
• Analog Performance (V
CC, VHP = 2.4 V):
• PDA
Dynamic Range: 98 dB Typ
• Other Applications Requiring Low-Voltage
THD+N at 0 dB: 0.1% Typ
Operation
THD+N at –20 dB: 0.04% Typ
Output Power at RL = 16 Ω: 13 mW
(Stereo), 26 mW (Monaural)
The PCM1770 and PCM1771 devices are CMOS,
• 1.6-V to 3.6-V Single Power Supply
monolithic, integrated circuits which include stereo
• Low Power Dissipation: 6.5 mW at V
CC, VHP =
digital-to-analog converters, headphone circuitry, and
support circuitry in small TSSOP-16 and VQFN-20
2.4 V
packages.
• System Clock: 128 f
S, 192 fS, 256 fS, 384 fS
The data converters use TI's enhanced multilevel
∆-Σ
• Sampling Frequency: 5 kHz to 50 kHz
architecture, which employs noise shaping and
• Software Control (PCM1770):
multilevel amplitude quantization to achieve excellent
16-, 20-, 24-Bit Word Available
dynamic performance and improved tolerance to
clock jitter. The PCM1770 and PCM1771 devices
Left-, Right-Justified, and I2S
accept several industry standard audio data formats
Slave/Master Selectable
with 16- to 24-bit data, left-justified, I2S, etc.,
Digital Attenuation: 0 dB to –62 dB, 1
providing easy interfacing to audio DSP and decoder
dB/Step
devices. Sampling rates up to 50 kHz are supported.
A
full
set
of
user-programmable
functions
is
44.1-kHz Digital De-Emphasis
accessible through a 3-wire serial control port, which
Zero Cross Attenuation
supports register write functions.
Digital Soft Mute
Monaural Analog-In With Mixing
Monaural Speaker Mode
• Hardware Control (PCM1771):
Left-Justified and I2S
44.1-kHz Digital De-Emphasis
Monaural Analog-In With Mixing
• Pop-Noise-Free Circuit
• 3.3-V Tolerant
• Packages: TSSOP-16 and VQFN-20
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1771PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1771PWR TI-PCM1771PWR Datasheet
311Kb / 29P
[Old version datasheet]   LOW VOLTAGE AND POWER STEREO AUDIO DIGITAL TO ANALOG CONVER WITH HEADPHONE AMPLIFER
More results

Similar Description - PCM1771PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1770 TI-PCM1770 Datasheet
311Kb / 29P
[Old version datasheet]   LOW VOLTAGE AND POWER STEREO AUDIO DIGITAL TO ANALOG CONVER WITH HEADPHONE AMPLIFER
logo
Burr-Brown (TI)
PCM1772 BURR-BROWN-PCM1772 Datasheet
309Kb / 29P
   LOW VOLTAGE AND LOW POWER STEREO AUDIO DIGITAL TO ANALOG CONVERTER WITH LINEOUT AMPIIFIER
logo
STMicroelectronics
TDA7469 STMICROELECTRONICS-TDA7469 Datasheet
274Kb / 13P
   LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH HEADPHONE POWER AMPLIFIER
TDA7469 STMICROELECTRONICS-TDA7469_1 Datasheet
715Kb / 13P
   LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH HEADPHONE POWER AMPLIFIER
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
   Low Power Stereo Audio DAC With Headphone Amplifier
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
logo
Sanyo Semicon Device
LA4571MB SANYO-LA4571MB Datasheet
222Kb / 10P
   Low-Voltage Headphone Amplifier for Stereo Audio
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Suzhou Everest Semicond...
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com