Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1770PWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1770PWR
Description  LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1770PWR Datasheet(HTML) 3 Page - Texas Instruments

  PCM1770PWR Datasheet HTML 1Page - Texas Instruments PCM1770PWR Datasheet HTML 2Page - Texas Instruments PCM1770PWR Datasheet HTML 3Page - Texas Instruments PCM1770PWR Datasheet HTML 4Page - Texas Instruments PCM1770PWR Datasheet HTML 5Page - Texas Instruments PCM1770PWR Datasheet HTML 6Page - Texas Instruments PCM1770PWR Datasheet HTML 7Page - Texas Instruments PCM1770PWR Datasheet HTML 8Page - Texas Instruments PCM1770PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PCM1770, PCM1771
SLES011E – SEPTEMBER 2001 – REVISED MARCH 2007
all specifications at T
A = 25°C, VCC = VHP = 2.4 V, fS = 44.1 kHz, system clock = 256 fS and 24-bit data, RL = 16 Ω, unless
otherwise noted
PCM1770PW, PCM1771PW,
PCM1770RGA, PCM1771RGA
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Resolution
24
Bits
OPERATING FREQUENCY
Sampling frequency (fS)
5
50
kHz
System clock frequency
128f S, 192 fS, 256 fS, 384 fS
DIGITAL INPUT/OUTPUT(1)(2)
Logic family
CMOS compatible
VIH
0.7 VCC
VDC
Input logic level
VIL
0.3 VCC
VDC
IIH
VIN = VCC
10
µA
Input logic current
IIL
VIN = 0 V
–10
µA
VOH
IOH = –2 mA
0.7 VCC
VDC
Output logic level(3)
VOL
IOL = 2 mA
0.3 VCC
VDC
DYNAMIC PERFORMANCE (HEADPHONE OUTPUT)
Full-scale output voltage
0 dB
0.55 VHP
Vp-p
Dynamic range
EIAJ, A-weighted
90
98
dB
Signal-to-noise ratio
EIAJ, A-weighted
90
98
dB
0 dB (13 mW)
0.1%
THD+N
Total harmonic distortion + noise
–20 dB (0.1 mW)
0.04%
0.1%
Stereo
10
13
mWrms
Output power
Monaural
20
26
mWrms
Channel separation
64
72
dB
Load resistance
14
16
DC ACCURACY
Gain error
±2
±8
%FSR
Gain mismatch,
±2
±8
%FSR
channel-to-channel
Bipolar zero error
VOUT = 0.5 VCC at BPZ
±30
±75
mV
ANALOG LINE INPUT (MIXING CIRCUIT)
Analog input voltage range
0.584 VHP
Vp-p
Gain (analog input to headphone
0.67
output)
Analog input impedance
10
k
THD+N
Total harmonic distortion + noise
AIN = 0.56 VHP (peak-to-peak)
0.1%
DIGITAL FILTER PERFORMANCE
Pass band
0.454 fS
Stop band
0.546 fS
Pass-band ripple
±0.04
dB
Stop-band attenuation
–50
dB
Group
20/fS
delay
44.1-kHz de-emphasis error
±0.1
dB
ANALOG FILTER PERFORMANCE
(1)
Digital inputs and outputs are CMOS compatible.
(2)
All logic inputs are 3.3-V tolerant and not terminated internally.
(3)
LRCK and BCK terminals
3
Submit Documentation Feedback


Similar Part No. - PCM1770PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1770PWR TI-PCM1770PWR Datasheet
311Kb / 29P
[Old version datasheet]   LOW VOLTAGE AND POWER STEREO AUDIO DIGITAL TO ANALOG CONVER WITH HEADPHONE AMPLIFER
More results

Similar Description - PCM1770PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1770 TI-PCM1770 Datasheet
311Kb / 29P
[Old version datasheet]   LOW VOLTAGE AND POWER STEREO AUDIO DIGITAL TO ANALOG CONVER WITH HEADPHONE AMPLIFER
logo
Burr-Brown (TI)
PCM1772 BURR-BROWN-PCM1772 Datasheet
309Kb / 29P
   LOW VOLTAGE AND LOW POWER STEREO AUDIO DIGITAL TO ANALOG CONVERTER WITH LINEOUT AMPIIFIER
logo
STMicroelectronics
TDA7469 STMICROELECTRONICS-TDA7469 Datasheet
274Kb / 13P
   LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH HEADPHONE POWER AMPLIFIER
TDA7469 STMICROELECTRONICS-TDA7469_1 Datasheet
715Kb / 13P
   LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH HEADPHONE POWER AMPLIFIER
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
   Low Power Stereo Audio DAC With Headphone Amplifier
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
logo
Sanyo Semicon Device
LA4571MB SANYO-LA4571MB Datasheet
222Kb / 10P
   Low-Voltage Headphone Amplifier for Stereo Audio
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Suzhou Everest Semicond...
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com