Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HC4024PWT Datasheet(PDF) 5 Page - Texas Instruments

Part # CD74HC4024PWT
Description  High-Speed CMOS Logic 7-Stage Binary Ripple Counter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4024PWT Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC4024PWT Datasheet HTML 1Page - Texas Instruments CD74HC4024PWT Datasheet HTML 2Page - Texas Instruments CD74HC4024PWT Datasheet HTML 3Page - Texas Instruments CD74HC4024PWT Datasheet HTML 4Page - Texas Instruments CD74HC4024PWT Datasheet HTML 5Page - Texas Instruments CD74HC4024PWT Datasheet HTML 6Page - Texas Instruments CD74HC4024PWT Datasheet HTML 7Page - Texas Instruments CD74HC4024PWT Datasheet HTML 8Page - Texas Instruments CD74HC4024PWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Reset Pulse Width
tW
2
80
-
100
-
120
-
ns
4.5
16
-
20
-
24
-
ns
6
14
-
17
-
20
-
ns
HCT TYPES
Maximum Input Pulse
Frequency
fMAX
4.5
25
-
20
-
16
-
MHz
Input Pulse Width
tW
4.5
20
-
25
-
30
-
ns
Reset Recovery Time
tREC
4.5
10
-
13
-
15
-
ns
Reset Pulse Width
tW
4.5
20
-
25
-
30
-
ns
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay Time
(Figure 1)
tPLH,
tPHL
CL = 50pF
2
-
-
140
-
175
-
210
ns
CP to Q1’ Output
4.5
-
-
28
-
35
-
42
ns
CL =15pF
5
-
11
-
-
-
-
-
ns
CL = 50pF
6
-
-
24
-
30
-
36
ns
Qn to Qn + 1
tPLH,
tPHL
CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
CL =15pF
5
-
6
-
-
-
-
-
ns
CL = 50pF
6
-
-
13
-
13
-
19
ns
MR to Qn
tPLH,
tPHL
CL = 50pF
2
-
-
170
-
215
-
255
ns
4.5
-
-
34
-
43
-
51
ns
5
-
14
-
-
-
-
-
ns
6
-
-
29
-
27
-
43
ns
Output Transition Time
(Figure 1)
tTLH,tTHL CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Input Capacitance
CIN
CL = 50pF
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
CL =15pF
5
-
30
-
-
-
-
-
pF
HCT TYPES
Propagation Delay Time
(Figure 2)
tPLH,
tPHL
CL = 50pF
4.5
-
-
40
-
50
-
60
ns
CP to Q1’ Output
CL =15pF
5
-
17
-
-
-
-
-
ns
Qn to Qn + 1
tPLH,
tPHL
CL = 50pF
4.5
-
-
15
-
19
-
22
ns
CL =15pF
5
-
6
-
-
-
-
-
ns
MR to Qn
tPLH,
tPHL
CL = 50pF
4.5
-
-
40
-
50
-
60
ns
CL =15pF
5
-
17
-
-
-
-
-
ns
Prerequisite for Switching Specifications
(Continued)
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
CD54HC4024, CD74HC4024, CD54HCT4024, CD74HCT4024


Similar Part No. - CD74HC4024PWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4024PWT TI-CD74HC4024PWT Datasheet
283Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC4024PWT TI-CD74HC4024PWT Datasheet
290Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC4024PWT TI-CD74HC4024PWT Datasheet
470Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC4024PWTE4 TI-CD74HC4024PWTE4 Datasheet
290Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC4024PWTE4 TI-CD74HC4024PWTE4 Datasheet
470Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
More results

Similar Description - CD74HC4024PWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4024 TI-CD54HC4024_08 Datasheet
470Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD54HC4024 TI-CD54HC4024_06 Datasheet
290Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC4024 TI-CD74HC4024 Datasheet
40Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 7-Stage Binary Ripple Counter
CD54HC4024 TI-CD54HC4024 Datasheet
283Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
logo
NXP Semiconductors
74HC4024N PHILIPS-74HC4024N Datasheet
99Kb / 18P
   7-stage binary ripple counter
Rev. 03-12 November 2004
74HC4024 PHILIPS-74HC4024 Datasheet
42Kb / 7P
   7-stage binary ripple counter
December 1990
logo
Nexperia B.V. All right...
74HC4024-Q100 NEXPERIA-74HC4024-Q100 Datasheet
219Kb / 13P
   7-stage binary ripple counter
74HC4024 NEXPERIA-74HC4024 Datasheet
218Kb / 13P
   7-stage binary ripple counter
Rev. 10 - 23 November 2018
logo
National Semiconductor ...
CD4024BC NSC-CD4024BC Datasheet
114Kb / 6P
   7-Stage Ripple Carry Binary Counter
logo
Texas Instruments
CD74HCT4040 TI-CD74HCT4040_07 Datasheet
399Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com