Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C144 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C144
Description  8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C144 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C144 Datasheet HTML 1Page - Cypress Semiconductor CY7C144 Datasheet HTML 2Page - Cypress Semiconductor CY7C144 Datasheet HTML 3Page - Cypress Semiconductor CY7C144 Datasheet HTML 4Page - Cypress Semiconductor CY7C144 Datasheet HTML 5Page - Cypress Semiconductor CY7C144 Datasheet HTML 6Page - Cypress Semiconductor CY7C144 Datasheet HTML 7Page - Cypress Semiconductor CY7C144 Datasheet HTML 8Page - Cypress Semiconductor CY7C144 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
8K x 8/9 Dual-Port Static RAM
with Sem, Int, Busy
fax id: 5205
CY7C145
CY7C144
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
November 1996
1CY 7C14 4
Features
• True Dual-Ported memory cells which allow
simultaneous reads of the same memory location
• 8K x 8 organization (CY7C144)
• 8K x 9 organization (CY7C145)
• 0.65-micron CMOS for optimum speed/power
• High-speed access: 15ns
• Low operating power: ICC = 160 mA (max.)
• Fully asynchronous operation
• Automatic power-down
• TTL compatible
• Master/Slave select pin allows bus width expansion to
16/18 bits or more
• Busy arbitration scheme provided
• Semaphores included to permit software handshaking
between ports
• INT flag for port-to-port communication
• Available in 68-pin PLCC, 64-pin and 80-pin TQFP
• Pin compatible and functionally equivalent to
IDT7005/IDT7015
Functional Description
The CY7C144 and CY7C145 are high-speed CMOS 8K x 8
and 8K x 9 dual-port static RAMs. Various arbitration schemes
are included on the CY7C144/5 to handle situations when mul-
tiple processors access the same piece of data. Two ports are
provided permitting independent, asynchronous access for
reads and writes to any location in memory. The CY7C144/5
can be utilized as a standalone 64/72-Kbit dual-port static
RAM or multiple devices can be combined in order to function
as a 16/18-bit or wider master/slave dual-port static RAM. An
M/S pin is provided for implementing 16/18-bit or wider mem-
ory applications without the need for separate master and
slave devices or additional discrete logic. Application areas
include interprocessor/multiprocessor designs, communica-
tions status buffering, and dual-port video/graphics memory.
Each port has independent control pins: chip enable (CE),
read or write enable (R/W), and output enable (OE). Two flags,
BUSY and INT, are provided on each port. BUSY signals that the port
is trying to access the same location currently being accessed by the
other port. The interrupt flag (INT) permits communication between
ports or systems by means of a mail box. The semaphores are used
to pass a flag, or token, from one port to the other to indicate that a
shared resource is in use. The semaphore logic is comprised of eight
shared latches. Only one side can control the latch (semaphore) at
any time. Control of a semaphore indicates that a shared resource is
in use. An automatic power-down feature is controlled independently
on each port by a chip enable (CE) pin or SEM pin.
Notes:
1.
BUSY is an output in master mode and an input in slave mode.
2.
Interrupt: push-pull output and requires no pull-up resistor.
C144-1
R/W L
CEL
OEL
A 12L
A 0L
A 0R
A 12R
R/W R
CER
OER
CE R
OE R
CEL
OEL
R/W L
R/W R
I/O7L
I/O0L
I/O 7R
I/O 0R
INTERRUPT
SEMAPHORE
ARBITRATION
CONTROL
I/O
CONTROL
I/O
MEMORY
ARRAY
ADDRESS
DECODER
ADDRESS
DECODER
SEM L
SEM R
BUSYL
BUSYR
INT L
INT R
M/S
(7C145) I/O8L
I/O 8R(7C145)
Logic Block Diagram
[1, 2]
[1, 2]
[2]
[2]


Similar Part No. - CY7C144

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C144 CYPRESS-CY7C144 Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144-15AC CYPRESS-CY7C144-15AC Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144-15AC CYPRESS-CY7C144-15AC Datasheet
657Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144-15AI CYPRESS-CY7C144-15AI Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144-15AI CYPRESS-CY7C144-15AI Datasheet
657Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
More results

Similar Description - CY7C144

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C144 CYPRESS-CY7C144_09 Datasheet
657Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144 CYPRESS-CY7C144 Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144E CYPRESS-CY7C144E Datasheet
557Kb / 23P
   8K 횞 8 Dual-Port Static RAM with SEM, INT, BUSY
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C006 CYPRESS-CY7C006 Datasheet
321Kb / 16P
   16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7B139 CYPRESS-CY7B139 Datasheet
530Kb / 14P
   4K x8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C024E CYPRESS-CY7C024E Datasheet
431Kb / 22P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024A CYPRESS-CY7C024A Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024_09 Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com