Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC2446EVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC2446EVB
Description  Dual-Phase Single or Two Output Synchronous Step-Down Controllers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2446EVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC2446EVB Datasheet HTML 1Page - Semtech Corporation SC2446EVB Datasheet HTML 2Page - Semtech Corporation SC2446EVB Datasheet HTML 3Page - Semtech Corporation SC2446EVB Datasheet HTML 4Page - Semtech Corporation SC2446EVB Datasheet HTML 5Page - Semtech Corporation SC2446EVB Datasheet HTML 6Page - Semtech Corporation SC2446EVB Datasheet HTML 7Page - Semtech Corporation SC2446EVB Datasheet HTML 8Page - Semtech Corporation SC2446EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2446
Absolute Maximum Rating
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied.
Electrical Characteristics
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
t
u
o
k
c
o
L
e
g
a
t
l
o
v
r
e
d
n
U
d
l
o
h
s
e
r
h
T
t
r
a
t
S
C
C
V
AC
C
V
A
H
T
C
C
V
Ag
n
i
s
a
e
r
c
n
I
5
.
47
.
4V
s
i
s
e
r
e
t
s
y
H
t
r
a
t
S
C
C
V
AC
C
V
A
T
S
Y
H
7
1
.
0V
t
n
e
r
r
u
C
g
n
i
t
a
r
e
p
O
C
C
V
AI
C
C
V
2
1
=
C
C
V
A2
16
1A
m
O
L
V
U
n
i
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
C
C
V
AC
C
V
A
=
C
C
V
A
H
T
V
2
.
0
-7
.
1A
m
r
e
i
f
i
l
p
m
A
r
o
r
r
E
1
l
e
n
n
a
h
C
e
g
a
tl
o
V
t
u
p
n
I
g
n
i
t
r
e
v
n
i
-
n
o
NV
+
1
N
I
0
9
4
.
00
0
5
.
00
1
5
.
0V
n
o
i
t
a
l
u
g
e
R
e
n
i
L
t
u
p
n
I
g
n
i
t
r
e
v
n
i
-
n
o
NC
C
V
A
H
T
V
5
1
<
C
C
V
A
<2
0
.
0V
/
%
e
g
a
tl
o
V
t
e
s
f
f
O
t
u
p
n
I
13
±V
m
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
g
n
i
t
r
e
v
n
II
-
1
N
I
0
0
1
-0
5
2
-A
n
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
r
e
i
fi
l
p
m
AG
1
M
0
6
2
µ 1
n
i
a
G
p
o
o
L
-
n
e
p
O
r
e
i
fi
l
p
m
Aa
1
L
O
5
6d
Β
h
t
d
i
w
d
n
a
B
n
i
a
G
y
ti
n
U
r
e
i
fi
l
p
m
A
5
Η
Μ z
d
l
o
h
s
e
r
h
T
g
n
i
h
c
ti
w
S
1
P
M
O
C
m
u
m
i
n
i
M
V
+
1
S
C
V
=
-
1
S
C
0
=
V
1
S
S
g
n
i
s
a
e
r
c
n
I
2
.
2V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
g
n
i
t
a
R
m
u
m
i
x
a
Ms
t
i
n
U
s
r
e
ll
o
r
t
n
o
C
n
w
o
D
-
p
e
t
S
r
o
F
e
g
a
tl
o
V
y
l
p
p
u
SC
C
V
P
,
C
C
V
A0
2
o
t
3
.
0
-V
r
e
t
r
e
v
n
o
C
d
n
o
c
e
S
e
h
t
r
o
F
e
g
a
tl
o
V
t
u
p
n
IV
2
N
I
0
2
o
t
3
.
0
-V
s
e
g
a
tl
o
V
y
l
p
p
u
S
r
e
v
i
r
D
e
d
i
S
-
h
g
i
H
V
,
1
T
S
B
V
2
T
S
B
)
e
t
a
t
s
y
d
a
e
t
s
(
2
3
o
t
3
.
0
-
V
0
4
o
t
3
.
0
-
)
z
H
k
0
0
5
<
.
q
e
r
f
@
s
n
0
1
<
r
o
f
(
N
P
V
V
N
P
V
)
e
t
a
t
s
y
d
a
e
t
s
(
0
2
o
t
3
.
0
-
V
6
2
o
t
3
.
0
-
)
z
H
k
0
0
5
<
.
q
e
r
f
@
s
n
0
1
<
r
o
f
(
s
e
g
a
tl
o
V
-
2
N
I
,
-
1
N
IV
-
1
N
I
V
,
-
2
N
I
3
.
0
+
C
C
V
A
o
t
3
.
0
-V
F
E
R
,
F
E
R
T
U
O
s
e
g
a
tl
o
VV
F
E
R
V
,
T
U
O
F
E
R
6
o
t
3
.
0
-V
F
E
R
N
I
e
g
a
tl
o
VV
N
I
F
E
R
3
.
0
+
C
C
V
A
o
t
3
.
0
-V
s
e
g
a
tl
o
V
2
P
M
O
C
,
1
P
M
O
CV
,
1
P
M
O
C
V
2
P
M
O
C
3
.
0
+
C
C
V
A
o
t
3
.
0
-V
s
e
g
a
tl
o
V
-
2
S
C
d
n
a
+
2
S
C
,
-
1
S
C
,
+
1
S
CV
,
+
1
S
C
V
,
-
1
S
C
V
,
+
2
S
C
V
-
2
S
C
3
.
0
+
C
C
V
A
o
t
3
.
0
-V
e
g
a
tl
o
V
C
N
Y
SV
C
N
Y
S
3
.
0
+
C
C
V
A
o
t
3
.
0
-V
s
e
g
a
tl
o
V
2
N
E
/
2
S
S
D
N
A
1
N
E
/
1
S
SV
,
1
S
S
V
2
S
S
6
o
t
3
.
0
-V
s
t
n
e
r
r
u
C
e
v
i
r
D
e
t
a
G
k
a
e
PI
1
H
D
G
I
,
2
H
D
G
I
,
1
L
D
G
I
,
2
L
D
G
3A
s
t
n
e
r
r
u
C
t
u
p
t
u
O
2
N
P
V
d
n
a
1
N
P
V
k
a
e
PI
1
N
P
V
I
,
2
N
P
V
0
0
1A
m
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
AT
A
5
8
o
t
0
4
-C
°
)
8
2
-
P
O
S
S
T
(
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
C
J
3
1W
/
C
°
)
8
2
-
P
O
S
S
T
(
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
A
J
4
8W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
o
t
0
6
-C
°
c
e
s
0
1
)
g
n
i
r
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
6
2C
°
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
m
u
m
i
x
a
MT
J
0
5
1C
°
Unless specified: AVCC = PVCC = V
IN2 =12V, VBST1 = VBST2 = 12V, SYNC= 0, ROSC = 51.1kΩ, -40°C < TA = TJ < 85°C


Similar Part No. - SC2446EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2446A SEMTECH-SC2446A Datasheet
525Kb / 27P
   Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
SC2446AEVB SEMTECH-SC2446AEVB Datasheet
525Kb / 27P
   Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
SC2446AITSTRT SEMTECH-SC2446AITSTRT Datasheet
525Kb / 27P
   Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
More results

Similar Description - SC2446EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
SC2443 SEMTECH-SC2443 Datasheet
1Mb / 20P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
SC2447 SEMTECH-SC2447 Datasheet
755Kb / 26P
   Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
SC2446A SEMTECH-SC2446A Datasheet
525Kb / 27P
   Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
logo
Linear Technology
LTC3869 LINER-LTC3869 Datasheet
2Mb / 40P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3869 LINER-LTC3869_15 Datasheet
524Kb / 42P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3869EUFD LINER-LTC3869EUFD Datasheet
313Kb / 8P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3869-2 LINER-LTC3869-2_15 Datasheet
524Kb / 42P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com