Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLSD-71N2 Datasheet(PDF) 1 Page - Silonex Inc.

Part No. SLSD-71N2
Description  Solderable Planar Photodiode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILONEX [Silonex Inc.]
Direct Link  http://www.silonex.com/
Logo SILONEX - Silonex Inc.

SLSD-71N2 Datasheet(HTML) 1 Page - Silonex Inc.

  SLSD-71N2 Datasheet HTML 1Page - Silonex Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5200 St. Patrick St., Montreal
The Old Railway, Princes Street
Que., H4E 4N9, Canada
Ulverston, Cumbria, LA12 7NQ, UK
Tel: 514-768-8000
Tel: 01 229 581 551
Fax: 514-768-8889
Fax: 01 229 581 554
QF-84
SLSD-71N2
Solderable Planar Photodiode
Features
Visible and IR spectral response
High reliability
Oxide passivation
Linear short circuit current
Low capacitance, high speed
Protective coating
Description
The Silonex series of silicon solderable planar
photodiodes feature low cost, high reliability, and
linear short circuit current over a wide range of
illumination. These devices are widely used for light
sensing and power generation because of their
stability and high efficiency.
They are particularly
suited to power conversion applications due to their
low
internal
impedance,
relatively
high
shunt
impedance, and stability.
The photodiodes have a
protective coating that protects them from humidity
effects.
These devices also provide a reliable and
inexpensive detector for instrumentation and light
beam sensing applications.
Absolute Maximum Ratings
Storage Temperature
-40
°C to +105°C
Operating Temperature
-40
°C to +105°C
- BLK
(Cathode)
+ RED
Anode
#32 AWG Wire
Sensitive Area
(21.4 sq.mm.)
Dimensions in mm.
1.0
150 nom.
5.1
5.08
5.08
Also available without leads as part number SLCD 61N2
0
.2
.4
.6
.8
1.0
10°
20°
30°
40°
50°
60°
70°
80°
90°
100°
1.0
.8
.6
.4
0
20°
40°
60°
80°
100° 120°
o
Half Angle = 60°
Directional Sensitivity Characteristics
Electrical Characteristics (TA=25
°C unless otherwise noted)
Symbol
Parameter
MIN
TYP
MAX
UNITS
TEST CONDITIONS
ISC
Short Circuit Current
0.7
1.2
mA
VR=0V, Ee=25mW/cm
2 (1)
VOC
Open Circuit Voltage
0.40
V
Ee=25mw/cm
2 (1)
ID
Reverse Dark Current
3.3
µA
VR=5V, Ee=0
CJ
Junction Capacitance
0.7
nF
VR=0V, Ee=0, f=1MHz
Sλ
Spectral Sensitivity
0.55
A/W
λ=940nm
VBR
Reverse Breakdown Voltage
20
V
IR=100
µA
λ
P
Maximum Sensitivity Wavelength
930
nm
λ
R
Sensitivity Spectral Range
400
1100
nm
θ
1/2
Acceptance Half Angle
60
deg
(off center-line)
Notes: (1) Ee = light source @ 2854
°K
Specifications subject to change without notice
101429 REV 5


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn