Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EZ1084IT Datasheet(PDF) 5 Page - Semtech Corporation

Part # EZ1084IT
Description  5 Amp Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EZ1084IT Datasheet(HTML) 5 Page - Semtech Corporation

  EZ1084IT Datasheet HTML 1Page - Semtech Corporation EZ1084IT Datasheet HTML 2Page - Semtech Corporation EZ1084IT Datasheet HTML 3Page - Semtech Corporation EZ1084IT Datasheet HTML 4Page - Semtech Corporation EZ1084IT Datasheet HTML 5Page - Semtech Corporation EZ1084IT Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
 2006 Semtech Corp.
www.semtech.com
EZ1084
POWER MANAGEMENT
Outline Drawing - TO-220
Outline Drawing - T0-263
H1
D
D1
L
A2
D2
L1
SEATING
PLANE
2x e
e1
3 x b2
3 x b
Ø P
E1
ccc
B A
6.86
.270
.350
8.90
.030
0.76
6.86
5.84
.270
.230
.139
.156
3.53
-
3.96
.140
.027
.057
1.45
0.69
-
-
-
-
-
-
-
-
-
-
-
-
.250
6.35
-
-
-
-
-
-
-
-
-
0.36
.014
0.38
.015
0.25
.010
3.56
DIMENSIONS
INCHES
NOM
E1
L1
aaa
ccc
bbb
ØP
Q
N
e1
H1
L
E2
e
DIM
b
D1
D2
E
b2
c
D
A
A2
A1
MIN
MILLIMETERS
MAX
MIN
MAX
NOM
.100 BSC
.200 BSC
3
.380
.355
.015
3
9.02
2.54 BSC
5.08 BSC
.420
9.65
.040
0.38
10.66
1.02
8.38
.330
.100
-
.500
.014
-
.080
.020
-
-
-
.120
2.54
-
3.05
-
.580
.024
12.70
0.36
.190
.115
.055
0.51
2.03
0.61
14.73
-
1.40
4.82
2.92
-
-
DIMENSIONS "D" AND "E" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
OR GATE BURRS.
CONTROLLING DIMENSIONS ARE IN INCHES.
NOTES:
1.
2.
1.14
.045
.070
1.78
14.22
.650
.560
-
16.51
-
.480
12.88
12.19
.507
E
E/2
Q
E2
A
A
c
bbb
B A
C
aaa
B A
B
A1
CONTROLLING DIMENSIONS ARE IN INCHES (ANGLES IN DEGREES).
DIMENSIONS "D" AND "E" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
PLANE
SEATING
2.
1.
NOTES:
aaa
B A
OR GATE BURRS.
B
A
E1
bxN
A1
A
L1
D
E
01
SEE DETAIL
L
c
c1
aaa
01
N
D1
H
L1
e
L
E1
E
c
D
c1
b1
b
A1
A
DIM
MILLIMETERS
INCHES
DIMENSIONS
MIN NOM MAX MIN
MAX
NOM
0
E/2
0-
15°
-
15°
--
H
.575
.625 14.61
15.88
-
-
DETAIL
A
.100 BSC
SIDE VIEW
A
2.54 BSC
e
12
3
.010
3
-
0.25
-
3
-
.270
-
.070
-
.245
.380
-
-
-
-
.015
.326
.045
.045
.000
.020
-
-
-
-
-
6.86
-
.110
.066
-
.420
1.78
-
6.22
9.65
.029
.380
.065
.070
.010
.039
0.38
8.28
1.14
1.14
0.00
0.51
.160
-
.190
4.06
-
10.67
-
-
-
-
-
-
2.79
1.68
-
-
-
-
-
-
0.74
9.65
1.65
1.78
0.25
0.99
-
4.83
PLATED COPPER
HEAT SPREADER
3x b1
(L1)
D1


Similar Part No. - EZ1084IT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1084 SEMTECH-EZ1084 Datasheet
76Kb / 4P
   5.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1084B SEMTECH-EZ1084B Datasheet
76Kb / 4P
   5.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1084BCM SEMTECH-EZ1084BCM Datasheet
76Kb / 4P
   5.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1084BCT SEMTECH-EZ1084BCT Datasheet
76Kb / 4P
   5.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1084CM SEMTECH-EZ1084CM Datasheet
76Kb / 4P
   5.0 AMP POSITIVE VOLTAGE REGULATOR
More results

Similar Description - EZ1084IT

ManufacturerPart #DatasheetDescription
logo
Seme LAB
LT1084M SEME-LAB-LT1084M Datasheet
32Kb / 3P
   5 AMP POSITIVE VOLTAGE REGULATOR
IP138A SEME-LAB-IP138A Datasheet
56Kb / 6P
   5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
UA78HGA FAIRCHILD-UA78HGA Datasheet
305Kb / 4P
   Positive Adjustable 5-Amp Voltage Regulator
logo
Micropac Industries
52150 MICROPAC-52150 Datasheet
114Kb / 4P
   POSITIVE ADJUSTABLE 5-AMP VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1084 ETC-PJ1084 Datasheet
308Kb / 7P
   5 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1085GMD SEME-LAB-LT1085GMD Datasheet
31Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1082 SEMTECH-EZ1082 Datasheet
66Kb / 4P
   10.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1084 SEMTECH-EZ1084 Datasheet
76Kb / 4P
   5.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1085CM-TR SEMTECH-EZ1085CM-TR Datasheet
168Kb / 6P
   3 Amp Positive Voltage Regulator
logo
Seme LAB
LM1085M SEME-LAB-LM1085M Datasheet
38Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com