Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EZ1084 Datasheet(PDF) 4 Page - Semtech Corporation

Part # EZ1084
Description  5 Amp Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EZ1084 Datasheet(HTML) 4 Page - Semtech Corporation

  EZ1084_06 Datasheet HTML 1Page - Semtech Corporation EZ1084_06 Datasheet HTML 2Page - Semtech Corporation EZ1084_06 Datasheet HTML 3Page - Semtech Corporation EZ1084_06 Datasheet HTML 4Page - Semtech Corporation EZ1084_06 Datasheet HTML 5Page - Semtech Corporation EZ1084_06 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
 2006 Semtech Corp.
www.semtech.com
EZ1084
POWER MANAGEMENT
e
c
i
v
e
D
)
2
(
)
1
(
e
g
a
k
c
a
P
R
T
.
X
.
X
-
M
C
4
8
0
1
Z
E
R
T
.
M
I
4
8
0
1
Z
E
T
R
T
X
.
X
-
M
C
4
8
0
1
Z
E
)
5
(
3
6
2
-
O
T
)
3
(
X
.
X
-
T
C
4
8
0
1
Z
E
T
I
4
8
0
1
Z
E
T
X
.
X
-
T
C
4
8
0
1
Z
E
)
5
(
0
2
2
-
O
T
)
4
(
Notes:
(1) Where X.X denotes voltage options (EZ1084C only).
Available voltages are: 1.5V, 2.5V and 3.3V. Leave blank
for adjustable version (1.3 to 5.7V). Contact factory for
additional voltage options.
(2) Where C and I denote Commercial (0°C to 70°C)
and Industrial (-40°C to 85°C) ambient temperature
ranges.
(3) Only available in tape and reel packaging. A reel
contains 800 devices.
(4) Only available in tube packaging. A tube contains 50
devices.
(5) This product is RoHS compliant.
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1T
S
U
J
D
A
D
N
U
O
R
G
e
s
n
o
p
s
e
r
t
n
e
i
s
n
a
r
T
.
s
e
c
i
v
e
d
e
l
b
a
t
s
u
j
d
a
r
o
f
e
g
a
tl
o
v
e
c
n
e
r
e
f
e
r
e
h
t
f
o
e
d
i
s
e
v
it
a
g
e
n
e
h
t
s
i
n
i
p
s
i
h
T
.
d
n
u
o
r
g
o
t
n
i
p
t
s
u
j
d
a
e
h
t
m
o
r
f
r
o
ti
c
a
p
a
c
s
s
a
p
y
b
ll
a
m
s
a
g
n
i
d
d
a
y
b
d
e
v
o
r
p
m
i
e
b
n
a
c
d
n
a
,
s
t
r
a
p
e
g
a
tl
o
v
t
u
p
t
u
o
d
e
x
if
r
o
f
n
i
a
h
c
k
c
a
b
d
e
e
f
r
o
t
s
i
s
e
r
l
a
n
r
e
t
n
i
e
h
t
f
o
d
n
e
m
o
tt
o
b
e
h
t
s
i
n
i
p
s
i
h
T
.
d
n
u
o
r
g
o
t
d
e
t
c
e
n
n
o
c
e
b
d
l
u
o
h
s
2T
U
P
T
U
O
.
B
A
T
e
h
t
o
t
d
e
t
c
e
n
n
o
c
y
ll
a
c
ir
t
c
e
l
e
s
i
d
n
a
e
c
i
v
e
d
e
h
t
f
o
t
u
p
t
u
o
r
e
w
o
p
e
h
t
s
i
s
i
h
T
3T
U
P
N
I
.
e
c
i
v
e
d
s
s
a
p
e
h
t
d
n
a
y
r
ti
u
c
r
i
c
l
o
r
t
n
o
c
e
h
t
h
t
o
b
r
o
f
n
i
p
y
l
p
p
u
s
t
u
p
n
i
e
h
t
s
i
s
i
h
T
Pin Configurations
Ordering Information
Pin Descriptions
Block Diagram


Similar Part No. - EZ1084_06

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1084B SEMTECH-EZ1084B Datasheet
76Kb / 4P
   5.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1084BCM SEMTECH-EZ1084BCM Datasheet
76Kb / 4P
   5.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1084BCT SEMTECH-EZ1084BCT Datasheet
76Kb / 4P
   5.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1084CM SEMTECH-EZ1084CM Datasheet
76Kb / 4P
   5.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1084CM-3.3 SEMTECH-EZ1084CM-3.3 Datasheet
76Kb / 4P
   5.0 AMP POSITIVE VOLTAGE REGULATOR
More results

Similar Description - EZ1084_06

ManufacturerPart #DatasheetDescription
logo
Seme LAB
LT1084M SEME-LAB-LT1084M Datasheet
32Kb / 3P
   5 AMP POSITIVE VOLTAGE REGULATOR
IP138A SEME-LAB-IP138A Datasheet
56Kb / 6P
   5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
UA78HGA FAIRCHILD-UA78HGA Datasheet
305Kb / 4P
   Positive Adjustable 5-Amp Voltage Regulator
logo
Micropac Industries
52150 MICROPAC-52150 Datasheet
114Kb / 4P
   POSITIVE ADJUSTABLE 5-AMP VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1084 ETC-PJ1084 Datasheet
308Kb / 7P
   5 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1085GMD SEME-LAB-LT1085GMD Datasheet
31Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1082 SEMTECH-EZ1082 Datasheet
66Kb / 4P
   10.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1084 SEMTECH-EZ1084 Datasheet
76Kb / 4P
   5.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1085CM-TR SEMTECH-EZ1085CM-TR Datasheet
168Kb / 6P
   3 Amp Positive Voltage Regulator
logo
Seme LAB
LM1085M SEME-LAB-LM1085M Datasheet
38Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com