Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC2655 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC2655
Description  Programmable Synchronous DC/DC Hysteretic Controller with VRM 9.0 VID Range
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2655 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC2655 Datasheet HTML 11Page - Semtech Corporation SC2655 Datasheet HTML 12Page - Semtech Corporation SC2655 Datasheet HTML 13Page - Semtech Corporation SC2655 Datasheet HTML 14Page - Semtech Corporation SC2655 Datasheet HTML 15Page - Semtech Corporation SC2655 Datasheet HTML 16Page - Semtech Corporation SC2655 Datasheet HTML 17Page - Semtech Corporation SC2655 Datasheet HTML 18Page - Semtech Corporation SC2655 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2655
Typical Characteristics
V
IN = 5V; IOUT = 0A to 40A
“Droop” & “Offset” Disabled
V
OUT = 1.8V
V
OUT = 1.1V
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
5
10
15
20
25
30
35
40
Current, A
-3%
-2%
-1%
0%
1%
2%
3%
0
5
10
15
20
25
30
35
40
Current, A
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
5
10
15
20
25
30
35
40
Current, A
-3%
-2%
-1%
0%
1%
2%
3%
0
5
10
15
20
25
30
35
40
Current, A
V
OUT = 1.5V
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
5
10
15
20
25
30
35
40
Current, A
-3%
-2%
-1%
0%
1%
2%
3%
0
5
10
15
20
25
30
35
40
Current, A


Similar Part No. - SC2655

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2659 SEMTECH-SC2659 Datasheet
339Kb / 20P
   Programmable Synchronous DC/DC Hysteretic Controller with VRM 8.5 VID Range
SC2659EVB SEMTECH-SC2659EVB Datasheet
339Kb / 20P
   Programmable Synchronous DC/DC Hysteretic Controller with VRM 8.5 VID Range
SC2659SWTR SEMTECH-SC2659SWTR Datasheet
339Kb / 20P
   Programmable Synchronous DC/DC Hysteretic Controller with VRM 8.5 VID Range
More results

Similar Description - SC2655

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1155 SEMTECH-SC1155 Datasheet
190Kb / 19P
   PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER WITH VRM 9.0 VID RANGE
SC1159 SEMTECH-SC1159 Datasheet
333Kb / 20P
   Programmable Synchronous DC/DC Hysteretic Controller with VRM 8.5 VID Range
SC2659 SEMTECH-SC2659 Datasheet
339Kb / 20P
   Programmable Synchronous DC/DC Hysteretic Controller with VRM 8.5 VID Range
SC1155 SEMTECH-SC1155_01 Datasheet
263Kb / 20P
   Programmable Synchronous DC/DC Hysteretic Controller with VRM 9.0VID Range
SC1154 SEMTECH-SC1154 Datasheet
164Kb / 18P
   PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER FOR ADVANCED PROCESSORS
logo
Linear Technology
LTC1706-82 LINER-LTC1706-82 Datasheet
148Kb / 8P
   VID Voltage Programmer for Intel VRM 9.0
logo
Bel Fuse Inc.
G7NB-60E180 BEL-G7NB-60E180 Datasheet
143Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 4.5 -15V Input / Programmable Output / 60A VRM 9.0
V7NB-30A180 BEL-V7NB-30A180 Datasheet
144Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / Programmable Output / 30A VRM 9.0 Compatible
logo
ON Semiconductor
NCP5306 ONSEMI-NCP5306 Datasheet
872Kb / 24P
   Three?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 3
CS5307 ONSEMI-CS5307 Datasheet
880Kb / 24P
   Four?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com