Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS421 Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # AMS421
Description  0.5V SHUNT REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS421 Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  AMS421_07 Datasheet HTML 1Page - Advanced Monolithic Systems AMS421_07 Datasheet HTML 2Page - Advanced Monolithic Systems AMS421_07 Datasheet HTML 3Page - Advanced Monolithic Systems AMS421_07 Datasheet HTML 4Page - Advanced Monolithic Systems AMS421_07 Datasheet HTML 5Page - Advanced Monolithic Systems AMS421_07 Datasheet HTML 6Page - Advanced Monolithic Systems AMS421_07 Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
AMS421
TYPICAL PERFORMANCE CHARACTERISTICS
Vout change
-0.2
0
0.2
0.4
0.6
0.8
1
0
5
10
15
Vcc
Vout change
Output resistance Vs load
0
0.1
0.2
0.3
0.4
0.5
0.6
02
46
8
10
Load step mA
output res
Supply Current vs Input Voltage @100uA
load
0
5
10
15
20
25
30
010
20
30
Volts
IVcc uA
Supply current vs load
0
20
40
60
80
100
120
140
160
180
200
1.00E-06
1.00E-05 1.00E-04
1.00E-03 1.00E-02
Load
Ivcc uA
Very low current regulation
0.49
0.495
0.5
0.505
0.51
1.00E-
09
1.00E-
08
1.00E-
07
1.00E-
06
1.00E-
05
1.00E-
04
1.00E-
03
load
Vout
Input output transfer characteristic
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
01
2
345
Volts input
Vout
Output voltage vs. Supply voltage @ 100 µA


Similar Part No. - AMS421_07

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS421AM1 ADMOS-AMS421AM1 Datasheet
127Kb / 7P
   0.5V SHUNT REGULATOR
AMS421BM1 ADMOS-AMS421BM1 Datasheet
127Kb / 7P
   0.5V SHUNT REGULATOR
AMS421CM1 ADMOS-AMS421CM1 Datasheet
127Kb / 7P
   0.5V SHUNT REGULATOR
More results

Similar Description - AMS421_07

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS421 ADMOS-AMS421 Datasheet
127Kb / 7P
   0.5V SHUNT REGULATOR
logo
Renesas Technology Corp
HA17431H RENESAS-HA17431H Datasheet
96Kb / 7P
   Shunt Regulator
HA17431H RENESAS-HA17431H_15 Datasheet
186Kb / 8P
   Shunt Regulator
logo
TAITRON Components Inco...
LM431 TAITRON-LM431 Datasheet
768Kb / 14P
   Shunt Regulator
logo
Renesas Technology Corp
HA17L431 RENESAS-HA17L431 Datasheet
130Kb / 10P
   Shunt Regulator
HA17431 RENESAS-HA17431_15 Datasheet
323Kb / 21P
   Shunt Regulator
HA17431VPJ RENESAS-HA17431VPJ Datasheet
326Kb / 18P
   Shunt Regulator
logo
List of Unclassifed Man...
LM431L ETC2-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
logo
Hitachi Semiconductor
HA17431H HITACHI-HA17431H Datasheet
146Kb / 15P
   Shunt Regulator
logo
Renesas Technology Corp
HA17L431HA17L431A RENESAS-HA17L431HA17L431A_15 Datasheet
217Kb / 11P
   Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com