Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH3002 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SH3002
Description  Reset Management and Clock Management Support IC for Microcontrollers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3002 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SH3002 Datasheet HTML 6Page - Semtech Corporation SH3002 Datasheet HTML 7Page - Semtech Corporation SH3002 Datasheet HTML 8Page - Semtech Corporation SH3002 Datasheet HTML 9Page - Semtech Corporation SH3002 Datasheet HTML 10Page - Semtech Corporation SH3002 Datasheet HTML 11Page - Semtech Corporation SH3002 Datasheet HTML 12Page - Semtech Corporation SH3002 Datasheet HTML 13Page - Semtech Corporation SH3002 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
SH3002 MicroBuddy™
SYSTEM MANAGEMENT
Copyright ©2002-2005 Semtech Corporation
10
V1.20 www.semtech.com
Periodic Interrupt / Wakeup Timer
Simple and versatile, the Periodic Interrupt / Wakeup
Timer can be used to create very accurate recurring
interrupts for use by the host micro. With some minimal
software support from the host processor, it can also be
used to create alarms, with practically unlimited duration.
While the timer is running, the host processor can be
halted, consuming no energy. The interrupt wakes up
the processor, which can perform the requisite task and
go back to sleep, until the next periodic interrupt.
This mode of operation can achieve extremely low
average power consumption.
A 32-bit counter clocked by 32.768 kHz, producing a
minimum interval of 30.5 µs and the maximum interval of
36.4 hours, creates the Timer.
After reset, the Timer is stopped until the new value
for the time interval is written into the 4-byte Time
Interval register. When the least significant byte (LSB) is
written, the whole value is moved to the Time Interval
latch, the counter is reset and starts to increment with
the 32.768 kHz clock.
When the 32-bit comparator detects a match, an
interrupt is generated and the counter is reset and starts
the next timing cycle.
Although the counter cannot be written to, the
current value from the counter can be read at any time.
The whole 32-bit value is loaded into the 32-bit Current
Timer Value latch when the least significant byte is read.
This prevents errors stemming from the finite time
between the readings of individual bytes of the current
value.
Auxiliary functions
Voltage Regulator
Pin VREG can be used as a nominal 2.20 V reference
voltage or a supply source for small loads (<2 mA). A
bypass capacitor might be necessary between this pin
and VSS if the load generates large current transients or
a low ripple reference is required.
14
Figure 6. Periodic Interrupt / Wakeup timer
IO/INT
32-bit Time Interval
32-bit Counter
32-bit Comparator
32-bit Latch
Interrupt
Logic
Serial I/O
RESET
LSB
MSB
32-bit Latch
LOAD
LOAD
Current Timer
Value
LSB
MSB
32.768 kHz


Similar Part No. - SH3002

ManufacturerPart #DatasheetDescription
logo
Rohm
SH3002-DC70A ROHM-SH3002-DC70A Datasheet
58Kb / 4P
   Near edge thermal printhead (with thermal historical control)
SH3002-DC80A ROHM-SH3002-DC80A Datasheet
125Kb / 3P
   Near edge thermal printhead (with thermal historical control)
SH3002-DC90A ROHM-SH3002-DC90A Datasheet
57Kb / 4P
   Near edge thermal printhead (300 dots / inch)
SH3002-DC90A ROHM-SH3002-DC90A Datasheet
116Kb / 4P
   Near edge type thermal printhead(11.81dots / mm)
SH3002-DC90A ROHM-SH3002-DC90A_09 Datasheet
116Kb / 4P
   Near edge type thermal printhead(11.81dots / mm)
More results

Similar Description - SH3002

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SH3001 SEMTECH-SH3001 Datasheet
486Kb / 20P
   Real-Time Clock and Clock Management Support IC for Microcontrollers
logo
STMicroelectronics
ST72561XX STMICROELECTRONICS-ST72561XX Datasheet
2Mb / 324P
   Clock, reset and supply management
January 2011 Rev 8
STM32F410X8 STMICROELECTRONICS-STM32F410X8 Datasheet
1Mb / 142P
   Clock, reset and supply management
April 2017 Rev 5
ST7MC1K2 STMICROELECTRONICS-ST7MC1K2 Datasheet
5Mb / 371P
   Clock, reset and supply management
July 2007 Rev 1
STM32F100XC STMICROELECTRONICS-STM32F100XC Datasheet
1Mb / 106P
   Clock, reset and supply management
March 2016 Rev 10
STM32F103CBT6 STMICROELECTRONICS-STM32F103CBT6 Datasheet
1Mb / 102P
   Clock, reset and supply management
STM32F103RCT6 STMICROELECTRONICS-STM32F103RCT6 Datasheet
1Mb / 130P
   Clock, reset and supply management
STM32F215XX STMICROELECTRONICS-STM32F215XX Datasheet
2Mb / 180P
   Clock, reset and supply management
August 2016 Rev 13
STM32F401XD STMICROELECTRONICS-STM32F401XD Datasheet
2Mb / 135P
   Clock, reset and supply management
January 2015 Rev 3
ST72361XX STMICROELECTRONICS-ST72361XX Datasheet
2Mb / 279P
   Clock, reset and supply management
August 2010 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com