Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH3001 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SH3001
Description  Real-Time Clock and Clock Management Support IC for Microcontrollers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3001 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SH3001 Datasheet HTML 4Page - Semtech Corporation SH3001 Datasheet HTML 5Page - Semtech Corporation SH3001 Datasheet HTML 6Page - Semtech Corporation SH3001 Datasheet HTML 7Page - Semtech Corporation SH3001 Datasheet HTML 8Page - Semtech Corporation SH3001 Datasheet HTML 9Page - Semtech Corporation SH3001 Datasheet HTML 10Page - Semtech Corporation SH3001 Datasheet HTML 11Page - Semtech Corporation SH3001 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SH3001 MicroBuddy™
SYSTEM MANAGEMENT
Copyright ©2002-2005 Semtech Corporation
8
V1.15
www.semtech.com
The crystal oscillator has the useful feature of
adjustable load capacitors. It permits tuning of the circuit
for initial tolerance of the crystal (often ± 20 ppm) as well
as an adjustment for the required load capacitance (with
possible variations from the PCB layout). While the
oscillator was designed for a crystal with a nominal load
capacitance of 12.5 pF, the circuit accommodates any
value from ~7 pF to 22 pF (depending on parasitics of
the layout). All of these corrections can be performed
when the part is already installed on the PCB, in the
actual circuit.
The default value for load capacitance (12.5 pF)
loaded on power-up from the factory-programmed
Nonvolatile memory can be re-programmed at any time
(following a secure process of unlocking the load
capacitance value register and immediately writing a
new setting), or it can be completely protected from any
changes by a permanent write-protect flag.
This adjustment can set the frequency of the crystal
oscillator to within ± 4 ppm of the ideal value. As a
reference, a typical 32.768 kHz crystal changes its
frequency 4 ppm for a 10°C change in temperature.
Since the temperature characteristics of crystals are well
known and stable, the host processor is free to
implement an algorithm for temperature compensation of
the crystal oscillator using the adjustable load
capacitors, with resulting accuracy of ± 4 ppm over the
entire temperature range.
Real-Time Clock
Using the ± 4 ppm, 32.768 kHz clock from the LF
oscillator, the Real-Time Clock module keeps time with
a maximum error as low as 2 minutes per year. This
compares favorably with a conventional error of 2
minutes per month for typical RTC chips.
The hardware of the Real-Time Clock is capable of
179-years of calendar operations (see Figure 3).
All counting-chain values are loaded at the same
time into corresponding registers when the Fractions
register is read. All values from registers are loaded into
the counting-chain when the Fractions register is written.
The RTC continues normal operations when VDD is
absent, if backup power is available.
14
Figure 3. Real Time Clock and Periodic Interrupt / Wakeup timer
IO/INT
16-bit Counter
Days (BIN)
0 - 65535
256 Hz
32-bit Time Interval
32-bit Counter
32-bit Comparator
32-bit Latch
Interrupt
Logic
Serial I/O
RESET
÷ 256
÷ 60 ÷ 60 ÷ 24
1 Hz
LSB
MSB
Minutes
(BCD)
0 - 59
Seconds
(BCD)
0 - 59
Fractions
(BIN)
0 - 255
Hours
(BCD)
0 - 23
32-bit Latch
LOAD
LOAD
LSB
Current Timer
Value
LSB
MSB
32.768 kHz
÷ 128


Similar Part No. - SH3001

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SH300 LITTELFUSE-SH300 Datasheet
450Kb / 4P
   Gas Discharge Tubes
Revised: GD. 03/09/21
logo
Semtech Corporation
SH3000 SEMTECH-SH3000 Datasheet
421Kb / 24P
   Low-Power Programmable Multifunction Support IC for Microcontrollers
SH3000EK SEMTECH-SH3000EK Datasheet
354Kb / 22P
   Reset Management and Clock Management Support IC for Microcontrollers
SH3000EK SEMTECH-SH3000EK Datasheet
658Kb / 30P
   MicroBuddy짰 Support IC for Microcontrollers
SH3000EK SEMTECH-SH3000EK Datasheet
421Kb / 24P
   Low-Power Programmable Multifunction Support IC for Microcontrollers
More results

Similar Description - SH3001

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SH3002 SEMTECH-SH3002 Datasheet
354Kb / 22P
   Reset Management and Clock Management Support IC for Microcontrollers
logo
Zilog, Inc.
EZ80F915005MODG ZILOG-EZ80F915005MODG Datasheet
581Kb / 22P
   Real-time clock support
logo
Nippon Precision Circui...
SM8578BV NPC-SM8578BV Datasheet
77Kb / 13P
   Real-time Clock IC
SM8577B NPC-SM8577B Datasheet
78Kb / 10P
   Real-time Clock IC
SM8578BV NPC-SM8578BV Datasheet
117Kb / 16P
   Real-time Clock IC
logo
RICOH electronics devic...
RS5C313 RICOH-RS5C313 Datasheet
267Kb / 32P
   ULTRA-COMPACT REAL-TIME CLOCK IC
logo
Maxim Integrated Produc...
DS83C530-DS87C530 MAXIM-DS83C530-DS87C530 Datasheet
749Kb / 46P
   EPROM/ROM Microcontrollers with Real-Time Clock
EN87C196CB MAXIM-EN87C196CB Datasheet
655Kb / 45P
   EPROM/ROM Microcontrollers with Real-Time Clock
REV: 071107
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com