Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC2516MLTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC2516MLTRT
Description  Complete Three-in-One DDR Power Solution With BF_CUT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2516MLTRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC2516MLTRT Datasheet HTML 6Page - Semtech Corporation SC2516MLTRT Datasheet HTML 7Page - Semtech Corporation SC2516MLTRT Datasheet HTML 8Page - Semtech Corporation SC2516MLTRT Datasheet HTML 9Page - Semtech Corporation SC2516MLTRT Datasheet HTML 10Page - Semtech Corporation SC2516MLTRT Datasheet HTML 11Page - Semtech Corporation SC2516MLTRT Datasheet HTML 12Page - Semtech Corporation SC2516MLTRT Datasheet HTML 13Page - Semtech Corporation SC2516MLTRT Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2516
Applications Information (Cont.)
Step 1. Output filter corner frequency
F
o = 1.6 KHz
Step 2. ESR zero frequency:
F
esr = 3.537 KHz
Step 3. Check the following condition:
Which is satisfied in this case.
Step 4. Choose crossover frequency and calculate
compensator R:
F
x_over = 50 KHz
R = 15 K
Step 5. Calculate the compensator C:
C = 33 nF
Step 6. Generate Bode plot and check the phase margin.
In this case, the phase margin is about 85oC that en-
sures the loop stability. Fig. 2 shows the Bode plot of the
loop.
or
R
1
G pwm V in
G m
F o
F esr
2
F x_over
F o
V o
V bg
:=
when
(5) The compensation capacitor is determined by choos-
ing the compensator zero to be about one fifth of the
output filter corner frequency:
(6) The final step is to generate the Bode plot, either by
using the simulation model in Fig. 1 or using the equa-
tions provided here with Mathcad. The phase margin
can then be checked using the Bode plot. Usually, this
design procedure ensures a healthy phase margin.
(7) An additional capacitor should be reserved at the
compensation pin to ground to have another high fre-
quency pole.
An example is given below to demonstrate the proce-
dure introduced above. The parameters of the power
supply (typical for VDDQ section) are given as :
F esr
F sw
5
<
F esr
F o
<
F x_over
<
F zero
F o
5
C
1
2
π
. R
. F
zero
.
Vin
5V
:=
Vo
2.5 V
:=
Io
20 A
:=
Fsw
250 KHz
:=
L
2.2
µH
:=
Co
4500
µF
:=
Rc
0.01
:=
Vbg
1.25 V
:=
Vramp
0.55 V
:=
Gm
0.001 A
V
:=
Compensation design of the GMCH Channel
Compensation design of the GMCH Channel
Compensation design of the GMCH Channel
Compensation design of the GMCH Channel
Compensation design of the GMCH Channel
The configuration of the PWM comparator of GMCH
channel is such that its inverter input is connected to
Comp_GMCH and the non-inverter input is connected
to the internal ramp. The peak voltage of the internal
ramp is 1.1V and the valley voltage is 0.55V. When
COMP_GMCH voltage is below 0.55V, the maximum duty
cycle will be generated by PWM comparator. If
COMP_GMCH voltage is over 1.1V then the minimum
duty cycle will be generated.
To ensure proper soft start function of the GMCH
channel, COMP_GMCH voltage must rise above 1.1V at
the beginning of soft start period quickly. So a higher
compensation gain is required. The following example
shows that by choosing the compensation parameters
as 15kOhm and 27nF for a typical output filter with
1~2uH inductor and 2000uF capacitor (ESR of 8~12
mOhm), the circuit will yield smooth soft start, stable
control loop, and satisfactory transient response. The
measured Bode plot of the loop gain is shown in Figure
3.


Similar Part No. - SC2516MLTRT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SC251 MOTOROLA-SC251 Datasheet
94Kb / 2P
   TRIACS BIDIRECTIPNAL TRIODE THYRISTORS
logo
Semtech Corporation
SC251 SEMTECH-SC251 Datasheet
523Kb / 19P
   Step-down DC-DC Converter with Bias LDO for WCDMA Amplifi ers
logo
New Jersey Semi-Conduct...
SC251 NJSEMI-SC251 Datasheet
228Kb / 4P
   Hermetic Triacs
SC251 NJSEMI-SC251 Datasheet
228Kb / 4P
   Hermetic Triacs
logo
Motorola, Inc
SC251B MOTOROLA-SC251B Datasheet
94Kb / 2P
   TRIACS BIDIRECTIPNAL TRIODE THYRISTORS
More results

Similar Description - SC2516MLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2615 SEMTECH-SC2615 Datasheet
216Kb / 13P
   Complete DDR Power Solution
SC2616 SEMTECH-SC2616 Datasheet
414Kb / 17P
   Complete DDR Power Solution
SC2616 SEMTECH-SC2616_03 Datasheet
325Kb / 16P
   Complete DDR Power Solution
logo
Texas Instruments
TPS65295 TI1-TPS65295 Datasheet
1Mb / 39P
[Old version datasheet]   complete DDR4 memory power solution
logo
Maxim Integrated Produc...
MAX17515 MAXIM-MAX17515_V01 Datasheet
1Mb / 15P
   Complete Switch-Mode Power Supply in One Package
2015
logo
STMicroelectronics
STEVAL-IPP001V2 STMICROELECTRONICS-STEVAL-IPP001V2 Datasheet
517Kb / 16P
   Complete solution for power line communication in metering applications
October 2011 Rev 1
logo
Zoran Corporation
IPS-ZX ZORAN-IPS-ZX Datasheet
77Kb / 2P
   Complete Raster Solution
logo
Sipex Corporation
SP7680 SIPEX-SP7680 Datasheet
450Kb / 16P
   Complete Backlight Solution
logo
ON Semiconductor
NCL31000 ONSEMI-NCL31000 Datasheet
1Mb / 44P
   Complete Connected LED Driver Power Solution
June, 2021 - Rev. 1
logo
Richtek Technology Corp...
RT8248A RICHTEK-RT8248A Datasheet
292Kb / 21P
   Complete DDR Memory Power Supply Controller
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com