Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS1510CM Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # AMS1510CM
Description  10A LOW DROPOUT VOLTAGE REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1510CM Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  AMS1510CM Datasheet HTML 1Page - Advanced Monolithic Systems AMS1510CM Datasheet HTML 2Page - Advanced Monolithic Systems AMS1510CM Datasheet HTML 3Page - Advanced Monolithic Systems AMS1510CM Datasheet HTML 4Page - Advanced Monolithic Systems AMS1510CM Datasheet HTML 5Page - Advanced Monolithic Systems AMS1510CM Datasheet HTML 6Page - Advanced Monolithic Systems AMS1510CM Datasheet HTML 7Page - Advanced Monolithic Systems AMS1510CM Datasheet HTML 8Page - Advanced Monolithic Systems AMS1510CM Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS1510
APPLICATION HINTS
The AMS1510 series of adjustable and fixed regulators are
designed to power the new generation of microprocessors. The
AMS1510 is designed to make use of multiple power supplies,
existing in most systems, to reduce the dropout voltage. One of the
advantages of the two supply approach is maximizing the
efficiency.
The second supply is at least 1V greater than output voltage and is
providing the power for the control circuitry and supplies the drive
current to the NPN output transistor. This allows the NPN to be
driven into saturation; thereby reducing the dropout voltage by a
VBE compared to conventional designs. For the control voltage
the current requirement is small equal to about 1% of the output
current or approximately 100mA for a 10A load. Most of this
current is drive current for the NPN output transistor. This drive
current becomes part of the output current. The maximum voltage
on the Control pin is 13V. The maximum voltage at the Power pin
is 7V. Ground pin current for fixed voltage devices is typical 6mA
and is constant as a function of load. Adjust pin current for
adjustable devices is 60
µA at 25°C and varies proportional to
absolute temperature.
The improved frequency compensation of AMS1510 permits the
use of capacitors with very low ESR. This is critical in addressing
the needs of modern, low voltage high sped microprocessors. The
new generation of microprocessors cycle load current from several
hundred mA to several A in tens of nanoseconds. Output voltage
tolerances are tighter and include transient response as part of the
specification. Designed to meet the fast current load step
requirements of these microprocessors, the AMS1510 also saves
total cost by needing less output capacitance to maintain
regulation.
Careful design of the AMS1510 has eliminated any supply
sequencing issues associated with a dual supply system. The
output voltage will not turn on until both supplies are operating. If
the control voltage comes up first, the output current will be
limited to a few milliamperes until the power input voltage comes
up. If power input comes up first the output will not turn on at all
until the control voltage comes up. The output can never come up
unregulated. By tying the control and power inputs together the
AMS1510 can also be operated as a single supply device. In single
supply operation the dropout will be determined by the minimum
control voltage.
The new features of the AMS1510 require additional pins over the
traditional 3-terminal regulator. Both the fixed and adjustable
versions have remote sense pins, permitting very accurate
regulation of output voltage at the load, rather than at the
regulator. As a result, over an output current range of 100mA to
10A with a 2.5V output, the typical load regulation is less than
1mV. For the fixed voltages the adjust pin is brought out allowing
the user to improve transient response by bypassing the internal
resistor divider. Optimum transient response is provided using a
capacitor in the range of 0.1
µF to 1µF for bypassing the Adjust
pin. The value chosen will depend on the amount of output
capacitance in the system.
In addition to the enhancements mentioned, the reference accuracy
has been improved by a factor of two with a guaranteed initial
tolerance of
±0.6% at 25°C. This device can hold 1% accuracy
over the full temperature range and load current range,
guaranteed, when combined with ratiometrically accurate internal
divider resistors and operating with an input/output differential of
well under 1V.
Typical applications for the AMS1510 include 3.3V to 2.5V
conversion with a 5V control supply, 5V to 4.2V conversion with
a 12V control supply or 5V to 3.6V conversion with a 12V control
supply. Due to the innovative design of the AMS1510 it is easy to
obtain dropout voltages of less than 0.5V at 6A along with
excellent static and dynamic specifications. Capable of 10A of
output current with a maximum dropout of 0.8V the AMS1510
also has a fast transient response that allows it to handle large
current
changes
associated
with
the
new
generation
of
microprocessors. The device is fully protected against overcurrent
and overtemperature conditions.
Grounding and Output Sensing
The AMS1510 allows true Kelvin sensing for both the high and
low side of the load. As a result the voltage regulation at he load
can be easily optimized. Voltage drops due to parasitic resistances
between the regulator and the load can be placed inside the
regulation loop of the AMS1510. The advantages of remote
sensing are illustrated in figures 1 through 3.
Figure 1 shows the device connected as a conventional 3 terminal
regulator with the Sense lead connected directly to the output of
the device. RP is the parasitic resistance of the connections
between the device and the load. Typically the load is a
microprocessor and RP is made up of the PC traces and /or
connector resistances (in the case of a modular regulator) between
the regulator and the processor. Trace A of figure 3 illustrates the
effect of RP. Very small resistances cause significant load
regulation steps.
Figure 2 shows the device connected to take advantage of the
remote sense feature. The Sense pin and the top of the resistor
divider are connected to the top of the load; the bottom of the
resistor divider is connected to the bottom of the load. RP is now
connected inside the regulation loop of the AMS1510 and for
reasonable values of RP the load regulation at the load will be
negligible. The effect on output regulation can be seen in trace B
of figure 3.
CONTROL
POWER
SENSE
AMS1510
OUTPUT
ADJ
LOAD
+
-
V
OUT
R
P
R
P
R1
R2
5V
3.3V
Figure 1. Conventional Load Sensing


Similar Part No. - AMS1510CM

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1510CM ADMOS-AMS1510CM Datasheet
77Kb / 9P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1510CM-15 ADMOS-AMS1510CM-15 Datasheet
77Kb / 9P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1510CM-25 ADMOS-AMS1510CM-25 Datasheet
77Kb / 9P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1510CM-285 ADMOS-AMS1510CM-285 Datasheet
77Kb / 9P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1510CM-30 ADMOS-AMS1510CM-30 Datasheet
77Kb / 9P
   10A LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - AMS1510CM

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1510 ADMOS-AMS1510 Datasheet
77Kb / 9P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1082 ADMOS-AMS1082 Datasheet
71Kb / 8P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1082 ADMOS-AMS1082_05 Datasheet
88Kb / 8P
   10A LOW DROPOUT VOLTAGE REGULATORS
logo
Linear Technology
LT1581 LINER-LT1581_15 Datasheet
241Kb / 12P
   10A, Very Low Dropout Regulators
LT1581 LINER-LT1581 Datasheet
264Kb / 12P
   10A, Very Low Dropout Regulators
LT1581-2.5 LINER-LT1581-2.5_15 Datasheet
241Kb / 12P
   10A, Very Low Dropout Regulators
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com