Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4854ETE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4854ETE
Description  7Ω Quad SPST Switches with Over-Rail Signal Handling
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4854ETE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4854ETE Datasheet HTML 1Page - Maxim Integrated Products MAX4854ETE Datasheet HTML 2Page - Maxim Integrated Products MAX4854ETE Datasheet HTML 3Page - Maxim Integrated Products MAX4854ETE Datasheet HTML 4Page - Maxim Integrated Products MAX4854ETE Datasheet HTML 5Page - Maxim Integrated Products MAX4854ETE Datasheet HTML 6Page - Maxim Integrated Products MAX4854ETE Datasheet HTML 7Page - Maxim Integrated Products MAX4854ETE Datasheet HTML 8Page - Maxim Integrated Products MAX4854ETE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
7
Quad SPST Switches
with Over-Rail Signal Handling
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = +3.0V, TA = +25°C, unless other-
wise noted.) (Note 2)
Note 2: Specifications are 100% tested at TA = +85°C only, and guaranteed by design and characterization over the specified tem-
perature range.
Note 3: Guaranteed by design and characterization; not production tested.
Note 4: ∆RON = RON(MAX) - RON(MIN).
Note 5: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges.
Note 6: Off-isolation = 20log10 (VCOM_ / VNO_), VCOM_ = output, VNO_ = input to off switch.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NO_ Off-Capacitance
COFF
f = 1MHz, Figure 5
13
pF
COM On-Capacitance
CON
f = 1MHz, Figure 5
30
pF
Total Harmonic
Distortion
THD
f = 20Hz to 20kHz, VCOM_ = 1V +2VP-P, RL = 600Ω
0.04
%
DIGITAL I/O (IN_)
VCC = +2V to +3.6V
1.4
Input Logic High
Voltage
VIH
VCC = +3.6V to +5.5V
1.8
V
VCC = +2V to +3.6V
0.5
Input Logic Low
Voltage
VIL
VCC = +3.6V to +5.5V
0.8
V
Input Leakage
IIN
VIN_ = 0 or +5.5V
-0.5
+0.5
µA
Typical Operating Characteristics
(VCC = 3.0V, TA = +25°C, unless otherwise noted.)
ON-RESISTANCE vs. COM VOLTAGE
COM VOLTAGE (V)
4
2
5
10
15
20
25
30
35
40
45
0
06
VCC = 1.8V
VCC = 2.0V
VCC = 2.3V
VCC = 2.5V
VCC = 3.0V VCC = 5.0V
ON-RESISTANCE vs. COM VOLTAGE
COM VOLTAGE (V)
4
2
3
4
5
6
7
8
2
06
VCC = 3.0V
TA = +85°C
TA = +25°C
TA = -40°C
ON-RESISTANCE vs. COM VOLTAGE
COM VOLTAGE (V)
5
4
1
2
3
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.5
06
VCC = 5.0V
TA = +85°C
TA = +25°C
TA = -40°C


Similar Part No. - MAX4854ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4854H MAXIM-MAX4854H Datasheet
277Kb / 8P
   Quad SPST, High-Bandwidth, Signal Line Protection Switch
19-3376; Rev 1; 1/05
MAX4854HETE MAXIM-MAX4854HETE Datasheet
277Kb / 8P
   Quad SPST, High-Bandwidth, Signal Line Protection Switch
19-3376; Rev 1; 1/05
MAX4854HLETE MAXIM-MAX4854HLETE Datasheet
277Kb / 8P
   Quad SPST, High-Bandwidth, Signal Line Protection Switch
19-3376; Rev 1; 1/05
More results

Similar Description - MAX4854ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4851 MAXIM-MAX4851 Datasheet
498Kb / 14P
   3.5 ??7 ?쪸uad SPST Switches with Over-Rail Signal Handling
Rev 0; 10/04
MAX4850 MAXIM-MAX4850 Datasheet
636Kb / 16P
   Dual SPDT Analog Switches with Over-Rail Signal Handling
Rev 0; 7/04
MAX4910 MAXIM-MAX4910 Datasheet
676Kb / 13P
   Quad-SPDT, Clickless Audio Switches with Negative Signal Handling
Rev 0; 2/06
MAX4511 MAXIM-MAX4511_V01 Datasheet
538Kb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
DG411F MAXIM-DG411F Datasheet
445Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 4/02
MAX4511 MAXIM-MAX4511 Datasheet
310Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 6/98
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
logo
Analog Devices
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com