Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS1587CT Datasheet(PDF) 8 Page - Advanced Monolithic Systems

Part # AMS1587CT
Description  3A LOW DROPOUT VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1587CT Datasheet(HTML) 8 Page - Advanced Monolithic Systems

  AMS1587CT Datasheet HTML 1Page - Advanced Monolithic Systems AMS1587CT Datasheet HTML 2Page - Advanced Monolithic Systems AMS1587CT Datasheet HTML 3Page - Advanced Monolithic Systems AMS1587CT Datasheet HTML 4Page - Advanced Monolithic Systems AMS1587CT Datasheet HTML 5Page - Advanced Monolithic Systems AMS1587CT Datasheet HTML 6Page - Advanced Monolithic Systems AMS1587CT Datasheet HTML 7Page - Advanced Monolithic Systems AMS1587CT Datasheet HTML 8Page - Advanced Monolithic Systems AMS1587CT Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS1587
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted (Continued).
3 LEAD TO-263 PLASTIC DD (M)
0.335-0.380
0.050
0.060
(1.524)
TYP
(8.50-9.65)
0.090-0.110
(2.286-2.794)
(1.270)
TYP
0.390-0.415
(9.906-10.541)
0.165-0.180
(4.191-4.572)
0.045-0.055
(1.143-1.397)
0.095-0.115
(2.413-2.921)
0.050±0.012
(1.270±0.305)
0.013-0.023
(0.330-0.584)
0.059
(1.499)
TYP
(0.102
)
+0.203
-0.102
0.004 +0.008
-0.004
M (DD3) AMS DRW# 042191
0.595-0.615
(15.113-15.621)
2 LEAD TO-263 PLASTIC DD (M)
0.050
0.060
(1.524)
TYP
0.090-0.110
(2.286-2.794)
(1.270)
TYP
0.390-0.415
(9.906-10.541)
0.165-0.180
(4.191-4.572)
0.045-0.055
(1.143-1.397)
0.095-0.115
(2.413-2.921)
0.050±0.012
(1.270±0.305)
0.013-0.023
(0.330-0.584)
0.059
(1.499)
TYP
(0.102
)
+0.203
-0.102
0.004 +0.008
-0.004
M (DD2) AMS DRW# 072191
0.0295
(0.7495)
TYP
0.335-0.380
(8.50-9.65)
0.595-0.615
(15.113-15.621)


Similar Part No. - AMS1587CT

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1587CT ADMOS-AMS1587CT Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587CT-15 ADMOS-AMS1587CT-15 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587CT-25 ADMOS-AMS1587CT-25 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587CT-285 ADMOS-AMS1587CT-285 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587CT-30 ADMOS-AMS1587CT-30 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS1587CT

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
   3A Low Dropout Voltage Regulator
SPX1587 EXAR-SPX1587 Datasheet
622Kb / 11P
   3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300_16 Datasheet
660Kb / 10P
   3A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
XRP29302ETBTR-L EXAR-XRP29302ETBTR-L Datasheet
2Mb / 9P
   3A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1587 SIPEX-SPX1587 Datasheet
171Kb / 7P
   3A Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
CM1582 ETC2-CM1582 Datasheet
256Kb / 11P
   3A LOW DROPOUT VOLTAGE REGULATOR
CX1085 ETC2-CX1085 Datasheet
108Kb / 2P
   3A Low dropout voltage regulator
logo
Exar Corporation
XRP29302 EXAR-XRP29302 Datasheet
1Mb / 9P
   3A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587 ADMOS-AMS1587 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com