Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVTH162374MEA Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74LVTH162374MEA
Description  Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25廓 Series Resistors in the Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH162374MEA Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74LVTH162374MEA Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH162374MEA Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH162374MEA Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH162374MEA Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH162374MEA Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH162374MEA Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH162374MEA Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH162374MEA Datasheet HTML 8Page - Fairchild Semiconductor 74LVTH162374MEA Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©2000 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVTH162374 Rev. 1.0.0
5
DC Electrical Characteristics
Notes:
3. An external driver must source at least the specified current to switch from LOW-to-HIGH.
4. An external driver must sink at least the specified current to switch from HIGH-to-LOW.
5. This is the increase in supply current for each input that is at the specified voltage level rather than VCC or GND.
Symbol
Parameter
VCC (V)
Conditions
TA = -40°C to
+85°C
Units
MIn.
Max.
VIK
Input Clamp Diode Voltage
2.7
II = -18mA
-1.2
V
VIH
Input HIGH Voltage
2.7–3.6
VO ≤ 0.1V or
VO ≥ VCC – 0.1V
2.0
V
VIL
Input LOW Voltage
2.7–3.6
0.8
V
VOH
Output HIGH Voltage
2.7–3.6
IOH = -100µA
VCC – 0.2V
V
3.0
IOH = -12mA
2.0
VOL
Output LOW Voltage
2.7
IOL = 100µA
0.2
V
3.0
IOL = 12mA
0.8
II(HOLD)
Bushold Input Minimum Drive
3.0
VI = 0.8V
75
µA
VI = 2.0V
-75
II(OD)
Bushold Input Over-Drive Current
to Change State
3.0
(3)
500
µA
(4)
-500
II
Input Current
3.6
VI = 5.5V
10
µA
Control Pins
VI = 0V or VCC
±1
Data Pins
VI = 0V
-5
VI = VCC
1
IOFF
Power Off Leakage Current
0
0V
≤ V
I or VO ≤ 5.5V
±100
µA
IPU/PD
Power Up/Down 3-STATE Output
Current
0–1.5
VO = 0.5V to 3.0V,
VI = GND or VCC
±100
µA
IOZL
3-STATE Output Leakage Current
3.6
VO = 0.5V
-5
µA
IOZH
3-STATE Output Leakage Current
3.6
VO = 3.0V
5
µA
IOZH+
3-STATE Output Leakage Current
3.6
VCC < VO ≤ 5.5V
10
µA
ICCH
Power Supply Current
3.6
Outputs HIGH
0.19
mA
ICCL
Power Supply Current
3.6
Outputs LOW
5
mA
ICCZ
Power Supply Current
3.6
Outputs Disabled
0.19
mA
ICCZ+Power Supply Current
3.6
VCC ≤ VO ≤ 5.5V,
Outputs Disabled
0.19
mA
∆I
CC
Increase in Power Supply Current(5)
3.6
One Input at VCC – 0.6V
Other Inputs at VCC or GND
0.2
mA


Similar Part No. - 74LVTH162374MEA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH162374MEA FAIRCHILD-74LVTH162374MEA Datasheet
98Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25??Series Resistors in the Outputs
More results

Similar Description - 74LVTH162374MEA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH162374 FAIRCHILD-74LVTH162374 Datasheet
98Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25??Series Resistors in the Outputs
74LVTH322374 FAIRCHILD-74LVTH322374 Datasheet
77Kb / 6P
   Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25??Series Resistors in the Outputs (Preliminary)
74VCXH162374 FAIRCHILD-74VCXH162374 Datasheet
86Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26廓 Series Resistors in Outputs
74LVT16374 FAIRCHILD-74LVT16374 Datasheet
58Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVT16374 ONSEMI-74LVT16374 Datasheet
207Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs
Revised June 2005
logo
Fairchild Semiconductor
74VCX162374 FAIRCHILD-74VCX162374 Datasheet
151Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
74ACT16374 FAIRCHILD-74ACT16374_05 Datasheet
89Kb / 6P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACT16374 FAIRCHILD-74ACT16374 Datasheet
94Kb / 7P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ16374 FAIRCHILD-74ACTQ16374 Datasheet
94Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ16374 FAIRCHILD-74ACTQ16374_05 Datasheet
108Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com