Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC8863-300CSKTR Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC8863-300CSKTR
Description  150mA Ultra Low Dropout, Low Noise Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC8863-300CSKTR Datasheet(HTML) 1 Page - Semtech Corporation

  SC8863-300CSKTR Datasheet HTML 1Page - Semtech Corporation SC8863-300CSKTR Datasheet HTML 2Page - Semtech Corporation SC8863-300CSKTR Datasheet HTML 3Page - Semtech Corporation SC8863-300CSKTR Datasheet HTML 4Page - Semtech Corporation SC8863-300CSKTR Datasheet HTML 5Page - Semtech Corporation SC8863-300CSKTR Datasheet HTML 6Page - Semtech Corporation SC8863-300CSKTR Datasheet HTML 7Page - Semtech Corporation SC8863-300CSKTR Datasheet HTML 8Page - Semtech Corporation SC8863-300CSKTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC8863
150mA Ultra Low Dropout,
Low Noise Regulator
Revision: November 8, 2005
The SC8863 is a low dropout linear regulator that
operates from a +2.5V to +6.0V input range and
delivers up to 150mA. A PMOS pass transistor allows
the low 110µA supply current to remain independent of
load, making these devices ideal for battery operated
portable equipment such as cellular phones, cordless
phones and personal digital assistants.
The SC8863 output voltage can be preset or adjusted
with an external resistor divider. Other features include
low power shutdown, short circuit protection, thermal
shutdown protection and reverse battery protection. The
SC8863 comes in the tiny 5 lead SOT-23 package (lead
free, fully WEEE and RoHS compliant available) and the
ultra low profile 5 lead TSOT-23.
Guaranteed 150mA output current
Works with ceramic capacitors
Fixed or adjustable output
Very small external components
Low 75µV
RMS output noise
Very low supply current
Thermal overload protection
Reverse battery protection
Low power shutdown
Full industrial temperature range
Very low profile packaging available (1mm max.
height)
Surface mount packaging (SOT-23-5 and
TSOT-23-5)
Battery Powered Systems
Cellular Telephones
Cordless Telephones
Personal Digital Assistants
Portable Instrumentation
Modems
PCMCIA cards
VIN > VOUT + VD(MAX)
VOUT @ IOUT up to 150mA
U1
SC8863
1
2
3
4
5
EN
GND
IN
OUT
SET
C1
1uF Ceramic
C2
1uF Ceramic
VOUT @ IOUT up to 150mA
VIN > VOUT + VD(MAX)
C2
2.2uF Ceramic
U1
SC8863
1
2
3
4
5
EN
GND
IN
OUT
SET
R1
R2
10k
C1
1uF Ceramic
 +
=
2
R
1
R
1
250
.
1
V
OUT
Description
Features
Applications
Typical Application Circuits
Internally Preset Output Voltage
Externally Preset Output Voltage(1)
Note:
(1) Select R1 and R2 such that the current flowing through them is
≥ 10µA (i.e. R2 ≤ 120kΩ). A value of 10kΩ
is recommended for R2. Please see Component Selection - Externally Set Output on page 7.


Similar Part No. - SC8863-300CSKTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC8863-300CSK SEMTECH-SC8863-300CSK Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
More results

Similar Description - SC8863-300CSKTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC1454 SEMTECH-SC1454_05 Datasheet
250Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456_05 Datasheet
192Kb / 10P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
   Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC1454 SEMTECH-SC1454 Datasheet
298Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
logo
ADDtek Corp
AMC8878 ADDTEK-AMC8878 Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
logo
List of Unclassifed Man...
AMC8878 ETC1-AMC8878 Datasheet
513Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330_15 Datasheet
636Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com