Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BCR12CM Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part No. BCR12CM
Description  Triac 12 Amperes/400-600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BCR12CM Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  BCR12CM Datasheet HTML 1Page - Powerex Power Semiconductors BCR12CM Datasheet HTML 2Page - Powerex Power Semiconductors BCR12CM Datasheet HTML 3Page - Powerex Power Semiconductors BCR12CM Datasheet HTML 4Page - Powerex Power Semiconductors BCR12CM Datasheet HTML 5Page - Powerex Power Semiconductors BCR12CM Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
Triac
12 Amperes/400-600 Volts
BCR12CM
T-57
Dimensions
Inches
Millimeters
J
0.99
2.54
K
0.10
2.6
L
0.051
1.3
M
0.051
1.3
N
0.039
1.0
P
0.031
0.8
Q
0.020
0.5
Dimensions
Inches
Millimeters
A
0.63 Max.
16.0 Max.
B
0.49 Max.
12.5 Max.
C
0.41 Max.
10.5 Max.
D
0.28
7.0
E
0.18
4.5
F
0.15 Max.
3.8 Max.
G
0.142 ± 0.008 Dia. 3.6 ± 0.2 Dia.
H
0.125 ± 0.008
3.2 ± 0.2
Description:
A triac is a solid state silicon
AC switch which may be gate
triggered from an off-state to an
on-state for either polarity of
applied voltage.
Features:
□ Glass Passivation
□ Selected for Inductive Loads
Applications:
□ AC Switch
□ Heating
□ Motor Controls
□ Lighting
□ Solid State Relay
□ Switch Mode Power Supply
Ordering Information:
Example: Select the complete
eight, nine or ten digit part number
you desire from the table - i.e.
BCR12CM-8 is a 400 Volt,
12 Ampere Triac
VDRM
Inductive
Type
Volts
Code
Load*
BCR12CM
400
-8
L
60
-12
*For inductive load, add L.
Outline Drawing (Conforms to TO-220)
Œ
Ž
ŒŽ


G
D
A
H
L
E
K
M
N
J
J
P
B
F
E
C
ΠT1 TERMINAL
 T2 TERMINAL
Ž GATE
 T2 TERMINAL
CONNECTION DIAGRAM
OUTLINE DRAWING


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BCR30AM Triac 30 Ampere/400-600 Volts 1  2  3  4  Powerex Power Semiconductors
CQ89D 2.0 AMP TRIAC 400 THRU 800 VOLTS 1  2  Central Semiconductor Corp
CQ202-4BS 4.0 AMP TRIAC 200 THRU 800 VOLTS 1  2  Central Semiconductor Corp
MAC08BT1 TRIAC 0.8 AMPERE RMS 200 thru 600 Volts 1  2  3  4  5  Motorola, Inc
BCR3AM Triac 3 Amperes/400-600 Volts 1  2  3  4  Powerex Power Semiconductors
CQ89DS 2.0 AMP TRIAC 400 THRU 800 VOLTS 1  2  Central Semiconductor Corp
CQ3P-25B ISOLATED 30 AMP TRIAC 200 THRU 800 VOLTS 1  2  Central Semiconductor Corp
CQ202-4M 4.0 AMP TRIAC 600 THRU 800 VOLTS 1  2  Central Semiconductor Corp
CQ202-4BS-2 4.0 AMP TRIAC 200 THRU 800 VOLTS 1  2  Central Semiconductor Corp
BCR5AM Triac 5 Amperes/400-600 Volts 1  2  3  4  5  More Powerex Power Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn