Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1453ITSK-1.5TR Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1453ITSK-1.5TR
Description  150mA Ultra Low Dropout Regulator with Low Noise Bypass
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1453ITSK-1.5TR Datasheet(HTML) 2 Page - Semtech Corporation

  SC1453ITSK-1.5TR Datasheet HTML 1Page - Semtech Corporation SC1453ITSK-1.5TR Datasheet HTML 2Page - Semtech Corporation SC1453ITSK-1.5TR Datasheet HTML 3Page - Semtech Corporation SC1453ITSK-1.5TR Datasheet HTML 4Page - Semtech Corporation SC1453ITSK-1.5TR Datasheet HTML 5Page - Semtech Corporation SC1453ITSK-1.5TR Datasheet HTML 6Page - Semtech Corporation SC1453ITSK-1.5TR Datasheet HTML 7Page - Semtech Corporation SC1453ITSK-1.5TR Datasheet HTML 8Page - Semtech Corporation SC1453ITSK-1.5TR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1453
Absolute Maximum Ratings
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
y
l
p
p
u
S
t
u
p
n
IV
N
I
7
+
o
t
6
.
0
-V
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
A
J
6
5
2W
/
C
°
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
C
J
1
8W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
OT
A
5
8
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
OT
J
5
2
1
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
o
t
5
6
-C
°
.
c
e
S
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
g
n
it
a
R
D
S
ED
S
E2
V
k
Unless specified: V
IN = VOUT + 1V, VEN = VIN, IOUT = 100µA, CIN = COUT = 1µF, TA = 25°C. Values in bold apply over full operating ambient temperature range.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
N
I
e
g
n
a
R
e
g
a
tl
o
V
y
l
p
p
u
SV
N
I
5
2
.
20
5
.
6
V
t
n
e
r
r
u
C
y
l
p
p
u
SI
Q
I
T
U
O
A
m
0
5
1
o
t
A
m
0
=5
70
3
1A
µ
0
6
1
V
N
I
V
,
V
5
.
6
=
N
E
V
0
=1
.
00
.
1A
µ
5
.
1
T
U
O
e
g
a
tl
o
V
t
u
p
t
u
O
)
1
(
V
T
U
O
I
T
U
O
A
m
1
=%
5
.
1
-V
T
U
O
%
5
.
1
+V
A
m
0
≤ I
T
U
O
V
,
A
m
0
5
1
T
U
O
V
1
+
≤ V
N
I
V
5
.
5
%
0
.
2
-%
0
.
2
+
n
o
it
a
l
u
g
e
R
e
n
i
L
)
2
(
)
1
(
G
E
R
)
E
N
I
L
(
V
(
)
M
O
N
(
T
U
O
)
V
1
.
0
+
≤ V
N
I
I
,
V
5
.
5
T
U
O
A
m
1
=5
.
20
1V
m
2
1
n
o
it
a
l
u
g
e
R
d
a
o
L
)
1
(
G
E
R
)
D
A
O
L
(
I
T
U
O
A
m
0
5
1
o
t
A
m
1
.
0
=3
-0
1
-V
m
0
2
-
Electrical Characteristics
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied.


Similar Part No. - SC1453ITSK-1.5TR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1453ITSK1.5TR SEMTECH-SC1453ITSK1.5TR Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453ITSK1.8TR SEMTECH-SC1453ITSK1.8TR Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453ITSK15TRT SEMTECH-SC1453ITSK15TRT Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453ITSK18TRT SEMTECH-SC1453ITSK18TRT Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453ITSK2.5TR SEMTECH-SC1453ITSK2.5TR Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
More results

Similar Description - SC1453ITSK-1.5TR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1453 SEMTECH-SC1453_08 Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453 SEMTECH-SC1453 Datasheet
119Kb / 5P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC1454 SEMTECH-SC1454_05 Datasheet
250Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456_05 Datasheet
192Kb / 10P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
   Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC1454 SEMTECH-SC1454 Datasheet
298Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
logo
ADDtek Corp
AMC8878 ADDTEK-AMC8878 Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com