Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1112 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1112
Description  Triple Low Dropout Regulator Controllers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1112 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1112_06 Datasheet HTML 4Page - Semtech Corporation SC1112_06 Datasheet HTML 5Page - Semtech Corporation SC1112_06 Datasheet HTML 6Page - Semtech Corporation SC1112_06 Datasheet HTML 7Page - Semtech Corporation SC1112_06 Datasheet HTML 8Page - Semtech Corporation SC1112_06 Datasheet HTML 9Page - Semtech Corporation SC1112_06 Datasheet HTML 10Page - Semtech Corporation SC1112_06 Datasheet HTML 11Page - Semtech Corporation SC1112_06 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1112
Block Diagram
Vref
1.5V
1.08V
+
DELAY
ADJGATE
VTTSEN
1.5V
Bandgap
_
_
Vref
ChargePump
1.2V
Disable3.3
+
_
AGPSEN
0.7V
Disable1.5
5VSTBY
VTTSEN
+
S
_
VTTGATE
GND
1.5V
_
+
AGPGATE
0.7V
_
+
VTTSEL
_
1.5V
+
+
_
R
Pwrgd
Threshold
AGPSEL
+-
VTTIN
+
1.2V
FC
_
Q
CAP-
1.35V
CAP+
FC
PWRGD
+
+
Disable1.2
Oscillator
1.2V
Disable1.5
ADJSEN
Reference
FC
_
+
_


Similar Part No. - SC1112_06

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1112ASTR SEMTECH-SC1112ASTR Datasheet
338Kb / 21P
   Triple Low Dropout Regulator Controllers
SC1112ATSTR SEMTECH-SC1112ATSTR Datasheet
338Kb / 21P
   Triple Low Dropout Regulator Controllers
SC1112EVB SEMTECH-SC1112EVB Datasheet
338Kb / 21P
   Triple Low Dropout Regulator Controllers
SC1112STR SEMTECH-SC1112STR Datasheet
338Kb / 21P
   Triple Low Dropout Regulator Controllers
SC1112TSTR SEMTECH-SC1112TSTR Datasheet
338Kb / 21P
   Triple Low Dropout Regulator Controllers
More results

Similar Description - SC1112_06

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1112 SEMTECH-SC1112 Datasheet
338Kb / 21P
   Triple Low Dropout Regulator Controllers
logo
Richtek Technology Corp...
RT9174 RICHTEK-RT9174_11 Datasheet
115Kb / 7P
   Triple Linear Regulator Controllers
RT9174 RICHTEK-RT9174_07 Datasheet
106Kb / 7P
   Triple Linear Regulator Controllers
RT9174 RICHTEK-RT9174 Datasheet
170Kb / 8P
   Triple Linear Regulator Controllers
logo
Semtech Corporation
SC1109 SEMTECH-SC1109_04 Datasheet
368Kb / 19P
   Synchronous PWM Controller with Dual Low Dropout Regulator Controllers
SC1109 SEMTECH-SC1109 Datasheet
223Kb / 17P
   SYNCHRONOUS PWM CONTROLLER WITH DUAL LOW DROPOUT REGULATOR CONTROLLERS
logo
Rohm
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
logo
Texas Instruments
UC1832 TI1-UC1832_16 Datasheet
1Mb / 18P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC2832DW TI1-UC2832DW Datasheet
1Mb / 20P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC1832 TI-UC1832 Datasheet
733Kb / 8P
[Old version datasheet]   Precision Low Dropout Linear Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com