Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1453ITSK-XXXTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1453ITSK-XXXTRT
Description  150mA Ultra Low Dropout Regulator with Low Noise Bypass
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1453ITSK-XXXTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1453ITSK-XXXTRT Datasheet HTML 5Page - Semtech Corporation SC1453ITSK-XXXTRT Datasheet HTML 6Page - Semtech Corporation SC1453ITSK-XXXTRT Datasheet HTML 7Page - Semtech Corporation SC1453ITSK-XXXTRT Datasheet HTML 8Page - Semtech Corporation SC1453ITSK-XXXTRT Datasheet HTML 9Page - Semtech Corporation SC1453ITSK-XXXTRT Datasheet HTML 10Page - Semtech Corporation SC1453ITSK-XXXTRT Datasheet HTML 11Page - Semtech Corporation SC1453ITSK-XXXTRT Datasheet HTML 12Page - Semtech Corporation SC1453ITSK-XXXTRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1453
Dropout Voltage vs. Junction Temperature
vs. Output Current
Dropout Voltage vs. Output Current
vs. Junction Temperature
Typical Characteristics (Cont.)
Bypass Start-up Rise Time vs. Junction Temperature
vs. Input Voltage
Enable Input Threshold Voltage vs. Junction
Temperature vs. Input Voltage
Reverse Battery Protection vs.
Junction Temperature
Output Spectral Noise Density vs. Frequency
vs. Output Voltage, C
OUT = 1µF
0
25
50
75
100
125
150
175
200
-50
-25
0
25
50
75
100
125
TJ (°C)
IOUT = 150mA
IOUT = 50mA
0
25
50
75
100
125
150
175
200
0
25
50
75
100
125
150
IOUT (mA)
Top to bottom:
TJ = 125°C
TJ = 25°C
TJ = -40°C
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
-50
-25
0
25
50
75
100
125
TJ (°C)
CBYP = 10nF
VIN = 3.8V
VIN = 6.5V
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
TJ (°C)
VIH @ VIN = 6.5V
VIH @ VIN = 3.8V
VIL @ VIN = 6.5V
VIL @ VIN = 3.8V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = VEN = -6.5V
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
f (kHz)
VIN = VOUT + 1V
IOUT = 1mA
CIN = 1µF
CBYP = 10nF
TJ = 25°C
Top to bottom:
VOUT = 3.3V
VOUT = 3.0V
VOUT = 2.8V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.5V


Similar Part No. - SC1453ITSK-XXXTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1453ITSK1.5TR SEMTECH-SC1453ITSK1.5TR Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453ITSK1.8TR SEMTECH-SC1453ITSK1.8TR Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453ITSK15TRT SEMTECH-SC1453ITSK15TRT Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453ITSK18TRT SEMTECH-SC1453ITSK18TRT Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453ITSK2.5TR SEMTECH-SC1453ITSK2.5TR Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
More results

Similar Description - SC1453ITSK-XXXTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1453 SEMTECH-SC1453_08 Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453 SEMTECH-SC1453 Datasheet
119Kb / 5P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC1454 SEMTECH-SC1454_05 Datasheet
250Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456_05 Datasheet
192Kb / 10P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
   Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC1454 SEMTECH-SC1454 Datasheet
298Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
logo
ADDtek Corp
AMC8878 ADDTEK-AMC8878 Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com