Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD9240RHBR Datasheet(PDF) 7 Page - Texas Instruments

Part # UCD9240RHBR
Description  UCD9240 Digital Point of Load System Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD9240RHBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCD9240RHBR Datasheet HTML 3Page - Texas Instruments UCD9240RHBR Datasheet HTML 4Page - Texas Instruments UCD9240RHBR Datasheet HTML 5Page - Texas Instruments UCD9240RHBR Datasheet HTML 6Page - Texas Instruments UCD9240RHBR Datasheet HTML 7Page - Texas Instruments UCD9240RHBR Datasheet HTML 8Page - Texas Instruments UCD9240RHBR Datasheet HTML 9Page - Texas Instruments UCD9240RHBR Datasheet HTML 10Page - Texas Instruments UCD9240RHBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
UCD9240
Digital Point of Load System Controller
SLUS766 – APRIL 2007
www.ti.com
7
ELECTRICAL SPECIFIACTIONS
Recommended operating conditions
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
V33D,V33DIO,V33A
Supply voltage during operation
3.0
3.3
3.6
V
TA
Operating free-air temperature range
-40
125
C
Absolute Maximum Ratings
1
Voltage applied at V33D to DVss
-0.3 V to 3.6 V
Voltage applied at V33A to AVss
-0.3 V to 3.6 V
Voltage applied to any pin (see NOTE)
-0.3 V to V33D + 0.3 V
Storage temperature, TSTG
-40C to 150C
Electrical Characteristics
Supply Current
SYMBOL
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
I33a
Supply current
V33A = 3.3V
15
I33dio
Supply current
V33DIO = 3.3V
I33d
Supply current
V33D = 3.3V
40
I33d
Supply current
V33D = 3.3V storing configuration
parameters in flash memory
TBD
Regulator Inputs/Outputs
SYMBOL
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
Vreg BPCap
Bypass Capacitor Voltage
1.8
V
V33
3.3V Linear Regulator
3.25
3.3
3.35
V
V33FB
3.3V linear Reg Feedback
4.0
4.6
V
I33FB
Series pass base drive
Vin = 12V
10
mA
Beta
Series NPN pass device
40
Bias Supply Generator
Two supply voltages, 3.3 and 1.8 V, are required. An internal series pass regulator generates 1.8 V from the 3.3 V
supply. It requires a 0.1 to 1 uF bypass capacitor from BPCap to ground. The 3.3 V can either be supplied from
an external source, or generated from Vin with regulation circuitry built into the UCD9240 that drives an external
series pass NPN transistor. Transistor beta must be at least 40. The typical application circuit shows the base of
1 Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those
indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated
conditions for extended periods may affect device reliability.
NOTE: All voltages referenced to VSS.


Similar Part No. - UCD9240RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9240RGCR TI-UCD9240RGCR Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9240RGCR TI-UCD9240RGCR Datasheet
945Kb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240RGCR TI1-UCD9240RGCR Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
UCD9240RGCR TI1-UCD9240RGCR Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
UCD9240RGCT TI-UCD9240RGCT Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
More results

Similar Description - UCD9240RHBR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3094PBF IRF-IR3094PBF Datasheet
802Kb / 29P
   3 PHASE PWM CONTROLLER FOR POINT OF LOAD
logo
CUI INC
VPOL5A-12-SIP CUI-VPOL5A-12-SIP Datasheet
248Kb / 12P
   point of load converter
VPOL10A-12W-SIP CUI-VPOL10A-12W-SIP Datasheet
562Kb / 13P
   point of load converter
VPOL15A-5-SMT CUI-VPOL15A-5-SMT Datasheet
256Kb / 11P
   point of load converter
VPOL20A-12W-SIP CUI-VPOL20A-12W-SIP Datasheet
685Kb / 14P
   point of load converter
VPOL5A-12-SMT CUI-VPOL5A-12-SMT_V01 Datasheet
2Mb / 11P
   POINT OF LOAD CONVERTER
11/02/2021
VPOL5A-5-SIP CUI-VPOL5A-5-SIP_V01 Datasheet
2Mb / 11P
   POINT OF LOAD CONVERTER
10/14/2021
VPOL5A-5-SIP CUI-VPOL5A-5-SIP Datasheet
449Kb / 10P
   point of load converter
VPOL5A-5-SMT CUI-VPOL5A-5-SMT Datasheet
270Kb / 11P
   point of load converter
VPOL10A-12W-SMT CUI-VPOL10A-12W-SMT Datasheet
656Kb / 14P
   point of load converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com