Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD9240PHR Datasheet(PDF) 8 Page - Texas Instruments

Part # UCD9240PHR
Description  UCD9240 Digital Point of Load System Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD9240PHR Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCD9240PHR Datasheet HTML 4Page - Texas Instruments UCD9240PHR Datasheet HTML 5Page - Texas Instruments UCD9240PHR Datasheet HTML 6Page - Texas Instruments UCD9240PHR Datasheet HTML 7Page - Texas Instruments UCD9240PHR Datasheet HTML 8Page - Texas Instruments UCD9240PHR Datasheet HTML 9Page - Texas Instruments UCD9240PHR Datasheet HTML 10Page - Texas Instruments UCD9240PHR Datasheet HTML 11Page - Texas Instruments UCD9240PHR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
UCD9240
Digital Point of Load System Controller
SLUS766 – APRIL 2007
8
www.ti.com
the external NPN connected to a pull up resistor and the VD33FB pin. The NPN emitter becomes the 3.3 V
supply for the chip and should be bypassed to ground with 4 to 5 uF.
Analog Inputs/Outputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vsense Differential
Voltage Range
0.0
0.8
1.6
V
EAPn, EANn
Maximum Vsense
excursion
-0.3
2.0
V
Small Signal Error voltage
resolution
during start/stop ramp
during run mode
4.0
1.0
mV
mV
EAP-EAN
Error Voltage Accuracy
“DAC commanded to be 1V”
.99
1
1.01
V
Input impedance
ground reference
TBD
ohm
Input capacitance
differential
TBD
pF
IBIAS
Bias current
PMBus Addr pins
9
11
uA
VADDR
PMBus Address
programming bins
See Table 2
0.141
2.50
uA
VRANGE: CSxx
voltage range for current
sense input
0
2.5
V
VRANGE: Vin, Vtrack,
Vtemp
input voltage range
0
2.5
V
VOVERCURRENT:
CS1-A, CS2-A,
CS3-A, CS4-A
Analog Overcurrent
Threshold
2.0
V
CI
2
Current Sense Input
capacitance
5
10
pF
ADCRefIn
External Reference
(80-pin package)
(Not currently supported in the Firmware!)
1.8
V33A
V
Timing
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Tretention
Retention of configuration
parameters
TJ = 25C
100
Years
t(reset)
Pulse length needed at
Reset
2
µS
Fault Detection Latency
t(FAULT)
time to disable PWM
output
High level on FAULT pin
20
nS
t(CLF)
time to disable PWM
output
Step change in CS voltage from 1.0V to
2.5V
20
nS
t(OC)
time to disable PWM
output due to overcurrrent
detection on average KKK
Step change in CS voltage from 50% of
PMBus programmed over-current threshold
to 150% of threshold
800
uS
2
Not production tested. Limits verified by design.


Similar Part No. - UCD9240PHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9240PFC TI-UCD9240PFC Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9240PFC TI-UCD9240PFC Datasheet
945Kb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240PFC TI1-UCD9240PFC Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
UCD9240PFC TI1-UCD9240PFC Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
UCD9240PFCG4 TI1-UCD9240PFCG4 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
More results

Similar Description - UCD9240PHR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3094PBF IRF-IR3094PBF Datasheet
802Kb / 29P
   3 PHASE PWM CONTROLLER FOR POINT OF LOAD
logo
CUI INC
VPOL5A-12-SIP CUI-VPOL5A-12-SIP Datasheet
248Kb / 12P
   point of load converter
VPOL10A-12W-SIP CUI-VPOL10A-12W-SIP Datasheet
562Kb / 13P
   point of load converter
VPOL15A-5-SMT CUI-VPOL15A-5-SMT Datasheet
256Kb / 11P
   point of load converter
VPOL20A-12W-SIP CUI-VPOL20A-12W-SIP Datasheet
685Kb / 14P
   point of load converter
VPOL5A-12-SMT CUI-VPOL5A-12-SMT_V01 Datasheet
2Mb / 11P
   POINT OF LOAD CONVERTER
11/02/2021
VPOL5A-5-SIP CUI-VPOL5A-5-SIP_V01 Datasheet
2Mb / 11P
   POINT OF LOAD CONVERTER
10/14/2021
VPOL5A-5-SIP CUI-VPOL5A-5-SIP Datasheet
449Kb / 10P
   point of load converter
VPOL5A-5-SMT CUI-VPOL5A-5-SMT Datasheet
270Kb / 11P
   point of load converter
VPOL10A-12W-SMT CUI-VPOL10A-12W-SMT Datasheet
656Kb / 14P
   point of load converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com