Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT12D436 Datasheet(PDF) 7 Page - Micron Technology

Part No. MT12D436
Description  DRAM MODULE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT12D436 Datasheet(HTML) 7 Page - Micron Technology

Back Button MT12D436 Datasheet HTML 3Page - Micron Technology MT12D436 Datasheet HTML 4Page - Micron Technology MT12D436 Datasheet HTML 5Page - Micron Technology MT12D436 Datasheet HTML 6Page - Micron Technology MT12D436 Datasheet HTML 7Page - Micron Technology MT12D436 Datasheet HTML 8Page - Micron Technology MT12D436 Datasheet HTML 9Page - Micron Technology MT12D436 Datasheet HTML 10Page - Micron Technology MT12D436 Datasheet HTML 11Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
4, 8 Meg x 36 Parity DRAM SIMMs
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DM45.pm5 – Rev. 3/97
„1997, Micron Technology, Inc.
7
4, 8 MEG x 36
PARITY DRAM SIMMs
OBSOLETE
AC ELECTRICAL CHARACTERISTICS
(Notes: 5, 6, 7, 8, 9, 10, 11, 12) (VCC = +5V
±10%)
AC CHARACTERISTICS
-6
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
Read command hold time (referenced to RAS#)
tRRH
0
ns
16
RAS# hold time
tRSH
15
ns
Write command to RAS# lead time
tRWL
15
ns
Transition time (rise or fall)
tT2
50
ns
Write command hold time
tWCH
10
ns
Write command hold time (referenced to RAS#)
tWCR
45
ns
WE# command setup time
tWCS
0
ns
Write command pulse width
tWP
10
ns
WE# hold time (CBR REFRESH)
tWRH
10
ns
WE# setup time (CBR REFRESH)
tWRP
10
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MT9LSDT872 SYNCHRONOUS DRAM MODULE 1  2  3  4  5  More Micron Technology
HY57V56820B 4 Banks x 8M x 8Bit Synchronous DRAM 1  2  3  4  5  More Hynix Semiconductor
EM48AM3284LBA 512Mb 4M×4Bank×32 Synchronous DRAM 1  2  3  4  5  More List of Unclassifed Manufacturers
M12S16161A 512K x 16Bit x 2Banks Synchronous DRAM 1  2  3  4  5  More Elite Semiconductor Memory Technology Inc.
MDLS12433P-XX LCM Module Specification 1  Varitronix international limited
VL-FS-MGLS12032C-01 SPECIFICATION OF LCD MODULE TYPE 1  2  3  4  5  More Varitronix international limited
VL-PS-OLM-O095CNC-02 SPECIFICATION OF LCD MODULE TYPE 1  2  3  4  5  More Varitronix international limited
DIM200PKM33-A000 IGBT Chopper Module 1  2  3  4  5  More Dynex Semiconductor
2MBI300U4H-170 IGBT MODULE 1  2  3  4  5  More Fuji Electric
SKY77321 PA Module for Tri-Band EGSM / GPRS 1  2  Skyworks Solutions Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn