Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT12D436 Datasheet(PDF) 6 Page - Micron Technology

Part # MT12D436
Description  DRAM MODULE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT12D436 Datasheet(HTML) 6 Page - Micron Technology

Back Button MT12D436 Datasheet HTML 2Page - Micron Technology MT12D436 Datasheet HTML 3Page - Micron Technology MT12D436 Datasheet HTML 4Page - Micron Technology MT12D436 Datasheet HTML 5Page - Micron Technology MT12D436 Datasheet HTML 6Page - Micron Technology MT12D436 Datasheet HTML 7Page - Micron Technology MT12D436 Datasheet HTML 8Page - Micron Technology MT12D436 Datasheet HTML 9Page - Micron Technology MT12D436 Datasheet HTML 10Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
4, 8 Meg x 36 Parity DRAM SIMMs
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DM45.pm5 – Rev. 3/97
„1997, Micron Technology, Inc.
6
4, 8 MEG x 36
PARITY DRAM SIMMs
OBSOLETE
CAPACITANCE
PARAMETER
SYMBOL 16MB
32MB
UNITS
NOTES
Input Capacitance: A0-A10
CI1
70
140
pF
2
Input Capacitance: WE#
CI2
94
188
pF
2
Input Capacitance: RAS0#, RAS1#, RAS2#, RAS3#
CI3
50
50
pF
2
Input Capacitance: CAS0#, CAS1#, CAS2#, CAS3#
CI4
25
50
pF
2
Input/Output Capacitance: DQ1-DQ8, DQ10-DQ17, DQ19-DQ26, DQ28-DQ35
CIO1
10
18
pF
2
Input/Output Capacitance: DQ9, DQ18, DQ27, DQ36
CIO2
16
28
pF
2
MAX
AC ELECTRICAL CHARACTERISTICS
(Notes: 5, 6, 7, 8, 9, 10, 11, 12) (VCC = +5V
±10%)
AC CHARACTERISTICS
-6
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
Access time from column address
tAA
30
ns
Column-address hold time (referenced to RAS#)
tAR
45
ns
Column-address setup time
tASC
0
ns
Row-address setup time
tASR
0
ns
Access time from CAS#
tCAC
15
ns
Column-address hold time
tCAH
10
ns
CAS# pulse width
tCAS
15
10,000
ns
CAS# hold time (CBR REFRESH)
tCHR
15
ns
4
CAS# to output in Low-Z
tCLZ
3
ns
21
CAS# precharge time
tCP
10
ns
13
Access time from CAS# precharge
tCPA
35
ns
CAS# to RAS# precharge time
tCRP
10
ns
CAS# hold time
tCSH
60
ns
CAS# setup time (CBR REFRESH)
tCSR
10
ns
4
Write command to CAS# lead time
tCWL
15
ns
Data-in hold time
tDH
10
ns
18
Data-in setup time
tDS
0
ns
18
Output buffer turn-off delay
tOFF
3
15
ns
17, 21
FAST-PAGE-MODE READ or WRITE cycle time
tPC
35
ns
Access time from RAS#
tRAC
60
ns
RAS# to column-address delay time
tRAD
15
ns
15
Row-address hold time
tRAH
10
ns
RAS# pulse width
tRAS
60
10,000
ns
RAS# pulse width (FAST PAGE MODE)
tRASP
60
125,000
ns
Random READ or WRITE cycle time
tRC
110
ns
RAS# to CAS# delay time
tRCD
20
ns
14
Read command hold time (referenced to CAS#)
tRCH
0
ns
16
Read command setup time
tRCS
0
ns
Refresh period (2,048 cycles)
tREF
32
ms
RAS# precharge time
tRP
40
ns
RAS# to CAS# precharge time
tRPC
0
ns


Similar Part No. - MT12D436

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
MT1210 DBLECTRO-MT1210 Datasheet
311Kb / 1P
   MT1210 Series
logo
Marktech Corporate
MT1218-RG MARKTECH-MT1218-RG Datasheet
35Kb / 1P
   Marktech Standard 5mm White Diff. & Water Clear LEDs
MT121L-HR MARKTECH-MT121L-HR Datasheet
363Kb / 2P
   Multi Chip Emitter
MT121L-HR MARKTECH-MT121L-HR Datasheet
363Kb / 2P
   Multi Chip Emitter
MT121L-HR MARKTECH-MT121L-HR_15 Datasheet
363Kb / 2P
   Multi Chip Emitter
More results

Similar Description - MT12D436

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT32LD3264A MICRON-MT32LD3264A Datasheet
518Kb / 27P
   DRAM MODULE
MT8LSDT3264AY MICRON-MT8LSDT3264AY Datasheet
525Kb / 28P
   Synchronous DRAM Module
MT18LSDT12872AG MICRON-MT18LSDT12872AG Datasheet
979Kb / 29P
   Synchronous DRAM Module
MT9LSDT1672AY MICRON-MT9LSDT1672AY Datasheet
677Kb / 26P
   SYNCHRONOUS DRAM MODULE
MT36LSDT12872G MICRON-MT36LSDT12872G Datasheet
1,002Kb / 30P
   Synchronous DRAM Module
MT8LSDT3264A MICRON-MT8LSDT3264A Datasheet
614Kb / 24P
   SYNCHRONOUS DRAM MODULE
MT36LSDT25672G MICRON-MT36LSDT25672G Datasheet
1,002Kb / 30P
   Synchronous DRAM Module
MT9LSDT872 MICRON-MT9LSDT872 Datasheet
320Kb / 18P
   SYNCHRONOUS DRAM MODULE
MT2LDT432H MICRON-MT2LDT432H Datasheet
399Kb / 25P
   SMALL-OUTLINE DRAM MODULE
MT4LDT464H MICRON-MT4LDT464H Datasheet
625Kb / 32P
   SMALL-OUTLINE DRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com