Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUA2005 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # EUA2005
Description  1.5-W Mono Filterless Class-D Audio Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EUA2005 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button EUA2005 Datasheet HTML 2Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 3Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 4Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 5Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 6Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 7Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 8Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 9Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
EUA2005
DS2005 Ver 1.1 Nov. 2006
6
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
RL=8 ohm, 33uH
NO Load
RL=8 ohm,(resistive)
SUPPLY CURRENT vs SUPPLY VOLTAGE
V
DD
- Supply Voltage -V
0.0
0.1
0.2
0.3
0.4
0.5
0.0
0.5
1.0
1.5
2.0
V
DD
=2.5V
V
DD
=3.6V
V
DD
=5V
SHUTDOWN CURRENT vs SHUTDOWN VOLTAGE
Shutdown Voltage -V
Typical Operating Characteristics
Figure2.
Figure4.
Figure6.
Figure3.
Figure5.
Figure7.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
50
100
150
200
250
VDD=2.5V
VDD=3.6V
VDD=5V
RL= 8 ohm, 33uH
SUPPLY CURRENT vs OUTPUT POWER
P
O
- Output Power - W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
20
30
40
50
60
70
80
90
100
V
DD
=2.5V,
RL= 8 ohm + 33uH
V
DD
=3.6V,
RL=8 ohm + 33uH
V
DD
=5V,
RL=8 ohm+33uH
EFFICIENCY vs OUTPUT POWER
P
O
- Output Power - W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
V
DD
=5V, RL=8 ohm
V
DD
=3.6V, RL=8 ohm
POWER DISSIPATION vs OUTPUT POWER
P
O
- Output Power - W
8
121620242832
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
DD
=2.5V
V
DD
=3.6V
V
DD
=5V
P
O
at 10% THD
Gain=2 V/V
F=1KHz
OUTPUT POWER vs LOAD RESISTANCE
RL - Load Resistance - ohm


Similar Part No. - EUA2005

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA2008 EUTECH-EUA2008 Datasheet
178Kb / 1P
   3-W Stereo Class-D Audio Amplifier with 32-Step DC Volume Control
More results

Similar Description - EUA2005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_15 Datasheet
575Kb / 18P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
313Kb / 19P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1_15 Datasheet
807Kb / 24P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com