Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1550 Datasheet(PDF) 5 Page - Supertex, Inc

Part # TC1550
Description  N- and P-Channel Enhancement-Mode Dual MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TC1550 Datasheet(HTML) 5 Page - Supertex, Inc

  TC1550 Datasheet HTML 1Page - Supertex, Inc TC1550 Datasheet HTML 2Page - Supertex, Inc TC1550 Datasheet HTML 3Page - Supertex, Inc TC1550 Datasheet HTML 4Page - Supertex, Inc TC1550 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Doc.# DSFP-TC1550
NR011707
TC1550
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
8-Lead SO (TG) Package Outline
45°
5° - 15°
(4 PLCS)
4.90 ± 0.10
1.27BSC
6.00 ± 0.20
3.90 ± 0.10
Notes:
1. All dimensions in millimeters. Angles in degrees.
2. If the corner is not chamfered, then a Pin 1 identifier
must be located within the area indicated.
Note 2
1.75 MAX
0.10 - 0.25
0.31 - 0.51
1.25 MIN
0.25 - 0.50
0° - 8°
0.40 - 1.27
0.17 - 0.25
Top View
Side View
End View
Note 2
1
8


Similar Part No. - TC1550

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TC1550 CDE-TC1550 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
logo
Supertex, Inc
TC1550 SUTEX-TC1550 Datasheet
424Kb / 5P
   N- and P-Channel Enhancement-Mode Dual MOSFET
TC1550TG-G SUTEX-TC1550TG-G Datasheet
424Kb / 5P
   N- and P-Channel Enhancement-Mode Dual MOSFET
TC1550 SUTEX-TC1550_08 Datasheet
424Kb / 5P
   N- and P-Channel Enhancement-Mode Dual MOSFET
More results

Similar Description - TC1550

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4542K ANPEC-APM4542K Datasheet
153Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4548K ANPEC-APM4548K Datasheet
250Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4542 ANPEC-APM4542 Datasheet
270Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9928 ANPEC-APM9928 Datasheet
292Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4532 ANPEC-APM4532 Datasheet
205Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Sinopower Semiconductor...
SM8403CSQ SINOPWER-SM8403CSQ Datasheet
279Kb / 14P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM3040CSU4 SINOPWER-SM3040CSU4 Datasheet
218Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM7309CSKP SINOPWER-SM7309CSKP Datasheet
326Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM1A40CSQ SINOPWER-SM1A40CSQ Datasheet
275Kb / 14P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Supertex, Inc
TC2320 SUTEX-TC2320_07 Datasheet
485Kb / 4P
   N- and P-Channel Enhancement-Mode Dual MOSFET
logo
Sinopower Semiconductor...
SM1A40CSK SINOPWER-SM1A40CSK Datasheet
219Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com