Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR037MG Datasheet(PDF) 2 Page - Supertex, Inc

Part # SR037MG
Description  Inductorless, Dual Output Off-Line Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

SR037MG Datasheet(HTML) 2 Page - Supertex, Inc

  SR037MG Datasheet HTML 1Page - Supertex, Inc SR037MG Datasheet HTML 2Page - Supertex, Inc SR037MG Datasheet HTML 3Page - Supertex, Inc SR037MG Datasheet HTML 4Page - Supertex, Inc SR037MG Datasheet HTML 5Page - Supertex, Inc SR037MG Datasheet HTML 6Page - Supertex, Inc SR037MG Datasheet HTML 7Page - Supertex, Inc SR037MG Datasheet HTML 8Page - Supertex, Inc SR037MG Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
SR036/SR037
B092005
Absolute Maximum Ratings*
V
IN, High Voltage Input
+700V
V
OUT, Low Voltage Output
+6.0V
Storage Temperature
-65°C to +150°C
Soldering Temperature
+300°C
Power Dissipation, MSOP-8
300mW
Power Dissipation, SO-8 slug
1.50W1
* All voltages are referenced to GND.
1. When underside plate soldered to 2cm2 of exposed copper.
*Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect device
reliability. All voltages are referenced to device ground.
Ordering Information
V
T
U
O
s
n
o
i
t
p
O
e
g
a
k
c
a
P
8
-
P
O
S
M
g
u
l
S
t
a
e
H
/
w
8
-
O
S
V
3
.
3*
G
M
6
3
0
R
SG
S
6
3
0
R
S
V
0
.
5*
G
M
7
3
0
R
SG
S
7
3
0
R
S
.l
e
e
r
e
p
a
t
r
e
i
r
r
a
c
e
c
e
i
p
0
0
5
2
n
o
d
e
il
p
p
u
s
t
c
u
d
o
r
P
*
Pin Configuration
SO-8 Slug
Make no electrical connections
to Backside Plate
(top view)
1
2
3
4
8
7
6
5
HVIN
Gate
N/C
Source
N/C
VOUT
GND
N/C
MSOP-8
(top view)
1
2
3
4
8
7
6
5
HVIN
Gate
N/C
Source
N/C
VOUT
GND
N/C
Electrical Characteristics
(Over operating supply voltages unless otherwise specified, T
A=0°C to +125°C)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
i
Mp
y
Tx
a
Ms
t
i
n
Us
n
o
i
t
i
d
n
o
C
V
H
N
I
e
g
a
t
l
o
v
t
u
p
n
I
0
0
7
V
e
g
a
t
l
o
v
t
n
e
i
s
n
a
r
t
k
a
e
P
7
0
4e
g
a
t
l
o
v
C
A
d
e
i
f
i
t
c
e
r
k
a
e
P
V
H
T
V
H
N
I
d
n
u
o
r
g
o
t
d
e
ll
u
p
s
i
e
t
a
G
n
e
h
w
e
g
a
t
l
o
v0
45
40
5V
V
S
G
e
g
a
t
l
o
v
p
m
a
l
c
e
c
r
u
o
s
o
t
e
t
a
G0
1
±5
1
±0
2
±V
I
S
G
A
µ
0
0
1
±
=
V
E
T
A
G
e
g
a
t
l
o
v
p
m
a
l
c
d
n
u
o
r
g
o
t
e
t
a
G
8
10
24
2V
V
T
U
O
8
-
O
S
e
h
t
r
o
f
e
g
a
t
l
o
v
t
u
p
t
u
o
d
e
t
a
l
u
g
e
R
g
u
l
s
t
a
e
h
h
t
i
w
6
3
0
R
S7
9
.
20
3
.
33
6
.
3
V
V
E
C
R
U
O
S
V
0
1
=
7
3
0
R
S5
.
40
0
.
50
5
.
5V
E
C
R
U
O
S
V
0
1
=
∆V
T
U
O
V
T
U
O
n
o
i
t
a
l
u
g
e
r
d
a
o
l0
20
2
1V
m
V
E
C
R
U
O
S
,
V
0
1
=
I
d
a
o
L
)
1
(
A
m
0
5
o
t
0
=
q
e
r
Fy
c
n
e
u
q
e
r
f
C
A
t
u
p
n
I0
40
0
1z
H
(1) Load current on the regulated output must not cause SR03 power dissipation to exceed max ratings. Worst case power dissipation is
given by:
P
V
185k
(16V
V
I
IN
2
OUT
OUT
≈+
×
)
Where IOUT is the load on the regulated output


Similar Part No. - SR037MG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
SR037MG SUTEX-SR037MG Datasheet
490Kb / 7P
   Inductorless, Dual Output Off-Line Regulators
SR037MG SUTEX-SR037MG Datasheet
2Mb / 18P
   Inductorless, Dual Output Off-Line Regulators
More results

Similar Description - SR037MG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
SR036 SUTEX-SR036 Datasheet
490Kb / 7P
   Inductorless, Dual Output Off-Line Regulators
SR03 SUTEX-SR03 Datasheet
2Mb / 18P
   Inductorless, Dual Output Off-Line Regulators
SR08X SUTEX-SR08X Datasheet
342Kb / 7P
   Adjustable Off-Line Inductorless Switching Regulator
logo
Allegro MicroSystems
STR-S6401 ALLEGRO-STR-S6401 Datasheet
116Kb / 8P
   OFF-LINE SWITCHING REGULATORS WITH POWER MOSFET OUTPUT
STR-S6411 ALLEGRO-STR-S6411 Datasheet
115Kb / 8P
   OFF-LINE SWITCHING REGULATORS . WITH POWER MOSFET OUTPUT
logo
Microchip Technology
SR086 MICROCHIP-SR086 Datasheet
541Kb / 16P
   Adjustable Offline Inductorless Switching Regulators
11/07/16
logo
Allegro MicroSystems
STR-X6737 ALLEGRO-STR-X6737 Datasheet
555Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N_V ALLEGRO-STR-X6759N_V Datasheet
434Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Sanken electric
STR-Y6753 SANKEN-STR-Y6753 Datasheet
292Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6757 SANKEN-STR-X6757 Datasheet
450Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com