Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5DS32M8CS-5T Datasheet(PDF) 8 Page - NanoAmp Solutions, Inc.

Part # NT5DS32M8CS-5T
Description  256Mb DDR Synchronous DRAM
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

NT5DS32M8CS-5T Datasheet(HTML) 8 Page - NanoAmp Solutions, Inc.

Back Button NT5DS32M8CS-5T Datasheet HTML 4Page - NanoAmp Solutions, Inc. NT5DS32M8CS-5T Datasheet HTML 5Page - NanoAmp Solutions, Inc. NT5DS32M8CS-5T Datasheet HTML 6Page - NanoAmp Solutions, Inc. NT5DS32M8CS-5T Datasheet HTML 7Page - NanoAmp Solutions, Inc. NT5DS32M8CS-5T Datasheet HTML 8Page - NanoAmp Solutions, Inc. NT5DS32M8CS-5T Datasheet HTML 9Page - NanoAmp Solutions, Inc. NT5DS32M8CS-5T Datasheet HTML 10Page - NanoAmp Solutions, Inc. NT5DS32M8CS-5T Datasheet HTML 11Page - NanoAmp Solutions, Inc. NT5DS32M8CS-5T Datasheet HTML 12Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
Functional Description
The 256Mb DDR SDRAM is a high-speed CMOS, dynamic random-access memory containing 268, 435, 456 bits. The 256Mb
DDR SDRAM is internally configured as a quad-bank DRAM.
The 256Mb DDR SDRAM uses a double-data-rate architecture to achieve high-speed operation. The double-data-rate architec-
ture is essentially a 2n prefetch architecture, with an interface designed to transfer two data words per clock cycle at the I/O
pins. A single read or write access for the 256Mb DDR SDRAM consists of a single 2n-bit wide, one clock cycle data transfer at
the internal DRAM core and two corresponding n-bit wide, one-half clock cycle data transfers at the I/O pins.
Read and write accesses to the DDR SDRAM are burst oriented; accesses start at a selected location and continue for a pro-
grammed number of locations in a programmed sequence. Accesses begin with the registration of an Active command, which is
then followed by a Read or Write command. The address bits registered coincident with the Active command are used to select
the bank and row to be accessed (BA0, BA1 select the bank; A0-A12 select the row). The address bits registered coincident
with the Read or Write command are used to select the starting column location for the burst access.
Prior to normal operation, the DDR SDRAM must be initialized. The following sections provide detailed information covering
device initialization, register definition, command descriptions and device operation.
Initialization
Only one of the following two conditions must be met.
• No power sequencing is specified during power up or power down given the following criteria:
VDD and VDDQ are driven from a single power converter output
VTT meets the specification
A minimum resistance of 42 ohms limits the input current from the VTT supply into any pin and
VREF tracks VDDQ /2
or
• The following relationships must be followed:
VDDQ is driven after or with VDD such that VDDQ < VDD + 0.3V
VTT is driven after or with VDDQ such that VTT < VDDQ + 0.3V
VREF is driven after or with VDDQ such that VREF < VDDQ + 0.3V
The DQ and DQS outputs are in the High-Z state, where they remain until driven in normal operation (by a read access). After
all power supply and reference voltages are stable, and the clock is stable, the DDR SDRAM requires a 200
µs delay prior to
applying an executable command.
Once the 200
µs delay has been satisfied, a Deselect or NOP command should be applied, and CKE must be brought HIGH.
Following the NOP command, a Precharge ALL command must be applied. Next a Mode Register Set command must be
issued for the Extended Mode Register, to enable the DLL, then a Mode Register Set command must be issued for the Mode
Register, to reset the DLL, and to program the operating parameters. 200 clock cycles are required between the DLL reset and
any read command. A Precharge ALL command should be applied, placing the device in the “all banks idle” state
Once in the idle state, two auto refresh cycles must be performed. Additionally, a Mode Register Set command for the Mode
Register, with the reset DLL bit deactivated (i.e. to program operating parameters without resetting the DLL) must be performed.
Following these cycles, the DDR SDRAM is ready for normal operation.
DDR SDRAM’s may be reinitialized at any time during normal operation by asserting a valid MRS command to either the base
or extended mode registers without affecting the contents of the memory array. The contents of either the mode register or
extended mode register can be modified at any valid time during device operation without affecting the state of the internal
address refresh counters used for device refresh.
NT5DS64M4CT, NT5DS32M8CT, NT5DS16M16CT
NT5DS64M4CS, NT5DS32M8CS, NT5DS16M16CS
DOC # 14-02-044 Rev A ECN # 01-1116
The specifications of this device are subject to change without notice. For latest documentation, see http://www.nanoamp.com
8
NanoAmp Solutions, Inc.


Similar Part No. - NT5DS32M8CS-5T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT5DS32M8AT ETC-NT5DS32M8AT Datasheet
269Kb / 27P
   256Mb DDR333/300 SDRAM
NT5DS32M8AT ETC2-NT5DS32M8AT Datasheet
1Mb / 78P
   256Mb Double Data Rate SDRAM
NT5DS32M8AT-6 ETC-NT5DS32M8AT-6 Datasheet
269Kb / 27P
   256Mb DDR333/300 SDRAM
NT5DS32M8AT-66 ETC-NT5DS32M8AT-66 Datasheet
269Kb / 27P
   256Mb DDR333/300 SDRAM
NT5DS32M8AT-75B ETC2-NT5DS32M8AT-75B Datasheet
1Mb / 78P
   256Mb Double Data Rate SDRAM
More results

Similar Description - NT5DS32M8CS-5T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43R83200B ISSI-IS43R83200B Datasheet
932Kb / 41P
   32Mx8, 16Mx16 256Mb DDR Synchronous DRAM
logo
List of Unclassifed Man...
NT5SV64M4AT ETC1-NT5SV64M4AT Datasheet
817Kb / 65P
   256Mb Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S83200J ISSI-IS42S83200J Datasheet
1Mb / 63P
   256Mb SYNCHRONOUS DRAM
IS42S32800G ISSI-IS42S32800G Datasheet
1,009Kb / 58P
   256Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM488M3244VTB EOREX-EM488M3244VTB Datasheet
685Kb / 17P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244VBA EOREX-EM488M3244VBA Datasheet
203Kb / 17P
   256Mb (2M쨈4Bank쨈32) Synchronous DRAM
EM48AM1684VBB EOREX-EM48AM1684VBB Datasheet
669Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684LBA EOREX-EM48AM1684LBA Datasheet
650Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VTE EOREX-EM48AM1684VTE Datasheet
222Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VTF EOREX-EM48AM1684VTF Datasheet
222Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com