Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EZ1083 Datasheet(PDF) 5 Page - Semtech Corporation

Part # EZ1083
Description  7.5A Positive Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EZ1083 Datasheet(HTML) 5 Page - Semtech Corporation

  EZ1083_05 Datasheet HTML 1Page - Semtech Corporation EZ1083_05 Datasheet HTML 2Page - Semtech Corporation EZ1083_05 Datasheet HTML 3Page - Semtech Corporation EZ1083_05 Datasheet HTML 4Page - Semtech Corporation EZ1083_05 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
 2005 Semtech Corp.
www.semtech.com
EZ1083
POWER MANAGEMENT
Outline Drawing - TO-220
Semtech Corporation
Power Management Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Contact Information
H1
D
D1
L
A2
D2
L1
SEATING
PLANE
2x e
e1
3 x b2
3 x b
Ø P
E1
ccc
B A
6.86
.270
.350
8.90
.030
0.76
6.86
5.84
.270
.230
.139
.156
3.53
-
3.96
.140
.027
.057
1.45
0.69
-
-
-
-
-
-
-
-
-
-
-
-
.250
6.35
-
-
-
-
-
-
-
-
-
0.36
.014
0.38
.015
0.25
.010
3.56
DIMENSIONS
INCHES
NOM
E1
L1
aaa
ccc
bbb
ØP
Q
N
e1
H1
L
E2
e
DIM
b
D1
D2
E
b2
c
D
A
A2
A1
MIN
MILLIMETERS
MAX
MIN
MAX
NOM
.100 BSC
.200 BSC
3
.380
.355
.015
3
9.02
2.54 BSC
5.08 BSC
.420
9.65
.040
0.38
10.66
1.02
8.38
.330
.100
-
.500
.014
-
.080
.020
-
-
-
.120
2.54
-
3.05
-
.580
.024
12.70
0.36
.190
.115
.055
0.51
2.03
0.61
14.73
-
1.40
4.82
2.92
-
-
DIMENSIONS "D" AND "E" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
OR GATE BURRS.
CONTROLLING DIMENSIONS ARE IN INCHES.
NOTES:
1.
2.
1.14
.045
.070
1.78
14.22
.650
.560
-
16.51
-
.480
12.88
12.19
.507
E
E/2
Q
E2
A
A
c
bbb
B A
C
aaa
B A
B
A1


Similar Part No. - EZ1083_05

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1083B SEMTECH-EZ1083B Datasheet
89Kb / 4P
   7.5 AMP POSITIVE VOLTAGE REGULATOR
EZ1083BCT SEMTECH-EZ1083BCT Datasheet
89Kb / 4P
   7.5 AMP POSITIVE VOLTAGE REGULATOR
EZ1083CT SEMTECH-EZ1083CT Datasheet
89Kb / 4P
   7.5 AMP POSITIVE VOLTAGE REGULATOR
EZ1083CT-3.3 SEMTECH-EZ1083CT-3.3 Datasheet
89Kb / 4P
   7.5 AMP POSITIVE VOLTAGE REGULATOR
More results

Similar Description - EZ1083_05

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1083 TSC-TS1083_05 Datasheet
264Kb / 5P
   7.5A Low Dropout Positive Voltage Regulator
logo
UNISEM
US1075 UNISEM-US1075 Datasheet
36Kb / 5P
   7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Microsemi Corporation
LX8580A MICROSEMI-LX8580A Datasheet
172Kb / 8P
   7.5A Very Low Dropout Positive Regulator
logo
International Rectifier
IRU1075 IRF-IRU1075 Datasheet
94Kb / 6P
   7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1083M LINER-RH1083M_15 Datasheet
98Kb / 4P
   7.5A Low Dropout Positive Adjustable Regulator
logo
STMicroelectronics
KD1083 STMICROELECTRONICS-KD1083 Datasheet
476Kb / 11P
   7.5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
logo
Linear Technology
RH1083CK LINER-RH1083CK Datasheet
162Kb / 2P
   7.5A Low Dropout Positive Adjustable Regulator
RH1083M LINER-RH1083M Datasheet
92Kb / 4P
   7.5A Low Dropout Positive Adjustable Regulator
RH1083CK LINER-RH1083CK_15 Datasheet
168Kb / 2P
   7.5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1175 IRF-IRU1175 Datasheet
50Kb / 6P
   7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com