Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV57009 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV57009
Description  64-Channel Serial to Parallel Converter with P-Channel Open Drain Controllable Output Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV57009 Datasheet(HTML) 3 Page - Supertex, Inc

  HV57009_07 Datasheet HTML 1Page - Supertex, Inc HV57009_07 Datasheet HTML 2Page - Supertex, Inc HV57009_07 Datasheet HTML 3Page - Supertex, Inc HV57009_07 Datasheet HTML 4Page - Supertex, Inc HV57009_07 Datasheet HTML 5Page - Supertex, Inc HV57009_07 Datasheet HTML 6Page - Supertex, Inc HV57009_07 Datasheet HTML 7Page - Supertex, Inc HV57009_07 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
HV57009
DC Electrical Characteristics (All voltages are referenced to V
SS, VSS = 0, TA = 25
OC)
Symbol
Parameter
Min
Max
Units
Conditions
I
DD
V
DD supply current
-
15
mA
V
DD = VDD max, fCLK = 8.0MHz
I
NN
High voltage supply current
-
-10
µA
Outputs off, HV
OUT = -85V
(total of all outputs)
I
DDQ
Quiescent V
DD supply current
-
100
µA
All inputs = V
DD,
except +IN = V
SS = GND
V
OH
High level output
Data Out
V
DD - 0.5V
-
V
I
O = -100µA
HV
OUT
+1.0
V
DD
VI
O = -2.0mA
V
OL
Low level output
Data Out
-
+0.5
V
I
O = 100µA
I
IH
High-level logic input current
-
1.0
µA
V
IH = VDD
I
IL
Low-level logic input current
-
-1.0
µA
V
IL = 0V
I
CS
High output source current
-
-2.0
mA
V
REF = 2.0V, REXT = 1K,
see Figures 1a and 1b
-0.1
-
mA
V
REF = 0.1V, REXT = 1K,
see Figures 1a and 1b
ΔI
CS
HV output source current for I
REF = 2.0mA
-
10
%
V
REF = 2.0V, REXT = 1K
Note:
Current going out of the chip is considered negative
.
AC Electrical Characteristics (Logic signal inputs and data inputs have t
r, tf ≤ 5ns [10% and 90% points] for measurements)
Symbol
Parameter
Min
Max
Units
Conditions
f
CLK
Clock frequency
DC
8.0
MHz
Per register
4.5
When cascading devices
t
WL, tWH
Clock width high or low
62
-
ns
---
t
SU
Data set-up time before clock rises
20
-
ns
---
t
H
Data hold time after clock rises
15
-
ns
---
t
ON, tOFF
Time from latch enable to HV
OUT
-
500
ns
C
L = 15pF
t
DHL
Delay time clock to data high to low
-
150
ns
C
L = 15pF
t
DLH
Delay time clock to data low to high
-
150
ns
C
L = 15pF
t
DLE
Delay time clock to LE low to high
45
-
ns
---
t
WLE
LE pulse width
25
-
ns
---
t
SLE
LE set-up time before clock rises
0
-
ns
---
t
r, tf
Max. allowable clock rise and fall time
(10% and 90% points)
-
100
ns
---


Similar Part No. - HV57009_07

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV57009DG SUTEX-HV57009DG Datasheet
486Kb / 7P
   64-Channel Serial To Parallel Converter With P-Channel Open Drain Controllable Output Current
HV57009PG SUTEX-HV57009PG Datasheet
486Kb / 7P
   64-Channel Serial To Parallel Converter With P-Channel Open Drain Controllable Output Current
HV57009PG-G SUTEX-HV57009PG-G Datasheet
766Kb / 8P
   64-Channel Serial to Parallel Converter with P-Channel Open Drain Controllable Output Current
HV57009X SUTEX-HV57009X Datasheet
486Kb / 7P
   64-Channel Serial To Parallel Converter With P-Channel Open Drain Controllable Output Current
HV57009 SUTEX-HV57009_13 Datasheet
766Kb / 8P
   64-Channel Serial to Parallel Converter with P-Channel Open Drain Controllable Output Current
More results

Similar Description - HV57009_07

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV57009 SUTEX-HV57009 Datasheet
486Kb / 7P
   64-Channel Serial To Parallel Converter With P-Channel Open Drain Controllable Output Current
HV57009 SUTEX-HV57009_13 Datasheet
766Kb / 8P
   64-Channel Serial to Parallel Converter with P-Channel Open Drain Controllable Output Current
HV4937 SUTEX-HV4937 Datasheet
34Kb / 5P
   64-Channel Serial To Parallel Converter With P-Channel Open Drain Outputs
HV3137 SUTEX-HV3137 Datasheet
447Kb / 5P
   64-Channel Serial To Parallel Converter With Open Drain Outputs
HV4522 SUTEX-HV4522 Datasheet
49Kb / 6P
   32 CHANNEL SERIAL TO PARALLEL CONVERTER WITH P CHANNEL OPEN DRAIN OUTPUTS
HV4530 SUTEX-HV4530 Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter with P-Channel Open Drain Outputs
HV4522PJ-G SUTEX-HV4522PJ-G Datasheet
628Kb / 6P
   32-Channel Serial to Parallel Converter with P-Channel Open Drain Outputs
HV507PG-G SUTEX-HV507PG-G Datasheet
471Kb / 6P
   64-Channel Serial to Parallel Converter 64-Channel Serial to Parallel Converter
HV5122 SUTEX-HV5122 Datasheet
451Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522_07 Datasheet
951Kb / 8P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com