Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F330D Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C8051F330D
Description  Mixed Signal ISP Flash MCU Family
Download  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F330D Datasheet(HTML) 1 Page - Silicon Laboratories

  C8051F330D Datasheet HTML 1Page - Silicon Laboratories C8051F330D Datasheet HTML 2Page - Silicon Laboratories C8051F330D Datasheet HTML 3Page - Silicon Laboratories C8051F330D Datasheet HTML 4Page - Silicon Laboratories C8051F330D Datasheet HTML 5Page - Silicon Laboratories C8051F330D Datasheet HTML 6Page - Silicon Laboratories C8051F330D Datasheet HTML 7Page - Silicon Laboratories C8051F330D Datasheet HTML 8Page - Silicon Laboratories C8051F330D Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 216 page
background image
Mixed Signal ISP Flash MCU Family
C8051F330/1/2/3/4/5
Rev. 1.5 1/06
Copyright © 2006 by Silicon Laboratories
C8051F33x
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Analog Peripherals
-
10-Bit ADC (‘F330/2/4 only)
Up to 200 ksps
Up to 16 external single-ended or differential inputs
VREF from internal VREF, external pin or VDD
Internal or external start of conversion source
Built-in temperature sensor
-
10-Bit Current Output DAC (‘F330 only)
-
Comparator
Programmable hysteresis and response time
Configurable as interrupt or reset source
Low current (0.4 µA)
On-Chip Debug
-
On-chip debug circuitry facilitates full speed, non-
intrusive in-system debug (no emulator required)
-
Provides breakpoints, single stepping,
inspect/modify memory and registers
-
Superior performance to emulation systems using
ICE-chips, target pods, and sockets
-
Low cost, complete development kit
Supply Voltage 2.7 to 3.6 V
-
Typical operating current: 6.4 mA at 25 MHz;
9 µA at 32 kHz
-
Typical stop mode current: 0.1 µA
Temperature Range: –40 to +85 °C
High Speed 8051 µC Core
-
Pipelined instruction architecture; executes 70% of
instructions in 1 or 2 system clocks
-
Up to 25 MIPS throughput with 25 MHz clock
-
Expanded interrupt handler
Memory
-
768 bytes internal data RAM (256 + 512)
-
8 kB (‘F330/1), 4 kB (‘F332/3), or 2 kB (‘F334/5)
Flash; In-system programmable in 512-byte Sec-
tors—512 bytes are reserved in the 8 kB devices
Digital Peripherals
-
17 Port I/O; All 5 V tolerant with high sink current
-
Hardware enhanced UART, SMBus™, and
enhanced SPI™ serial ports
-
Four general purpose 16-bit counter/timers
-
16-Bit programmable counter array (PCA) with three
capture/compare modules
-
Real time clock mode using PCA or timer and exter-
nal clock source
Clock Sources
-
Two internal oscillators:
24.5 MHz with ±2% accuracy supports crystal-less
UART operation
80/40/20/10 kHz low frequency, low power
-
External oscillator: Crystal, RC, C, or clock
(1 or 2 pin modes)
-
Can switch between clock sources on-the-fly; useful
in power saving modes
20-Pin QFN or 20-pin PDIP
ANALOG
PERIPHERALS
2/4/8 kB
ISP FLASH
768 B SRAM
POR
DEBUG
CIRCUITRY
FLEXIBLE
INTERRUPTS
8051 CPU
(25 MIPS)
DIGITAL I/O
24.5 MHz PRECISION
INTERNAL OSCILLATOR
HIGH-SPEED CONTROLLER CORE
VOLTAGE
COMPARATOR
+
-
WDT
UART
SMBus
PCA
Timer 0
Timer 1
Timer 2
Timer 3
Port 0
SPI
10-bit
Current
DAC
LOW FREQUENCY INTERNAL
OSCILLATOR
Port 1
P2.0
10-bit
200 ksps
ADC
TEMP
SENSOR
A
M
U
X
‘F330/2/4 only
‘F330 only


Similar Part No. - C8051F330D

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F330D SILABS-C8051F330D Datasheet
472Kb / 2P
   25 MIPS, 8 kB Flash, 10-Bit ADC, 20-Pin Mixed-Signal MCU
More results

Similar Description - C8051F330D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com