Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1175CSWTRT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1175CSWTRT
Description  Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1175CSWTRT Datasheet(HTML) 4 Page - Semtech Corporation

  SC1175CSWTRT Datasheet HTML 1Page - Semtech Corporation SC1175CSWTRT Datasheet HTML 2Page - Semtech Corporation SC1175CSWTRT Datasheet HTML 3Page - Semtech Corporation SC1175CSWTRT Datasheet HTML 4Page - Semtech Corporation SC1175CSWTRT Datasheet HTML 5Page - Semtech Corporation SC1175CSWTRT Datasheet HTML 6Page - Semtech Corporation SC1175CSWTRT Datasheet HTML 7Page - Semtech Corporation SC1175CSWTRT Datasheet HTML 8Page - Semtech Corporation SC1175CSWTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
 2004 Semtech Corp.
www.semtech.com
SC1175
POWER MANAGEMENT
Electrical Characteristics (Cont.)
R
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
CN
I
MP
Y
TX
A
MS
T
I
N
U
t
n
e
r
r
u
C
k
n
i
S
L
DV
5
.
3
=
D
N
G
P
-
L
D1
A
t
n
e
r
r
u
C
k
n
i
S
L
DV
5
7
.
1
=
D
N
G
P
-
L
D5
.A
t
n
e
r
r
u
C
e
c
r
u
o
S
L
DV
5
=
L
D
-
L
T
S
B1
A
t
n
e
r
r
u
C
e
c
r
u
o
S
L
DV
5
.
2
=
L
D
-
L
T
S
B5
.A
e
m
i
T
d
a
e
D5
e
t
o
N0
50
0
10
5
1s
n
t
n
e
r
r
u
C
e
g
r
a
h
C
t
r
a
t
S
tf
o
S
)
2
(
5
2A
µ
e
l
b
a
n
E
t
r
a
t
S
tf
o
Se
l
c
y
c
y
t
u
d
%
04
.
1V
d
n
E
t
r
a
t
S
tf
o
Se
l
c
y
c
y
t
u
d
%
0
0
15
.
2V
n
o
it
i
s
n
a
r
T
t
r
a
t
S
tf
o
S
)
2
(
e
d
o
m
s
u
o
n
o
r
h
c
n
y
S3
.
3V
w
o
d
n
i
W
d
o
o
G
r
e
w
o
P
)
3
(
+0
1V
%
T
U
O
t
n
e
r
r
u
C
k
c
a
B
d
l
o
FV
T
U
O
V
0
=%
0
5I
M
I
L
e
e
n
K
e
g
a
tl
o
V
k
c
a
B
d
l
o
F=
II
M
I
L
5
2
.
1V
T
U
O
V
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I2
N
I
-
,
2
N
I
+
,
1
N
I
-1
A
µ
NOTES:
(1) Specification refers to application circuit.
(2) The soft start pin sources 25µA to an external capacitor. The converter operates in synchronous mode
above the soft start transition threshold and in asynchronous mode below it.
(3) Power good is an open collector pulled low when the output voltage is outside the ±10% window.
(4) This device is ESD sensitive. Use of standard ESD handling precautions is required.
(5) 200ns maximum at 70°.
Unless Specified: V
CC = 4.75 to 5.25V, GND = PGND = 0V, FB = VO, 0mV < (CS(+) - CS(-)) < 60mV , TJ = 25°C


Similar Part No. - SC1175CSWTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1175CSW SEMTECH-SC1175CSW Datasheet
348Kb / 20P
   Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
SC1175CSW.TR SEMTECH-SC1175CSW.TR Datasheet
348Kb / 20P
   Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
More results

Similar Description - SC1175CSWTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1175 SEMTECH-SC1175 Datasheet
348Kb / 20P
   Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
logo
Silicon Standard Corp.
SS9175 SSC-SS9175 Datasheet
210Kb / 12P
   Dual Synchronous DC/DC Controllers With Current Sharing Circuitry
logo
Anpec Electronics Corop...
APW1175 ANPEC-APW1175 Datasheet
247Kb / 10P
   DUAL SYNCHRONOUS DC/DC CONTROLLER WITH CURRENT SHARING CONTROL
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176_06 Datasheet
601Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677B SEMTECH-SC2677B_09 Datasheet
382Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677 SEMTECH-SC2677 Datasheet
163Kb / 9P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176 Datasheet
384Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com