Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBHV7022DJ-C Datasheet(PDF) 6 Page - Supertex, Inc

Part # RBHV7022DJ-C
Description  34-Channel Symmetric Row Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

RBHV7022DJ-C Datasheet(HTML) 6 Page - Supertex, Inc

  RBHV7022DJ-C Datasheet HTML 1Page - Supertex, Inc RBHV7022DJ-C Datasheet HTML 2Page - Supertex, Inc RBHV7022DJ-C Datasheet HTML 3Page - Supertex, Inc RBHV7022DJ-C Datasheet HTML 4Page - Supertex, Inc RBHV7022DJ-C Datasheet HTML 5Page - Supertex, Inc RBHV7022DJ-C Datasheet HTML 6Page - Supertex, Inc RBHV7022DJ-C Datasheet HTML 7Page - Supertex, Inc RBHV7022DJ-C Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
02/06//02
©2002 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
HV7022-C
Volts
020
40
6080
180
140
100
60
20
0
100
20
40
60
80
VPP > 40V
VDD = 12V & 14 V
100
180
140
100
60
20
Volts (VPP - VOUT)
Temp = 25 C
°
Temp = 25 C
°
VDD = 14
VDD = 10
VDD = 12
HV
OUT Characteristics
Output N-Channel Characteristics through FET
Output P-Channel Characteristics through FET
Pin Configurations
Package Outline
HV70
44 Pin J-Lead Package
Pin
Function
Pin
Function
1HV
OUT 18/17
23
DIR
2HV
OUT 17/18
24
V
DD
3HV
OUT 16/19
25
Polarity
4HV
OUT 15/20
26
Data In
5HV
OUT 14/21
27
V
PP
6HV
OUT 13/22
28
N/C
7HV
OUT 12/23
29
HV
OUT 34/1
8HV
OUT 11/24
30
HV
OUT 33/2
9HV
OUT 10/25
31
HV
OUT 32/3
10
HV
OUT 9/26
32
HV
OUT 31/4
11
HV
OUT 8/27
33
HV
OUT 30/5
12
HV
OUT 7/28
34
HV
OUT 29/6
13
HV
OUT 6/29
35
HV
OUT 28/7
14
HV
OUT 5/30
36
HV
OUT 27/8
15
HV
OUT 4/31
37
HV
OUT 26/9
16
HV
OUT 3/32
38
HV
OUT 25/10
17
HV
OUT 2/33
39
HV
OUT 24/11
18
HV
OUT 1/34
40
HV
OUT 23/12
19
Data Out
41
HV
OUT 22/13
20
Output Enable
42
HV
OUT 21/14
21
Clock
43
HV
OUT 20/15
22
GND
44
HV
OUT 19/16
Note:
Pin designation for DIR L/H
Example:For DIR = L, pin 1 is HV
OUT 18
For DIR = H, pin 1 is HV
OUT 17
6
40
41
42
43
44
1
2
3
4
5
39 38 37 36 35 34 33 32 31 30 29
18
28
27
26
25
24
23
22
21
20
19
7
8
9
10 11 12 13 14 15 16 17
top view
44-pin J-Lead Package


Similar Part No. - RBHV7022DJ-C

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
RBHV7022DJ-C SUTEX-RBHV7022DJ-C Datasheet
455Kb / 6P
   34-Channel Symmetric Row Driver
More results

Similar Description - RBHV7022DJ-C

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7022-C SUTEX-HV7022-C Datasheet
455Kb / 6P
   34-Channel Symmetric Row Driver
HV7022PJ-C-G SUTEX-HV7022PJ-C-G Datasheet
757Kb / 9P
   34-Channel Symmetric Row Driver
logo
Microchip Technology
HV7022 MICROCHIP-HV7022 Datasheet
321Kb / 15P
   34-Channel Symmetric Row Driver
07/14/15
logo
Supertex, Inc
HV7224PG-G SUTEX-HV7224PG-G Datasheet
564Kb / 7P
   40-Channel Symmetric Row Driver
HV7224 SUTEX-HV7224 Datasheet
466Kb / 7P
   40-Channel Symmetric Row Driver
HV7224 SUTEX-HV7224_13 Datasheet
657Kb / 7P
   40-Channel Symmetric Row Driver
logo
Vincotech
10-FZ06NBA100SG10-M305L58 VINCOTECH-10-FZ06NBA100SG10-M305L58 Datasheet
2Mb / 18P
   symmetric booster
logo
Fairchild Semiconductor
AN-4158 FAIRCHILD-AN-4158 Datasheet
623Kb / 6P
   Symmetric Dual N-Channel Shielded Gate PowerTrench
logo
RF Micro Devices
RFSW6223 RFMD-RFSW6223 Datasheet
818Kb / 8P
   DPDT SYMMETRIC SWITCH
logo
Vincotech
10-FZ07NBA100SM10-M305L68 VINCOTECH-10-FZ07NBA100SM10-M305L68 Datasheet
1Mb / 16P
   Symmetric booster
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com