Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC4602BIMSTR Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC4602BIMSTR
Description  High Efficiency Synchronous, Step Down Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4602BIMSTR Datasheet(HTML) 5 Page - Semtech Corporation

  SC4602BIMSTR Datasheet HTML 1Page - Semtech Corporation SC4602BIMSTR Datasheet HTML 2Page - Semtech Corporation SC4602BIMSTR Datasheet HTML 3Page - Semtech Corporation SC4602BIMSTR Datasheet HTML 4Page - Semtech Corporation SC4602BIMSTR Datasheet HTML 5Page - Semtech Corporation SC4602BIMSTR Datasheet HTML 6Page - Semtech Corporation SC4602BIMSTR Datasheet HTML 7Page - Semtech Corporation SC4602BIMSTR Datasheet HTML 8Page - Semtech Corporation SC4602BIMSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
 2006 Semtech Corp.
www.semtech.com
SC4602A/B
POWER MANAGEMENT
Ordering Information
Pin Descriptions
r
e
b
m
u
N
t
r
a
P
)
1
(
z
H
ke
c
i
v
e
D
R
T
S
M
I
A
2
0
6
4
C
S
0
0
38
-
P
O
S
M
T
R
T
S
M
I
A
2
0
6
4
C
S
)
2
(
R
T
S
M
I
B
2
0
6
4
C
S
0
5
58
-
P
O
S
M
T
R
T
S
M
I
B
2
0
6
4
C
S
)
2
(
B
V
E
A
2
0
6
4
C
S
d
r
a
o
B
n
o
it
a
u
l
a
v
E
B
V
E
B
2
0
6
4
C
S
VCC: Positive supply rail for the IC. Bypass this pin to
GND with a 0.1 to 4.7µF low ESL/ESR ceramic capaci-
tor.
GND: All voltages are measured with respect to this pin.
All bypass and timing capacitors connected to GND should
have leads as short and direct as possible.
SYNC/SLEEP: The oscillator of SC4602A and SC4602B
are set to 300kHz and 550kHz respectively when SYNC/
SLEEP is pulled and held above 2V. Synchronous mode
operation is activated as the SYNC/SLEEP is driven by an
external clock. The oscillator and PWM are designed to
provide practical operation to 450kHz for SC4602A and
to 700kHz for SC4602B when synchronized. Sleep mode
is invoked if SYNC/SLEEP is pulled and held below 0.8V
which can be accomplished by an external gate or tran-
sistor. Sleepmode supply current is 10µA typical.
VSENSE: This pin is the inverting input of the voltage
amplifier and serves as the output voltage feedback point
for the Buck converter. It senses the output voltage through
an external divider.
COMP: This is the output of the voltage amplifier. The
voltage at this output is inverted internally and connected
to the non-inverting input of the PWM comparator. A lead-
lag network around the voltage amplifier compensates for
the two pole LC filter characteristic inherent to voltage mode
control and is required in order to optimize the dynamic
performance of the voltage mode control loop.
PHASE: This input is connected to the junction between
the two external power MOSFET transistors. The voltage
drop across the upper P-channel device is monitored by
PHASE during conduction and forms the current limit
comparator. Logic sets the PWM latch and terminates
the output pulse. The controller stops switching and goes
through a soft start sequence once the converter out-
put voltage drops below 68.75% its nominal voltage. This
prevents excess power dissipation in the PMOSFET dur-
ing a short circuit. The reverse current comparator senses
the drop across the lower N-channel MOSFET during its
conduction and disables the drive signal if a small posi-
tive voltage is present. To disable the overcurrent com-
parator, connect PHASE to VCC.
PDRV, NDRV: The PWM circuitry provides complemen-
tary drive signals to the output stages. Cross conduc-
tion of the external MOSFETS is prevented by monitoring
the voltage on the P-channel and N-channel driver pins
in conjunction with a time delay optimized for FET turn-
off characteristics.
(8 Pin MSOP)
Notes:
(1) Only available in tape and reel packaging. A reel
contains 2500 devices.
(2) Lead free product. This product is fully WEEE and
RoHS compliant.
Pin Configuration
Top View


Similar Part No. - SC4602BIMSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4601 SEMTECH-SC4601 Datasheet
361Kb / 18P
   Low Input, High Efficiency Synchronous, Step Down Controller
SC4601EVB SEMTECH-SC4601EVB Datasheet
361Kb / 18P
   Low Input, High Efficiency Synchronous, Step Down Controller
SC4601IMSTR SEMTECH-SC4601IMSTR Datasheet
361Kb / 18P
   Low Input, High Efficiency Synchronous, Step Down Controller
SC4601IMSTRT SEMTECH-SC4601IMSTRT Datasheet
361Kb / 18P
   Low Input, High Efficiency Synchronous, Step Down Controller
SC4603 SEMTECH-SC4603 Datasheet
317Kb / 16P
   Very Low Input, MHz Operation, High Efficiency Synchronous Buck
More results

Similar Description - SC4602BIMSTR

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7117 EUTECH-EUP7117 Datasheet
108Kb / 1P
   High Efficiency, Synchronous Step-Down Controller
logo
Semtech Corporation
SC4605 SEMTECH-SC4605 Datasheet
427Kb / 19P
   Low Input, High Efficiency Synchronous, Step Down Controller
SC4601 SEMTECH-SC4601 Datasheet
361Kb / 18P
   Low Input, High Efficiency Synchronous, Step Down Controller
logo
STMicroelectronics
AN2816 STMICROELECTRONICS-AN2816 Datasheet
2Mb / 36P
   High-efficiency step-down controller
AN2815 STMICROELECTRONICS-AN2815 Datasheet
2Mb / 42P
   High-efficiency step-down controller
logo
Torex Semiconductor
XC9303B093KR-G TOREX-XC9303B093KR-G Datasheet
695Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
XC9303 TOREX-XC9303_1 Datasheet
908Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
logo
Linear Technology
RH3845MK LINER-RH3845MK_15 Datasheet
103Kb / 6P
   High Voltage Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com