Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC600CIMLTRT Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC600CIMLTRT
Description  mAhXLifeTM LED Driver with 5.0V, 4.5V, or 4.0V Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC600CIMLTRT Datasheet(HTML) 3 Page - Semtech Corporation

  SC600CIMLTRT Datasheet HTML 1Page - Semtech Corporation SC600CIMLTRT Datasheet HTML 2Page - Semtech Corporation SC600CIMLTRT Datasheet HTML 3Page - Semtech Corporation SC600CIMLTRT Datasheet HTML 4Page - Semtech Corporation SC600CIMLTRT Datasheet HTML 5Page - Semtech Corporation SC600CIMLTRT Datasheet HTML 6Page - Semtech Corporation SC600CIMLTRT Datasheet HTML 7Page - Semtech Corporation SC600CIMLTRT Datasheet HTML 8Page - Semtech Corporation SC600CIMLTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC600
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Current
I
OUT
Freq. = 262kHz or 650kHz(2); Versions A & C
60
mA
Freq. = 262kHz or 650kHz(2); Versions B & D
120
Freq. = 8kHz; Versions A & C
5
Freq. = 8kHz; Versions B & D
10
Freq. = 32kHz; Versions A & C
20
Freq. = 32kHz; Versions B & D
40
Pump Frequency
f
PUMP
Enable = 1, CD4 = 0, CX8 = 0
-15%
32.768
+15%
kHz
Enable = 1, CD4 = 1, CX8 = 0
-15%
8.192
+15%
Enable = 1, CD4 = 0, CX8 = 1
-13%
262.14
+15%
Enable = 1, CD4 = 1, CX8 = 1
-20%
650
+20%
Frequency Mode
Transition Time
T
FMT
Transition time from one frequency
mode to any other frequency mode(3)
1
Period
Short Circuit Current
I
SC
V
OUT = 0V, IOUT = IIN
180
600
mA
Input High Threshold
V
IH
All Input Pins (Enable, CD4, CX8)
1.3
V
Input Low Threshold
V
IL
All Input Pins (Enable, CD4, CX8)
0.4
V
Input High Current
I
IH
All Input Pins (Enable, CD4, CX8)
10
μA
Input Low Current
I
IL
All Input Pins (Enable, CD4, CX8)
10
μA
Mode Transition
Voltage
V
IN
1.5x to 2x mode, Versions A & B
3.43
3.50
3.56
V
2x to 1.5x mode, Versions A & B
3.48
3.58
3.64
V
Hysteresis
30
80
180
mV
V
IN
1.5x to 2x mode, Versions C & D
3.23
3.30
3.36
V
2x to 1.5x mode, Versions C & D
3.33
3.40
3.46
V
Hysteresis
40
100
180
mV
Power Efficiency
from Battery to
Regulated Charge
Pump Output@262kHz
η
V
IN = 3.60V, VOUT = 5.0V, IOUT = 60mA
92
%
V
IN = 3.60V, VOUT = 4.5V, IOUT = 120mA
83
%
Output Ripple
Voltage
V
PP
Freq = 262kHz, I
OUT = 60mA
(2), (3)
25
45
mV
Notes:
1) Version C has an extended input voltage range of operation at V
IN = 2.60V to 5.5V.
2) 650kHz allows the use of a smaller bucket capacitor.
3) Guaranteed by design.
4) Peak-to-peak output ripple voltage with C
OUT = CBUCKET =1μF and X5R dielectric.
Electrical Characteristics (Cont.)


Similar Part No. - SC600CIMLTRT

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
SC600 SWITCH-SC600 Datasheet
225Kb / 1P
   600, 700, 702, 800 & 900 Series Overview
logo
Extech Instruments Corp...
SC600 EXTECH-SC600 Datasheet
412Kb / 1P
   Electronic Counting Scale/Balance
logo
Socay Electornics Co., ...
SC600-110 SOCAY-SC600-110 Datasheet
462Kb / 4P
   Radial Lead Resettable Polymer PTCs
SC600-150 SOCAY-SC600-150 Datasheet
462Kb / 4P
   Radial Lead Resettable Polymer PTCs
SC600-160 SOCAY-SC600-160 Datasheet
462Kb / 4P
   Radial Lead Resettable Polymer PTCs
More results

Similar Description - SC600CIMLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC603 SEMTECH-SC603 Datasheet
793Kb / 12P
   CHARGE PUMP REGULATOR WITH SELECTABLE 5.0V/4.5V OUTPUT
logo
Rohm
BD1603NUV ROHM-BD1603NUV Datasheet
309Kb / 6P
   Charge Pump Regulator with Selectable 5.0V/4.5V Output for mobile
BD9102FVM ROHM-BD9102FVM_12 Datasheet
1Mb / 29P
   4.0V(or 4.5V) to 5.5V, 0.8A 1ch Synchronous Buck Converter Integrated FET
logo
Qorvo, Inc
RF6559 QORVO-RF6559 Datasheet
692Kb / 10P
   4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
logo
RF Micro Devices
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
   4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
logo
List of Unclassifed Man...
AA05B ETC-AA05B Datasheet
37Kb / 2P
   6W max 4.5V or 24V or 48V inputs Single / Dual output
logo
Bel Fuse Inc.
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
S7DB-10E BEL-S7DB-10E Datasheet
308Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
X7AH-03H BEL-X7AH-03H Datasheet
130Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/3A Output
V7PB-15E BEL-V7PB-15E Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com