Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1470EVB Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1470EVB
Description  Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1470EVB Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1470EVB Datasheet HTML 7Page - Semtech Corporation SC1470EVB Datasheet HTML 8Page - Semtech Corporation SC1470EVB Datasheet HTML 9Page - Semtech Corporation SC1470EVB Datasheet HTML 10Page - Semtech Corporation SC1470EVB Datasheet HTML 11Page - Semtech Corporation SC1470EVB Datasheet HTML 12Page - Semtech Corporation SC1470EVB Datasheet HTML 13Page - Semtech Corporation SC1470EVB Datasheet HTML 14Page - Semtech Corporation SC1470EVB Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
 2005 Semtech Corp.
www.semtech.com
SC1470
POWER MANAGEMENT
V
BAT via RtON, converting this to a current. This current is
used to charge an internal 3.3pF capacitor to V
OUT. The
equations above reflect this along with any internal
components or delays that influence t
ON. For our example
we select R
tON = 1MΩ:
t
ON_VBAT(MIN) = 563ns and tON_VBAT(MAX) = 255ns
f
SW_VBAT(MIN) = 266kHz and fSW_VBAT(MAX) = 235kHz
Now that we know t
ON we can calculate suitable values
for the inductor. To do this we select an acceptable
inductor ripple current. The calculations below assume
50% of I
OUT which will give us a starting place.
() ()H
I
5
.
0
t
V
V
L
OUT
)
MIN
(
VBAT
_
ON
OUT
)
MIN
(
BAT
)
MIN
(
VBAT
=
and
() () H
I
5
.
0
t
V
V
L
OUT
)
MAX
(
VBAT
_
ON
OUT
)
MAX
(
BAT
)
MAX
(
VBAT
=
For our example:
L
VBAT(MIN) = 1.3µH and LVBAT(MAX) = 1.6µH
We will select an inductor value of 2.2µH to reduce the
ripple current, which can be calculated as follows:
()
P
P
)
MIN
(
VBAT
_
ON
OUT
)
MIN
(
BAT
)
MIN
(
VBAT
_
RIPPLE
A
L
t
V
V
I
=
and
()
P
P
)
MAX
(
VBAT
_
ON
OUT
)
MAX
(
BAT
)
MAX
(
VBAT
_
RIPPLE
A
L
t
V
V
I
=
For our example:
I
RIPPLE_VBAT(MIN) = 1.74AP-P and IRIPPLE_VBAT(MAX) = 2.18AP-P
From this we can calculate the minimum inductor
current rating for normal operation:
)
MIN
(
)
MAX
(
VBAT
_
RIPPLE
)
MAX
(
OUT
)
MIN
(
INDUCTOR
A
2
I
I
I
+
=
For our example:
I
INDUCTOR(MIN) = 7.1A(MIN)
Next we will calculate the maximum output capacitor
equivalent series resistance (ESR). This is determined by
calculating the remaining static and transient tolerance
allowances. Then the maximum ESR is the smaller of the
calculated static ESR (R
ESR_ST(MAX)) and transient ESR
(R
ESR_TR(MAX)):
()
Ohms
I
2
ERR
ERR
R
)
MAX
(
VBAT
_
RIPPLE
DC
ST
)
MAX
(
ST
_
ESR
=
Where ERR
ST is the static output tolerance and ERRDC is
the DC error. The DC error will be 1% plus the
tolerance of the feedback resistors, thus 2% total for
1% feedback resistors.
For our example:
ERR
ST = 48mV and ERRDC = 24mV, therefore
R
ESR_ST(MAX) = 22mΩ
()
Ohms
2
I
I
ERR
ERR
R
)
MAX
(
VBAT
_
RIPPLE
OUT
DC
TR
)
MAX
(
TR
_
ESR


+
=
Where ERR
TR is the transient output tolerance. Note that
this calculation assumes that the worst case load
transient is full load. For half of full load, divide the I
OUT
term by 2.
For our example:
ERR
TR = 96mV and ERRDC = 24mV, therefore
R
ESR_TR(MAX) = 10.2mΩ for a full 6A load transient
We will select a value of 12.5m
Ω maximum for our
design, which would be achieved by using two 25m
output capacitors in parallel.
Note that for constant-on converters there is a minimum
ESR requirement for stability which can be calculated as
follows:


Similar Part No. - SC1470EVB

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
SC147 NJSEMI-SC147 Datasheet
155Kb / 3P
   Bi-Directional Tried* Thy ristor
logo
Semtech Corporation
SC1471 SEMTECH-SC1471 Datasheet
49Kb / 1P
   Power Supply Controller for Portable Pentium III SpeedStep Processors
SC1474 SEMTECH-SC1474 Datasheet
121Kb / 1P
   Portable Pentium Dual Phase Power Supply Controller
logo
Samtec, Inc
SC1474TSTRT SAMTEC-SC1474TSTRT Datasheet
128Kb / 1P
   Portable Pentium짰 Dual Phase Power Supply Controller
logo
Semtech Corporation
SC1476 SEMTECH-SC1476 Datasheet
88Kb / 1P
   Portable IMVP-IV Dual Phase Power Supply Controller
More results

Similar Description - SC1470EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC411 SEMTECH-SC411 Datasheet
476Kb / 27P
   Synchronous Buck Pseudo-Fixed Frequency Power Supply Controller
SC1485 SEMTECH-SC1485_05 Datasheet
463Kb / 27P
   Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC1485 SEMTECH-SC1485 Datasheet
362Kb / 17P
   Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC483 SEMTECH-SC483 Datasheet
464Kb / 27P
   Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC1486 SEMTECH-SC1486 Datasheet
330Kb / 17P
   Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
SC1486 SEMTECH-SC1486_03 Datasheet
333Kb / 17P
   Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
logo
Sipex Corporation
SP6134HV SIPEX-SP6134HV Datasheet
141Kb / 14P
   Dual Supply Synchronous Buck Controller
SP6137HV SIPEX-SP6137HV Datasheet
265Kb / 13P
   Dual Supply Synchronous Buck Controller
SP6134 SIPEX-SP6134_06 Datasheet
176Kb / 14P
   Dual Supply Synchronous Buck Controller
SP6134 SIPEX-SP6134 Datasheet
141Kb / 14P
   Dual Supply Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com