Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM54LS47J Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # DM54LS47J
Description  BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM54LS47J Datasheet(HTML) 3 Page - Fairchild Semiconductor

  DM54LS47J Datasheet HTML 1Page - Fairchild Semiconductor DM54LS47J Datasheet HTML 2Page - Fairchild Semiconductor DM54LS47J Datasheet HTML 3Page - Fairchild Semiconductor DM54LS47J Datasheet HTML 4Page - Fairchild Semiconductor DM54LS47J Datasheet HTML 5Page - Fairchild Semiconductor DM54LS47J Datasheet HTML 6Page - Fairchild Semiconductor DM54LS47J Datasheet HTML 7Page - Fairchild Semiconductor DM54LS47J Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Switching Characteristics
at V
CC = +5.0V, TA = +25˚C
R
L = 665Ω
Symbol
Parameter
Conditions
C
L = 15 pF
Units
Min
Max
t
PLH
Propagation Delay
100
ns
t
PHL
An to a –g
100
t
PLH
Propagation Delay
100
ns
t
PHL
RBI to a –g (Note 6)
100
Note 6: LT = HIGH, A0–A3 = LOW
Functional Description
The ’LS47 decodes the input data in the pattern indicated in
the Truth Table and the segment identification illustration. If
the input data is decimal zero, a LOW signal applied to the
RBI blanks the display and causes a multidigit display. For
example, by grounding the RBI of the highest order decoder
and connecting its BI/RBO to RBI of the next lowest order
decoder, etc., leading zeros will be suppressed. Similarly, by
grounding RBI of the lowest order decoder and connecting
its BI/RBO to RBI of the next highest order decoder, etc.,
trailing zeros will be suppressed. Leading and trailing zeros
can be suppressed simultaneously by using external gates,
i.e.: by driving RBI of a intermediate decoder from an OR
gate whose inputs are BI/RBO of the next highest and lowest
order decoders. BI/RBO also serves as an unconditional
blanking input. The internal NAND gate that generates the
RBO signal has a resistive pull-up, as opposed to a totem
pole, and thus BI/RBO can be forced LOW by external
means, using wired-collector logic. A LOW signal thus ap-
plied to BI/RBO turns off all segment outputs. This blanking
feature can be used to control display intensity by varying
the duty cycle of the blanking signal. A LOW signal applied to
LT turns on all segment outputs, provided that BI/RBO is not
forced LOW.
3
www.fairchildsemi.com


Similar Part No. - DM54LS47J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54LS471 NSC-DM54LS471 Datasheet
121Kb / 4P
   (256 X 8) 2048-BIT TTL PROM
DM54LS471J NSC-DM54LS471J Datasheet
121Kb / 4P
   (256 X 8) 2048-BIT TTL PROM
More results

Similar Description - DM54LS47J

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS47 FAIRCHILD-DM74LS47 Datasheet
67Kb / 6P
   BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
logo
National Semiconductor ...
54LS247 NSC-54LS247 Datasheet
66Kb / 3P
   BCD TO 7-SEGMENT DECODER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
DM74LS247 FAIRCHILD-DM74LS247 Datasheet
81Kb / 4P
   BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
logo
National Semiconductor ...
DM54LS447 NSC-DM54LS447 Datasheet
126Kb / 6P
   BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
DM74LS249 NSC-DM74LS249 Datasheet
103Kb / 6P
   BCD to 7-Segment Decoder with Open-Collector Outputs
logo
Hitachi Semiconductor
HD74LS49 HITACHI-HD74LS49 Datasheet
66Kb / 5P
   BCD-to-Seven Segment Decoder Driver(with Open collector outputs)
logo
Fairchild Semiconductor
DM9370 FAIRCHILD-DM9370 Datasheet
58Kb / 5P
   7-Segment Decoder/Driver/Latch with Open-Collector Outputs
54LS347 FAIRCHILD-54LS347 Datasheet
51Kb / 1P
   BCD TO 7-SEGMENT DECODER/DRIVER
logo
ON Semiconductor
SN74LS47 ONSEMI-SN74LS47 Datasheet
132Kb / 8P
   BCD to 7-Segment Decoder/Driver
December, 1999 ??Rev. 6
logo
National Semiconductor ...
54LS447 NSC-54LS447 Datasheet
67Kb / 3P
   BCD to 7-Segment Decoder/Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com