Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKIIP402GD061-358CTV Datasheet(PDF) 1 Page - Semikron International

Part # SKIIP402GD061-358CTV
Description  6-pack - integrated intelligent Power System
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKIIP402GD061-358CTV Datasheet(HTML) 1 Page - Semikron International

  SKIIP402GD061-358CTV Datasheet HTML 1Page - Semikron International SKIIP402GD061-358CTV Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SKiiP
® 2
6-pack - integrated
intelligent Power System
Power section
SKiiP 402GD061-358CTV
Features
1)
Case S 3
Absolute Maximum Ratings
Symbol Conditions
Values
Units
IGBT
Inverse diode
Characteristics
Symbol Conditions
min.
typ.
max.
Units
IGBT
Inverse diode
Mechanical data
Thermal characteristics (P16 heat sink; 295 m
3/h); "
r
" reference to
temperature sensor
This technical information specifies semiconductor devices but promises no
characteristics. No warranty or guarantee, expressed or implied is made regarding
delivery, performance or suitability.
SKiiP 402GD061-358CTV ...
1
22-03-2004 SCT
© by SEMIKRON


Similar Part No. - SKIIP402GD061-358CTV

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKIIP402GB120201W SEMIKRON-SKIIP402GB120201W Datasheet
271Kb / 3P
   Large IGBT Power Packs
SKIIP402GB120201WT SEMIKRON-SKIIP402GB120201WT Datasheet
271Kb / 3P
   Large IGBT Power Packs
More results

Similar Description - SKIIP402GD061-358CTV

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKIIP513GD122-3DUL SEMIKRON-SKIIP513GD122-3DUL_09 Datasheet
104Kb / 2P
   6-pack-integrated intelligent Power System
SKIIP232GD120-3DU SEMIKRON-SKIIP232GD120-3DU Datasheet
66Kb / 2P
   6-pack - integrated intelligent Power System
SKIIP342GD120-3DU SEMIKRON-SKIIP342GD120-3DU Datasheet
66Kb / 2P
   6-pack - integrated intelligent Power System
SKIIP342GD120-3DU SEMIKRON-SKIIP342GD120-3DU_07 Datasheet
70Kb / 2P
   6-pack - integrated intelligent Power System
192GD170-374CTV SEMIKRON-192GD170-374CTV Datasheet
70Kb / 2P
   6-pack - integrated intelligent Power System
803GD061-3DUW SEMIKRON-803GD061-3DUW Datasheet
94Kb / 2P
   6-pack-integrated intelligent power system
SKIIP292GD170-3DU SEMIKRON-SKIIP292GD170-3DU Datasheet
66Kb / 2P
   6-pack - integrated intelligent Power System
342GD120-314CTV SEMIKRON-342GD120-314CTV Datasheet
70Kb / 2P
   6-pack - integrated intelligent Power System
SKIIP603GD122-3DUW SEMIKRON-SKIIP603GD122-3DUW_09 Datasheet
96Kb / 2P
   6-pack-integrated intelligent Power System
SKIIP132GD120-3DU SEMIKRON-SKIIP132GD120-3DU Datasheet
66Kb / 2P
   6-pack - integrated intelligent Power System
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com