Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST29VF040-70-4I-NHE Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST29VF040-70-4I-NHE
Description  4 Mbit (x8) Small-Sector Flash
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29VF040-70-4I-NHE Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST29VF040-70-4I-NHE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29VF040-70-4I-NHE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29VF040-70-4I-NHE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29VF040-70-4I-NHE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29VF040-70-4I-NHE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29VF040-70-4I-NHE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29VF040-70-4I-NHE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29VF040-70-4I-NHE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29VF040-70-4I-NHE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
Data Sheet
4 Mbit Small-Sector Flash
SST29SF040 / SST29VF040
©2004 Silicon Storage Technology, Inc.
S71160-10-000
2/04
FIGURE 1: PIN ASSIGNMENTS FOR 32-LEAD PLCC
FIGURE 2: PIN ASSIGNMENTS FOR 32-LEAD TSOP (8MM X 14MM)
Y-Decoder
I/O Buffers and Data Latches
1160 B1.0
Address Buffers & Latches
X-Decoder
DQ7 - DQ0
Memory
Address
OE#
CE#
WE#
SuperFlash
Memory
Control Logic
FUNCTIONAL BLOCK DIAGRAM
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
4
3
2
1
32
31 30
32-lead PLCC
Top View
1160 32-plcc P01.0
14
15
16
17 18
19
20
A11
A9
A8
A13
A14
A17
WE#
VDD
A18
A16
A15
A12
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1160 32-tsop P02.0
Standard Pinout
Top View
Die Up


Similar Part No. - SST29VF040-70-4I-NHE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29VF040-70-4I-NHE SST-SST29VF040-70-4I-NHE Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
More results

Similar Description - SST29VF040-70-4I-NHE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29SF020 SST-SST29SF020_06 Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
SST39SF010A MICROCHIP-SST39SF010A Datasheet
273Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2013 04/13
logo
Eon Silicon Solution In...
EN25P40 EON-EN25P40 Datasheet
426Kb / 31P
   4 Mbit Uniform Sector, Serial Flash Memory
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com