Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AT738 Datasheet(PDF) 4 Page - Power Semiconductors

Part No. AT738
Description  PHASE CONTROL THYRISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POSEICO [Power Semiconductors]
Homepage  http://www.poseico.com
Logo 

   
 4 page
background image
AT738 PHASE CONTROL THYRISTOR
FINAL SPECIFICATION
feb 97 - ISSUE : 02
Cathode terminal type DIN 46244 - A 4.8 - 0.8
Gate terminal type AMP 60598 - 1
Distributed by
ON-STATE CHARACTERISTIC
Tj = 125 °C
0
2000
4000
6000
8000
10000
12000
0.6
1.1
1.6
On-state Voltage [V]
TRANSIENT THERMAL IMPEDANCE
DOUBLE SIDE COOLED
0.0
2.0
4.0
6.0
8.0
10.0
12.0
0.001
0.01
0.1
1
10
100
t[s]
SURGE CHARACTERISTIC
Tj = 125 °C
0
10
20
30
40
50
60
1
10
100
n° cycles
ANSALDO
All the characteristics given in this data sheet are guaranteed only with uniform
clamping force, cleaned and lubricated heatsink, surfaces with flatness < .03
mm and roughness < 2 µm.
In the interest of product improvement ANSALDO reserves the right to change
any data given in this data sheet at any time without previous notice.
If not stated otherwise the maximum value of ratings (simbols over shaded
background) and characteristics is reported.




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AT503PHASE CONTROL THYRISTOR 1 2 3 4 Power Semiconductors
AT738LTPHASE CONTROL THYRISTOR 1 2 3 4 Power Semiconductors
DCR1374SBAPhase Control Thyristor 1 2 3 4 5 MoreDynex Semiconductor
DCR1675SZPhase Control Thyristor 1 2 3 4 5 MoreDynex Semiconductor
AT505PHASE CONTROL THYRISTOR 1 2 3 4 Power Semiconductors
AT804PHASE CONTROL THYRISTOR 1 2 3 4 Power Semiconductors
DCR1375SBAPhase Control Thyristor 1 2 3 4 5 MoreDynex Semiconductor
DCR504STPhase Control Thyristor 1 2 3 4 5 MoreDynex Semiconductor
5STP03X6500Phase Control Thyristor 1 2 3 4 5 List of Unclassifed Manufacturers
AT603PHASE CONTROL THYRISTOR 1 2 3 Power Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl