Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST29SF040-55-4I-NH Datasheet(PDF) 3 Page - Silicon Storage Technology, Inc

Part # SST29SF040-55-4I-NH
Description  4 Mbit (x8) Small-Sector Flash
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29SF040-55-4I-NH Datasheet(HTML) 3 Page - Silicon Storage Technology, Inc

  SST29SF040-55-4I-NH Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29SF040-55-4I-NH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29SF040-55-4I-NH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29SF040-55-4I-NH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29SF040-55-4I-NH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29SF040-55-4I-NH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29SF040-55-4I-NH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29SF040-55-4I-NH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29SF040-55-4I-NH Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet
4 Mbit Small-Sector Flash
SST29SF040 / SST29VF040
3
©2004 Silicon Storage Technology, Inc.
S71160-10-000
2/04
Data# Polling (DQ7)
When the SST29SF040 and SST29VF040 devices are
in the internal Program operation, any attempt to read
DQ7 will produce the complement of the true data. Once
the Program operation is completed, DQ7 will produce
true data. Note that even though DQ7 may have valid
data immediately following the completion of an internal
Write operation, the remaining data outputs may still be
invalid: valid data on the entire data bus will appear in
subsequent successive Read cycles after an interval of 1
µs. During internal Erase operation, any attempt to read
DQ7 will produce a ‘0’. Once the internal Erase operation
is completed, DQ7 will produce a ‘1’. The Data# Polling is
valid after the rising edge of fourth WE# (or CE#) pulse
for Program operation. For Sector- or Chip-Erase, the
Data# Polling is valid after the rising edge of sixth WE#
(or CE#) pulse. See Figure 6 for Data# Polling timing dia-
gram and Figure 16 for a flowchart.
Toggle Bit (DQ6)
During the internal Program or Erase operation, any con-
secutive attempts to read DQ6 will produce alternating ‘0’s
and ‘1’s, i.e., toggling between 0 and 1. When the internal
Program or Erase operation is completed, the toggling will
stop. The device is then ready for the next operation. The
Toggle Bit is valid after the rising edge of fourth WE# (or
CE#) pulse for Program operation. For Sector or Chip-
Erase, the Toggle Bit is valid after the rising edge of sixth
WE# (or CE#) pulse. See Figure 7 for Toggle Bit timing dia-
gram and Figure 16 for a flowchart.
Data Protection
The SST29SF040 and SST29VF040 devices provide both
hardware and software features to protect nonvolatile data
from inadvertent writes.
Hardware Data Protection
Noise/Glitch Protection: A WE# or CE# pulse of less than 5
ns will not initiate a Write cycle.
VDD Power Up/Down Detection: The Write operation is
inhibited when VDD is less than 2.5V for SST29SF040. The
Write operation is inhibited when VDD is less than 1.5V. for
SST29VF040.
Write Inhibit Mode: Forcing OE# low, CE# high, or WE#
high will inhibit the Write operation. This prevents inadvert-
ent writes during power-up or power-down.
Software Data Protection (SDP)
The SST29SF040 and SST29VF040 provide the JEDEC
approved Software Data Protection scheme for all data
alteration operations, i.e., Program and Erase. Any Pro-
gram operation requires the inclusion of a series of three-
byte sequence. The three-byte load sequence is used to
initiate the Program operation, providing optimal protection
from inadvertent Write operations, e.g., during the system
power-up or power-down. Any Erase operation requires the
inclusion of a six-byte load sequence. These devices are
shipped with the Software Data Protection permanently
enabled. See Table 4 for the specific software command
codes. During SDP command sequence, invalid com-
mands will abort the device to read mode, within TRC.
Product Identification
The Product Identification mode identifies the devices as
SST29SF040 or SST29VF040 and manufacturer as SST.
This mode may be accessed by software operations. Users
may use the Software Product Identification operation to
identify the part (i.e., using the device ID) when using multi-
ple manufacturers in the same socket. For details, see
Table 4 for software operation, Figure 10 for the Software ID
Entry and Read timing diagram and Figure 17 for the Soft-
ware ID Entry command sequence flowchart.
Product Identification Mode Exit/Reset
In order to return to the standard Read mode, the Software
Product Identification mode must be exited. Exit is accom-
plished by issuing the Software ID Exit command
sequence, which returns the device to the Read operation.
Please note that the Software ID Exit command is ignored
during an internal Program or Erase operation. See Table 4
for software command codes, Figure 11 for timing wave-
form, and Figure 17 for a flowchart.
TABLE
1: PRODUCT IDENTIFICATION
Address
Data
Manufacturer’s ID
0000H
BFH
Device ID
SST29SF040
0001H
13H
SST29VF040
0001H
14H
T1.2 1160


Similar Part No. - SST29SF040-55-4I-NH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29SF040-55-4I-NH SST-SST29SF040-55-4I-NH Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29SF040-55-4I-NH SST-SST29SF040-55-4I-NH Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29SF040-55-4I-NHE SST-SST29SF040-55-4I-NHE Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
More results

Similar Description - SST29SF040-55-4I-NH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29SF020 SST-SST29SF020_06 Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
SST39SF010A MICROCHIP-SST39SF010A Datasheet
273Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2013 04/13
logo
Eon Silicon Solution In...
EN25P40 EON-EN25P40 Datasheet
426Kb / 31P
   4 Mbit Uniform Sector, Serial Flash Memory
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com