Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV513 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV513
Description  8-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs, POL, Hi-Z, and Short Circuit Detect
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV513 Datasheet(HTML) 2 Page - Supertex, Inc

  HV513 Datasheet HTML 1Page - Supertex, Inc HV513 Datasheet HTML 2Page - Supertex, Inc HV513 Datasheet HTML 3Page - Supertex, Inc HV513 Datasheet HTML 4Page - Supertex, Inc HV513 Datasheet HTML 5Page - Supertex, Inc HV513 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Absolute Maximum Ratings1
Supply Voltage, V
DD
-0.5V to 6V
Supply Voltage, V
PP
V
DD to 275V
Logic input levels
-0.5V to V
DD+0.5V
Ground current2
0.3A
High voltage supply current2
0.25A
Continuous total power dissipation3
750mW
Operating temperature range
-40°C to +85°C
Storage temperature range
-65°C +150°C
1. All voltages are referenced to GND.
2. Connection to all power and ground pads is required. Duty cycle is limited by
the total power dissipated in the package.
3.For operation above 25
°C ambient derate linearly to 85°C at 12mW/°C.
Device
Part Number
Package
HV513
HV513K7-G
32-Lead QFN
HV513
HV513WG
24-Lead SOW
HV513
HV513WG-G
24-Lead SOW
Ordering Information
B032306
HV513
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
C
D
)
d
e
t
o
n
e
s
i
w
r
e
h
t
o
s
s
e
l
n
u
s
e
g
a
tl
o
v
y
l
p
p
u
s
g
n
it
a
r
e
p
o
r
e
v
O
(
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
n
i
M
p
y
T
x
a
M
s
t
i
n
U
s
n
o
i
t
i
d
n
o
C
I
D
D
V
D
D
t
n
e
r
r
u
c
y
l
p
p
u
s
4
A
m
f
K
L
C
W
O
L
=
E
L
,
z
H
M
8
=
I
Q
D
D
V
t
n
e
c
s
e
i
u
Q
D
D
t
n
e
r
r
u
c
y
l
p
p
u
s
1
.
0
A
m
V
ll
A
N
I
V
=
D
D
0
.
2
V
ll
A
N
I
V
0
=
I
P
P
V
P
P
t
n
e
r
r
u
c
y
l
p
p
u
s
0
0
1
A
µ
V
P
P
f
,
V
0
5
2
=
T
U
O
d
a
o
l
o
n
,
z
H
0
0
3
=
I
Q
P
P
V
t
n
e
c
s
e
i
u
Q
P
P
t
n
e
r
r
u
c
y
l
p
p
u
s
0
0
1
A
µ
V
P
P
c
it
a
t
s
s
t
u
p
t
u
o
,
V
0
4
2
=
I
H
I
t
n
e
r
r
u
c
t
u
p
n
i
c
i
g
o
l
l
e
v
e
l-
h
g
i
H
0
1
A
µ
V
H
I
V
=
D
D
I
L
I
t
n
e
r
r
u
c
t
u
p
n
i
c
i
g
o
l
l
e
v
e
l-
w
o
L
0
1
-
A
µ
V
L
I
V
0
=
0
5
3
-
V
L
I
s
r
o
t
s
i
s
e
r
p
u
-l
l
u
p
/
w
s
t
u
p
n
i
r
o
f
,
V
0
=
V
H
O
t
u
p
t
u
o
l
e
v
e
l-
h
g
i
H
H
T
U
O
V
0
4
1
V
V
P
P
I
,
V
0
0
2
=
T
U
O
V
H
A
m
0
2
-
=
t
u
o
a
t
a
D
V
D
D
V
1
-
I
T
U
O
D
A
m
1
.
0
-
=
V
L
O
t
u
p
t
u
o
l
e
v
e
l-
w
o
L
H
T
U
O
V
0
6
V
V
D
D
I
,
V
5
.
4
=
T
U
O
V
H
A
m
0
2
=
t
u
o
a
t
a
D
0
.
1
I
T
U
O
D
A
m
1
.
0
=
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
C
A
)
d
e
t
o
n
e
s
i
w
r
e
h
t
o
s
s
e
l
n
u
s
e
g
a
tl
o
v
y
l
p
p
u
s
g
n
it
a
r
e
p
o
r
e
v
O
(
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
n
i
M
p
y
T
x
a
M
s
t
i
n
U
s
n
o
i
t
i
d
n
o
C
f
K
L
C
y
c
n
e
u
q
e
r
f
k
c
o
l
C
0
8
z
H
M
f
T
U
O
)
d
e
ti
m
il
A
O
S
(
y
c
n
e
u
q
e
r
f
g
n
i
h
c
ti
w
s
t
u
p
t
u
O
0
0
3
z
H
C
L
V
,
F
n
0
5
=
P
P
V
0
0
2
=
t
W
w
o
l
d
n
a
h
g
i
h
h
t
d
i
w
k
c
o
l
C
2
6
s
n
t
U
S
s
e
s
ir
k
c
o
l
c
e
r
o
f
e
b
e
m
it
p
u
t
e
s
a
t
a
D
5
1
s
n
t
H
s
e
s
ir
k
c
o
l
c
r
e
tf
a
e
m
it
d
l
o
h
a
t
a
D
0
3
s
n
t
E
L
W
e
s
l
u
p
e
l
b
a
n
e
h
c
t
a
l
f
o
h
t
d
i
W
0
8
s
n
t
E
L
D
k
c
o
l
c
f
o
e
g
d
e
g
n
i
s
ir
r
e
tf
a
e
m
it
y
a
l
e
d
E
L
5
3
s
n
t
E
L
S
k
c
o
l
c
f
o
e
g
d
e
g
n
i
s
ir
e
r
o
f
e
b
e
m
it
p
u
t
e
s
E
L
0
4
s
n
t
R
O
t
,
F
O
V
H
f
o
e
m
it
ll
a
f/
e
s
i
R
T
U
O
0
0
0
1
s
µ
C
L
V
,
F
n
0
0
1
=
P
P
V
0
0
2
=
t
F
F
O
/
N
O
d
ll
a
f/
e
s
ir
t
r
a
t
s
o
t
t
u
p
t
u
o
r
o
f
e
m
it
y
a
l
e
D
0
0
5
s
n
t
L
H
D
D
o
t
k
c
o
l
c
e
m
it
y
a
l
e
D
T
U
O
w
o
l
o
t
h
g
i
h
0
1
1
s
n
C
L
F
p
5
1
=
t
H
L
D
D
o
t
k
c
o
l
c
e
m
it
y
a
l
e
D
T
U
O
h
g
i
h
o
t
w
o
l
0
1
1
s
n
C
L
F
p
5
1
=
t
R t
,
F
s
t
u
p
n
i
c
i
g
o
l
ll
A
5
s
n
t
D
S
n
o
it
c
e
t
e
d
ti
u
c
ri
c
t
r
o
h
s
t
u
p
t
u
O
0
0
5
s
n
C
,
T
R
O
H
S
f
o
ll
a
f
t
u
p
t
u
o
o
t
t
r
o
h
S
L
F
p
5
1
=
t
C
S
r
a
e
l
c
ti
u
c
ri
c
t
r
o
h
s
t
u
p
t
u
O
0
0
0
3
s
n
T
R
O
H
S
f
o
e
s
ir
t
u
p
t
u
o
o
t
r
a
e
l
c
t
r
o
h
S
t
Z
-
I
H
e
t
a
t
s
Z
-
h
g
i
h
t
u
p
t
u
O
0
0
5
s
n
-G indicates package is RoHS compliant (‘Green’)


Similar Part No. - HV513

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV513K7-G SUTEX-HV513K7-G Datasheet
1Mb / 10P
   8-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs, POL, Hi-Z, and Short Circuit Detect
HV513K7-GM935 SUTEX-HV513K7-GM935 Datasheet
1Mb / 10P
   8-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs, POL, Hi-Z, and Short Circuit Detect
HV513WG-G SUTEX-HV513WG-G Datasheet
1Mb / 10P
   8-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs, POL, Hi-Z, and Short Circuit Detect
HV513 SUTEX-HV513_13 Datasheet
1Mb / 10P
   8-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs, POL, Hi-Z, and Short Circuit Detect
More results

Similar Description - HV513

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV513 SUTEX-HV513_13 Datasheet
1Mb / 10P
   8-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs, POL, Hi-Z, and Short Circuit Detect
HV514 SUTEX-HV514 Datasheet
1Mb / 6P
   8-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
HV5308PJ-B-G SUTEX-HV5308PJ-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308B SUTEX-HV5308B Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5308PG-B-G SUTEX-HV5308PG-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9808 SUTEX-HV9808_14 Datasheet
481Kb / 7P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV3418PG-G SUTEX-HV3418PG-G Datasheet
598Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5408PJ-B-G SUTEX-HV5408PJ-B-G Datasheet
999Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV3418 SUTEX-HV3418_13 Datasheet
620Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308 SUTEX-HV5308 Datasheet
460Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com