Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD1085V25 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LD1085V25
Description  3A Low drop positive voltage regulator adjustable and fixed
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1085V25 Datasheet(HTML) 3 Page - STMicroelectronics

  LD1085V25 Datasheet HTML 1Page - STMicroelectronics LD1085V25 Datasheet HTML 2Page - STMicroelectronics LD1085V25 Datasheet HTML 3Page - STMicroelectronics LD1085V25 Datasheet HTML 4Page - STMicroelectronics LD1085V25 Datasheet HTML 5Page - STMicroelectronics LD1085V25 Datasheet HTML 6Page - STMicroelectronics LD1085V25 Datasheet HTML 7Page - STMicroelectronics LD1085V25 Datasheet HTML 8Page - STMicroelectronics LD1085V25 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
LD1085 series
Pin configuration
3/27
1
Pin configuration
Figure 1.
Pin connections (top view)
TO-220FP
D2PAK/A
TO-220
DPAK
D2PAK


Similar Part No. - LD1085V25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1085V25 STMICROELECTRONICS-LD1085V25 Datasheet
774Kb / 19P
   3A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1085V25 STMICROELECTRONICS-LD1085V25 Datasheet
941Kb / 27P
   3 A low drop positive voltage regulator adjustable and fixed
LD1085V25 STMICROELECTRONICS-LD1085V25 Datasheet
946Kb / 28P
   3 A low drop positive voltage regulator adjustable and fixed
More results

Similar Description - LD1085V25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1085C STMICROELECTRONICS-LD1085C Datasheet
370Kb / 15P
   3A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
LD1117DT12CTR STMICROELECTRONICS-LD1117DT12CTR Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
logo
First Silicon Co., Ltd
FR1117P FS-FR1117P Datasheet
401Kb / 6P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR
2012. 07. 20 Revision No : 7
logo
STMicroelectronics
LD1117V-DG STMICROELECTRONICS-LD1117V-DG Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
LD1085 STMICROELECTRONICS-LD1085 Datasheet
774Kb / 19P
   3A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117XX STMICROELECTRONICS-LD1117XX Datasheet
1Mb / 42P
   Adjustable and fixed low drop positive voltage regulator
LD1084 STMICROELECTRONICS-LD1084 Datasheet
563Kb / 18P
   5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
KD1084 STMICROELECTRONICS-KD1084 Datasheet
358Kb / 18P
   5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
KD1083 STMICROELECTRONICS-KD1083 Datasheet
476Kb / 11P
   7.5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
KD1084 STMICROELECTRONICS-KD1084_07 Datasheet
349Kb / 22P
   5A Low drop positive voltage regulator adjustable and fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com