Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DN2624ND Datasheet(PDF) 3 Page - Supertex, Inc

Part # DN2624ND
Description  N-Channel Depletion-Mode Vertical DMOS FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

DN2624ND Datasheet(HTML) 3 Page - Supertex, Inc

  DN2624ND Datasheet HTML 1Page - Supertex, Inc DN2624ND Datasheet HTML 2Page - Supertex, Inc DN2624ND Datasheet HTML 3Page - Supertex, Inc DN2624ND Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
8-11
8
Typical Performance Curves
DN2624
BVDSS Variation with Temperature
1.1
1.0
0.9
-50
0
0.2
0.4
0.6
0.8
1.0
0
50
100
150
Transfer Characteristics
TJ (°C)
VGS (Volts)
VDS (Volts)
1.0
0.8
0.6
0.4
0.2
0
-3
-2
-1
01
2
Capacitance Vs. Drain-to-Source Voltage
800
600
400
200
0
010
20
30
40
VGS = -3.5V
VGS = 0V
VDS = 10V
VGS = -10V
COSS
CRSS
CISS
TA = -55°C
TA = 25°C
RDS (ON) @
VGS = 0V, ID = 200mA
VGS(OFF) @
VDS = 25V, ID = 10µA
TA = 125°C
On-Resistance vs. Drain Current
10
8
6
4
2
0
I
D (amps)
Q
C (Nanocoulombs)
-50
0
50
100
150
01
2
345
V
(th) and RDS Variation with Temperature
1.6
1.4
1.2
1.0
0.8
2.0
1.6
1.2
0.8
0.4
0
4
2
0
-2
-4
-6
T
j (°C)
Gate Drive Dynamic Characteristics
VDS = 25V
ID = 30mA
620pf
700pF
– OBSOLETE


Similar Part No. - DN2624ND

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
DN2625 SUTEX-DN2625 Datasheet
881Kb / 7P
   N-Channel Depletion-Mode Vertical DMOS FETs
logo
Microchip Technology
DN2625 MICROCHIP-DN2625 Datasheet
563Kb / 14P
   N-Channel Depletion-Mode Vertical DMOS FET in Single and Dual Options
11/07/16
DN2625DK4-G MICROCHIP-DN2625DK4-G Datasheet
563Kb / 14P
   N-Channel Depletion-Mode Vertical DMOS FET in Single and Dual Options
11/07/16
logo
Supertex, Inc
DN2625DK6-G SUTEX-DN2625DK6-G Datasheet
1,020Kb / 7P
   N-Channel Depletion-Mode Vertical DMOS FET in Single and Dual Options
logo
Microchip Technology
DN2625DK6-G MICROCHIP-DN2625DK6-G Datasheet
563Kb / 14P
   N-Channel Depletion-Mode Vertical DMOS FET in Single and Dual Options
11/07/16
More results

Similar Description - DN2624ND

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
DN3545 SUTEX-DN3545 Datasheet
102Kb / 4P
   N-Channel Depletion-Mode Vertical DMOS FETs
DN2640 SUTEX-DN2640 Datasheet
43Kb / 2P
   N-Channel Depletion-Mode Vertical DMOS FETs
DN3145 SUTEX-DN3145_07 Datasheet
393Kb / 3P
   N-Channel Depletion-Mode Vertical DMOS FETs
DN2625 SUTEX-DN2625 Datasheet
881Kb / 7P
   N-Channel Depletion-Mode Vertical DMOS FETs
DN2535 SUTEX-DN2535 Datasheet
90Kb / 4P
   N-Channel Depletion-Mode Vertical DMOS FETs
DN3125 SUTEX-DN3125 Datasheet
66Kb / 2P
   N-Channel Depletion-Mode Vertical DMOS FETs
DN2535 SUTEX-DN2535_07 Datasheet
730Kb / 6P
   N-Channel Depletion-Mode Vertical DMOS FETs
DN2540 SUTEX-DN2540_07 Datasheet
814Kb / 8P
   N-Channel Depletion-Mode Vertical DMOS FETs
logo
Clare, Inc.
CPC3730C CLARE-CPC3730C Datasheet
392Kb / 4P
   N-Channel Depletion-Mode Vertical DMOS FETs
logo
Supertex, Inc
DN2530 SUTEX-DN2530 Datasheet
87Kb / 4P
   N-Channel Depletion-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com