Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5508APAGG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TAS5508APAGG4
Description  8 Channel Digital Audio PWM Processor
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508APAGG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5508APAGG4 Datasheet HTML 7Page - Texas Instruments TAS5508APAGG4 Datasheet HTML 8Page - Texas Instruments TAS5508APAGG4 Datasheet HTML 9Page - Texas Instruments TAS5508APAGG4 Datasheet HTML 10Page - Texas Instruments TAS5508APAGG4 Datasheet HTML 11Page - Texas Instruments TAS5508APAGG4 Datasheet HTML 12Page - Texas Instruments TAS5508APAGG4 Datasheet HTML 13Page - Texas Instruments TAS5508APAGG4 Datasheet HTML 14Page - Texas Instruments TAS5508APAGG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 99 page
background image
Introduction
3
SLES119 − September 2004
TAS5508A
1.2
TAS5508A Features
1.2.1 Audio Input / Output
Automatic Master Clock Rate and Data Sample Rate Detection
Eight Serial Audio Input Channels
Eight PWM Audio Output Channels Configurable as Six Channels With Stereo Line Out or Eight Channels
Line Output is a PWM Output to Drive an External Differential Input Operational Amplifier
Headphone PWM Output to Drive an External Differential Amplifier Like the TPA112
PWM Outputs Support Single Ended and Bridge Tied Loads
32-, 38-, 44.1-, 48-, 88.2-, 96-, 176.4-, and 192-kHz Sampling Rates
Data Formats: 16-, 20-, or 24-bit input Data Left, Right and I2S,
64 x Fs Bit Clock Rate
128, 192, 256, 384, 512, and 768 x Fs Master Clock Rates (Up to a Maximum of 50 MHz)
1.2.2 Audio Processing
48-Bit Processing Architecture With 76 bits of Precision for Most Audio Processing Features
Volume Control Range +36 dB to – 127 dB
Master Volume Control Range of +18 dB to –100 dB
Eight Individual Channel Volume Control Range of +18-dB to −127-dB
Programmable Soft Volume and Mute Update Rates
Four Bass and Treble Tone Controls with ±18-dB Range, Selectable Corner Frequencies, and 2nd Order
Slopes
L, R, and C
LS, RS
LR, RR
Sub
Configurable Loudness Compensation
Two Dynamic Range Compressors With Two Thresholds, Two Offsets, and Three Slopes
Seven Bi-quads Per Channel
Full 8x8 Input Crossbar Mixer. Each Signal Processing Channel Input Can Be Any Ratio of the Eight Input
Channels
8x2 Output Mixer – Channels 1−6. Each Output Can Be Any Ratio of Any Two Signal Processed Channels
8x3 Output mixer – Channels 7 and 8. Each Output can be Any Ratio of Any Three Signal Processed
Channels
Three Coefficient Sets Stored on the Device Can be Selected Manually or Automatically (Based on
Specific Data Rates)
DC Blocking Filters
Able to Support a Variety of Bass Management Algorithms


Similar Part No. - TAS5508APAGG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5508 TI-TAS5508 Datasheet
1Mb / 101P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508 TI-TAS5508 Datasheet
1Mb / 84P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508 TI-TAS5508 Datasheet
1Mb / 105P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5508 TI-TAS5508 Datasheet
240Kb / 20P
[Old version datasheet]   PurePath Digital™ 5.1 Channel Evaluation Module for the TAS5508 Digital Audio PWM processor and TAS5122DCA Digital Amplifier Power Output Stage in Both Bridge-Tied-Load and Single-Ended Configuration
October 2004
TAS5508-5122C6EVM TI-TAS5508-5122C6EVM Datasheet
240Kb / 20P
[Old version datasheet]   PurePath Digital™ 5.1 Channel Evaluation Module for the TAS5508 Digital Audio PWM processor and TAS5122DCA Digital Amplifier Power Output Stage in Both Bridge-Tied-Load and Single-Ended Configuration
October 2004
More results

Similar Description - TAS5508APAGG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5508B TI-TAS5508B Datasheet
1Mb / 106P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5518C TI1-TAS5518C Datasheet
1Mb / 103P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5508PAGRG4 TI-TAS5508PAGRG4 Datasheet
1Mb / 105P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5028A TI-TAS5028A Datasheet
1Mb / 82P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508 TI-TAS5508 Datasheet
1Mb / 101P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5518 TI-TAS5518_06 Datasheet
1Mb / 103P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5028 TI-TAS5028 Datasheet
1Mb / 84P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508B TI1-TAS5508B_17 Datasheet
1Mb / 104P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5508C TI-TAS5508C Datasheet
1Mb / 107P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5518 TI-TAS5518 Datasheet
1Mb / 102P
[Old version datasheet]   TAS5518 8 Channel Digital Audio PWM Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com